Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


G0505XS-1W Datasheet(PDF) 4 Page - Microdc power Technology Co., Ltd

Part No. G0505XS-1W
Description  Isolated 1W Single&Dual Output DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICRODC [Microdc power Technology Co., Ltd]
Homepage  http://www.microdc.cn/
Logo 

   
 4 page
background image
H
H
H
H
H
H
H
H-X
-X
-X
-X
-X
-X
-X
-XS
S
S
S
S
S
S
S----
----1
1
1
1
1
1
1
1W
W
W
W
W
W
W
W&G
&G
&G
&G
&G
&G
&G
&G-X
-X
-X
-X
-X
-X
-X
-XS
S
S
S
S
S
S
S----
----1
1
1
1
1
1
1
1W
W
W
W
W
W
W
W S
Series
eries
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 4 of 4
PACKAGE
PACKAGE
PACKAGE
PACKAGE
PACKAGE
PACKAGE
PACKAGE
PACKAGE SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
SPECIFICATIONS
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL
MECHANICAL DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
SIP
SIP
SIP
SIP
SIP
SIP
SIP
SIP package
package
package
package
package
package
package
package
*Pin not fitted on single output variants.
All dimensions in inches ±0.01(mm±0.25mm).All pins on a 0.1(2.54) pitch and within ±0.01(0.25)of true
position.
Weight: 4.3g
PIN
PIN
PIN
PIN
PIN
PIN
PIN
PIN CONNECTIONS
CONNECTIONS
CONNECTIONS
CONNECTIONS
CONNECTIONS
CONNECTIONS
CONNECTIONS
CONNECTIONS
SINGLE
SINGLE
SINGLE
SINGLE
SINGLE
SINGLE
SINGLE
SINGLE OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
DUAL
DUAL
DUAL
DUAL
DUAL
DUAL
DUAL
DUAL OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
OUTPUT
PIN
PIN
PIN
PIN
PIN
PIN
PIN
PIN CONNECTIONS-7
CONNECTIONS-7
CONNECTIONS-7
CONNECTIONS-7
CONNECTIONS-7
CONNECTIONS-7
CONNECTIONS-7
CONNECTIONS-7 PIN
PIN
PIN
PIN
PIN
PIN
PIN
PIN SIP
SIP
SIP
SIP
SIP
SIP
SIP
SIP
pin
pin
pin
pin
Function
Function
Function
Function
1
1
+VIN
+VIN
2
2
-VIN
-VIN
5
5
-VOUT
-VOUT
7
7
+VOUT
+VOUT
PIN
PIN
PIN
PIN
PIN
PIN
PIN
PIN CONNECTIONS-7
CONNECTIONS-7
CONNECTIONS-7
CONNECTIONS-7
CONNECTIONS-7
CONNECTIONS-7
CONNECTIONS-7
CONNECTIONS-7 PIN
PIN
PIN
PIN
PIN
PIN
PIN
PIN SIP
SIP
SIP
SIP
SIP
SIP
SIP
SIP
pin
pin
pin
pin
Function
Function
Function
Function
1
1
+VIN
+VIN
2
2
-VIN
-VIN
5
5
-VOUT
-VOUT
6
6
0V
0V
7
7
+VOUT
+VOUT
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED
RECOMMENDED FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT
FOOTPRINT DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
DETAILS
7
7
7
7 Pin
Pin
Pin
Pin SIP
SIP
SIP
SIP Package
Package
Package
Package
*Hole not required for single output variants.
Unless otherwise stated all dimensions in inches ±0.01(mm ±0.25mm).
TUBE
TUBE
TUBE
TUBE
TUBE
TUBE
TUBE
TUBE OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE
OUTLINE DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
DIMENSIONS
7
7
7
7 Pin
Pin
Pin
Pin SIP
SIP
SIP
SIP Tube
Tube
Tube
Tube
Unless otherwise stated all dimensions in inches ±0.02(mm ±0.5mm).
Tube length(7 Pin SIP):20.669(525mm±2mm).
Tube Quantity:25
Microdc Professional Power Module,Inc.
Tel:0086-20-86000646
E-mail:tech@microdc.cn
Website:http://www.microdc.cn
Microdc Professional Power module,Inc.makes no representation that
the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or
future patent rights. Specifications are subject to change without notice.
2010
Microdc Professional Power Module, Inc. Guangzhou
RoHS
RoHS
RoHS
RoHS COMPLIANT
COMPLIANT
COMPLIANT
COMPLIANT INFORMATION
INFORMATION
INFORMATION
INFORMATION
This series is compatible with RoHS soldering systems with a peak wave
solder temperature of 300°C for 10 seconds.
The pin termination finish on the SIP package type is Tin Plate, Hot Dipped
over Matte Tin with Nickel Preplate. The DIP types are Matte Tin over
Nickel Preplate. Both types in this series are backward compatible with
Sn/Pb soldering systems.
REACH
REACH
REACH
REACH COMPLIANT
COMPLIANT
COMPLIANT
COMPLIANT INFORMATION
INFORMATION
INFORMATION
INFORMATION
This series has proven that this product does not contain harmful
chemicals, it
also has harmful chemical substances through the
registration, inspection and approval.




Html Pages

1  2  3  4 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl