Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A0512XT-1W Datasheet(PDF) 2 Page - Microdc power Technology Co., Ltd

Part # A0512XT-1W
Description  1W, FIXEDINPUT, ISOLATED DUALOUTPUTSMDC-DCCONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

A0512XT-1W Datasheet(HTML) 2 Page - Microdc power Technology Co., Ltd

  A0512XT-1W Datasheet HTML 1Page - Microdc power Technology Co., Ltd A0512XT-1W Datasheet HTML 2Page - Microdc power Technology Co., Ltd A0512XT-1W Datasheet HTML 3Page - Microdc power Technology Co., Ltd A0512XT-1W Datasheet HTML 4Page - Microdc power Technology Co., Ltd A0512XT-1W Datasheet HTML 5Page - Microdc power Technology Co., Ltd A0512XT-1W Datasheet HTML 6Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
A
A
A
A
A
A
A-XT-1W
-XT-1W
-XT-1W
-XT-1W
-XT-1W
-XT-1W
-XT-1W
-XT-1W Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 2 of 6
Output
Output
Output
Output
Output
Output
Output
Output Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Specifications
Parameter
Conditions
Min.
Typ.
Max.
Units
Rated Power
TA=-40°C to 85°C
1.0
W
Voltage Set Point
See tolerance envelope
Line regulation
High VIN to low VIN
1.0
1.2
%%
Load regulation1
10% load to rated load, 0303& 0503
10
15
%
10% load to rated load, 5V output types
10
12
%
10% load to rated load, 0309
9.0
10
%
10% load to rated load, 0509 & 1209
6.5
8.0
%
10% load to rated load, 0312 & 0315
11
14
%
10% load to rated load, 0512 & 1212
6.0
8.5
%
10% load to rated load, 0515 & 1215
6.0
7.0
%
Ripple&Noise
BW=DC to 20MHz, 3.3V output types, A0305 & A0505
40
80
mV p-p
BW=DC to 20MHz, all other 5V output types
50
100
mV p-p
BW=DC to 20MHz, 9V output types
35
80
mV p-p
BW=DC to 20MHz, 12V output types
50
110
mV p-p
BW=DC to 20MHz, 15V output types
65
110
mV p-p
Note:1、12V input types have typically 3% less load regulation change.
Temperature
Temperature
Temperature
Temperature
Temperature
Temperature
Temperature
Temperature Characteristics
Characteristics
Characteristics
Characteristics
Characteristics
Characteristics
Characteristics
Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Units
Specification
All output types
-40
85
Storage
-55
125
Case temperature rise
above
ambient
0305, 0505, 0312, 0315
19
0303, 0309, 0503
25
0505, 1205
46
All other variants
35
Cooling
Free air convection
Technical
Technical
Technical
Technical
Technical
Technical
Technical
Technical notes
notes
notes
notes
notes
notes
notes
notes
ISOLATION
ISOLATION
ISOLATION
ISOLATION VOLTAGE
VOLTAGE
VOLTAGE
VOLTAGE
‘Hi Pot Test’、“Flash Tested’、”Withstand Voltage“、‘Proof Voltage”、“Dielectric Withstand Voltage'&'Isolation Test Voltage”are all terms that relate to the same thing, a test voltage, applied for a specified
time, across a component designed to provide electrical isolation, to verify the integrity of that isolation.
Professional Power Module A-XT series of DC/DC converters are all 100% production tested at their stated isolation voltage. This is 1kVDC for 1 second.
A question commonly asked is, “What is the continuous voltage that can be applied across the part in normal operation?”
For a part holding no specifi c agency approvals, such as the A-XT series, both input and output should normally be maintained within SELV limits i.e. less than 42.4V peak, or 60VDC. The isolation test voltage
represents a measure of immunity to transient voltages and the part should never be used as an element of a safety isolation system. The part could be expected to function correctly with several hundred volts
offset applied continuously across the isolation barrier; but then the circuitry on both sides of the barrier must be regarded as operating at an unsafe voltage and further isolation/insulation systems must form a
barrier between these circuits and any user-accessible circuitry according to safety standard requirements.
REPEATED
REPEATED
REPEATED
REPEATED HIGH-VOLTAGE
HIGH-VOLTAGE
HIGH-VOLTAGE
HIGH-VOLTAGE ISOLATION
ISOLATION
ISOLATION
ISOLATION TESTING
TESTING
TESTING
TESTING
It is well known that repeated high-voltage isolation testing of a barrier component can actually degrade isolation capability, to a lesser or greater degree depending on materials, construction and environment.
The A-XT series has toroidal isolation transformers, with no additional insulation between primary and secondary windings of enameled wire.
While parts can be expected to withstand several times the stated
test voltage, the isolation capability does depend on the wire insulation. Any material, including this enamel (typically polyurethane) is susceptible to eventual chemical degradation when subject to very high
applied voltages thus implying that the number of tests should be strictly limited. We therefore strongly advise against repeated high voltage isolation testing, but if it is absolutely required, that the voltage be
reduced by 20% from specifi ed test voltage.
This consideration equally applies to agency recognized parts rated for better than functional isolation where the wire enamel insulation is always supplemented by a further
insulation system of physical spacing or barriers.
Temperature
Temperature
Temperature
Temperature
Temperature
Temperature
Temperature
Temperature derating
derating
derating
derating
derating
derating
derating
derating graph
graph
graph
graph
graph
graph
graph
graph


Similar Part No. - A0512XT-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
A0512XT-1WR2 MORNSUN-A0512XT-1WR2 Datasheet
314Kb / 4P
   DC/DC Converter
A0512XT-1WR2 MORNSUN-A0512XT-1WR2 Datasheet
334Kb / 5P
   DC/DC Converter
A0512XT-1WR2 MORNSUN-A0512XT-1WR2 Datasheet
758Kb / 5P
   UNREGULATED DUAL OUTPUT
A0512XT-1WR2 MORNSUN-A0512XT-1WR2 Datasheet
266Kb / 5P
   DC/DC Converter
A0512XT-1WR3 MORNSUN-A0512XT-1WR3 Datasheet
660Kb / 4P
   1W, Fixed input voltage, isolated & unregulated dual output
More results

Similar Description - A0512XT-1W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
B-NXT-1W MICRODC-B-NXT-1W Datasheet
1Mb / 6P
   1W, FIXEDINPUT, ISOLATED SINGLEOUTPUTSMDC-DCCONVERTER
F-XT-1W MICRODC-F-XT-1W Datasheet
859Kb / 3P
   1W, FIXEDINPUT, ISOLATED SINGLE/DUALOUTPUTDC-DCCONVERTER
NTE-X MICRODC-NTE-X Datasheet
972Kb / 6P
   1W, FIXEDINPUT, ISOLATED SINGLEOUTPUTSMD DC-DCCONVERTER
MD-XD-6W MICRODC-MD-XD-6W Datasheet
930Kb / 3P
   6W, FIXEDINPUT ISOLATED & REGULATED TWINOUTPUTDIP24 DC-DCCONVERTER
NTA-X MICRODC-NTA-X Datasheet
1Mb / 6P
   1W, FIXEDINPUT, ISOLATED DUALOUTPUT SMD DC-DC CONVERTER
WRE-YS-1W MICRODC-WRE-YS-1W Datasheet
742Kb / 3P
   1W,WIDEINPUT,ISOLATED®ULATED DUAL/SINGLEOUTPUTDC-DCCONVERTER
WRB-YT-1W MICRODC-WRB-YT-1W Datasheet
1Mb / 5P
   1W,WIDE INPUT, ISOLATED & REGULATEDSINGLEOUTPUT DC/DCCONVERTER
D-XNM-1W MICRODC-D-XNM-1W Datasheet
580Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED & UNREGULATEDTWINOUTPUTDC-DCCONVERTER
D-XM-1W MICRODC-D-XM-1W Datasheet
586Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED & UNREGULATEDTWINOUTPUTDC-DCCONVERTER
D-NXT-1W MICRODC-D-NXT-1W Datasheet
557Kb / 3P
   1W,FIXEDINPUT, ISOLATED & UNREGULATEDTWIN OUTPUT ULTRAMINIATURESMD PACKAGE DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com