Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A0503XT-1W Datasheet(PDF) 1 Page - Microdc power Technology Co., Ltd

Part # A0503XT-1W
Description  1W, FIXEDINPUT, ISOLATED DUALOUTPUTSMDC-DCCONVERTER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRODC [Microdc power Technology Co., Ltd]
Direct Link  http://www.microdc.cn/
Logo MICRODC - Microdc power Technology Co., Ltd

A0503XT-1W Datasheet(HTML) 1 Page - Microdc power Technology Co., Ltd

  A0503XT-1W Datasheet HTML 1Page - Microdc power Technology Co., Ltd A0503XT-1W Datasheet HTML 2Page - Microdc power Technology Co., Ltd A0503XT-1W Datasheet HTML 3Page - Microdc power Technology Co., Ltd A0503XT-1W Datasheet HTML 4Page - Microdc power Technology Co., Ltd A0503XT-1W Datasheet HTML 5Page - Microdc power Technology Co., Ltd A0503XT-1W Datasheet HTML 6Page - Microdc power Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
A
A
A
A
A
A
A
A-XT-1W
-XT-1W
-XT-1W
-XT-1W
-XT-1W
-XT-1W
-XT-1W
-XT-1W Series
Series
http://www.microdc.cn
Technical Enquiries-Email:tech@microdc.cn Tel:0086-20-86000646
Page 1 of 6
Order code
Input
Output
Efficiency
Isolation
Capacitance
MTTF1
Voltage(VDC)
Current (mA)
Voltage
(VDC)
Current
(mA)
(%.Typ.)
Nominal
Rated Load
pF
KHrs
A0303XT-1W
3.3
402
±3.3
±152
81
29
1005
A0305XT-1W
3.3
388
±5
±100
83
30
399
A0309XT-1W
3.3
405
±9
±55
74
34
827
A0312XT-1W
3.3
390
±12
±42
76
40
375
A0315XT-1W
3.3
392
±15
±33
81
42
206
A0503XT-1W
5
259
±3.3
±152
85
31
964
A0505XT-1W
5
290
±5
±100
83
33
1697
A0505NXT-1W
5
251
±5
±100
86
42
367
A0509XT-1W
5
267
±9
±55
85
38
682
A0512XT-1W
5
260
±12
±42
74
44
343
A0515XT-1W
5
256
±15
±33
78
43
188
A1205XT-1W
12
121
±5
±100
80
50
559
A1209XT-1W
12
113
±9
±55
80
72
375
A1212XT-1W
12
111
±12
±42
85
89
243
A1215XT-1W
12
110
±15
±33
81
100
154
1. Calculated using MIL-HDBK-217F with nominal input voltage at full load.
All specifications typical at TA=25℃, nominal input voltage and rated output current unless otherwise specified.
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL
MODEL SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
A
A
A
A
A
A
A
A
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
05
X
X
X
X
X
X
X
X
T
T
T
T
T
T
T
T
--------1W
1W
1W
1W
1W
1W
1W
1W
①Product Series
②Input Voltage
③Output Voltage
④Fixed Input
⑤SMD Package
⑥Rated Power
1
1
1
1W,
W,
W,
W, FIXED
FIXED
FIXED
FIXED INPUT,
INPUT,
INPUT,
INPUT, ISOLATED
ISOLATED
ISOLATED
ISOLATED DUAL
DUAL
DUAL
DUAL OUTPUT
OUTPUT
OUTPUT
OUTPUT SM
SM
SM
SM DC
DC
DC
DC----DC
DC
DC
DC CONVERTER
CONVERTER
CONVERTER
CONVERTER
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
FEATURES
Footprint over pins 1.64cm
Short Circuit Protection(automatic recovery)
I/O isolation voltage 1000VDC
Operating Temperature: -40℃~﹢85℃
High efficiency up to 78%
Toroidal magnetics
Small SMD package with footprint
Power density 1.36W/cm
3
Lead frame technology
Multi-layer ceramic capacitors
Custom solutions available
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
APPLICATIONS
MICRODC reserves the copyright
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION
SELECTION GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
GUIDE
The A-XT-1W series are miniature,1W
DC/DC converters with high isolation in a
SMD package. With a new package design
these converters are qualified for the higher
temperatures requested by lead-free reflow
solder processes. With the small footprint,
these converters are the ideal solution for
board level power distribution,mainly for
applications in the industrial and telecom
field. For automated SMD production lines
the devices can be supplied in standard
tape and reel package.
Input
Input
Input
Input
Input
Input
Input
Input Characteristics
Characteristics
Characteristics
Characteristics
Characteristics
Characteristics
Characteristics
Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage range
Continuous operation, 3V input
2.97
3.3
3.63
VDC
Continuous operation, 5V input
4.5
5
5.5
VDC
Continuous operation, 12V input
10.8
12
13.2
VDC
Start up time
41
50
mA p-p
I
I
I
I
I
I
I
Isolation
solation
solation
solation
solation
solation
solation
solation Characteristics
Characteristics
Characteristics
Characteristics
Characteristics
Characteristics
Characteristics
Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation voltage
Flash tested for 1 second
1000
VDC
Resistance
Viso= 1000VDC
10
GΩ
General
General
General
General
General
General
General
General Characteristics
Characteristics
Characteristics
Characteristics
Characteristics
Characteristics
Characteristics
Characteristics
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
0312, 0315
100
kHz
0303, 0305, 0503, 0505
110
kHz
All other variants
115
kHz
Absolute
Absolute
Absolute
Absolute
Absolute
Absolute
Absolute
Absolute Maximum
Maximum
Maximum
Maximum
Maximum
Maximum
Maximum
Maximum Ratings
Ratings
Ratings
Ratings
Ratings
Ratings
Ratings
Ratings
Parameter
Conditions
Lead temperature 1.5mm from case for 10 seconds
300℃
Internal power dissipation
700mW
Input voltage V , A03 types
5.5V
Input voltage Vin, A05 types
7V
Input voltage Vin, A12 types
15V


Similar Part No. - A0503XT-1W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
A0503XT-W2 MORNSUN-A0503XT-W2 Datasheet
109Kb / 2P
   DUAL OUTPUT, SMD DC-DC CONVERTER
More results

Similar Description - A0503XT-1W

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
B-NXT-1W MICRODC-B-NXT-1W Datasheet
1Mb / 6P
   1W, FIXEDINPUT, ISOLATED SINGLEOUTPUTSMDC-DCCONVERTER
F-XT-1W MICRODC-F-XT-1W Datasheet
859Kb / 3P
   1W, FIXEDINPUT, ISOLATED SINGLE/DUALOUTPUTDC-DCCONVERTER
NTE-X MICRODC-NTE-X Datasheet
972Kb / 6P
   1W, FIXEDINPUT, ISOLATED SINGLEOUTPUTSMD DC-DCCONVERTER
MD-XD-6W MICRODC-MD-XD-6W Datasheet
930Kb / 3P
   6W, FIXEDINPUT ISOLATED & REGULATED TWINOUTPUTDIP24 DC-DCCONVERTER
NTA-X MICRODC-NTA-X Datasheet
1Mb / 6P
   1W, FIXEDINPUT, ISOLATED DUALOUTPUT SMD DC-DC CONVERTER
WRE-YS-1W MICRODC-WRE-YS-1W Datasheet
742Kb / 3P
   1W,WIDEINPUT,ISOLATED®ULATED DUAL/SINGLEOUTPUTDC-DCCONVERTER
WRB-YT-1W MICRODC-WRB-YT-1W Datasheet
1Mb / 5P
   1W,WIDE INPUT, ISOLATED & REGULATEDSINGLEOUTPUT DC/DCCONVERTER
D-XNM-1W MICRODC-D-XNM-1W Datasheet
580Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED & UNREGULATEDTWINOUTPUTDC-DCCONVERTER
D-XM-1W MICRODC-D-XM-1W Datasheet
586Kb / 3P
   1W,FIXED INPUT,1000V ISOLATED & UNREGULATEDTWINOUTPUTDC-DCCONVERTER
D-NXT-1W MICRODC-D-NXT-1W Datasheet
557Kb / 3P
   1W,FIXEDINPUT, ISOLATED & UNREGULATEDTWIN OUTPUT ULTRAMINIATURESMD PACKAGE DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com