Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOZ8535 Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors

Part # AOZ8535
Description  6-Line EMI Filter with Integrated ESD Protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ8535 Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors

  AOZ8535 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ8535 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ8535 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ8535 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ8535 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ8535 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ8535 Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
AOZ8535
Rev. 1.6 January 2010
www.aosmd.com
Page 3 of 7
Absolute Maximum Ratings
Exceeding the Absolute Maximum ratings may damage the device.
Notes:
1. IEC 61000-4-2 discharge with CDischarge = 150pF, RDischarge = 330.
2. Human Body Discharge per MIL-STD-883, Method 3015 CDischarge = 100pF, RDischarge = 1.5k.
Electrical Characteristics
TA = 25°C unless otherwise specified.
Notes:
3. The working peak reverse voltage, VRWM, should be equal to or greater than the DC or continuous peak operating voltage level.
4. VBR is measured at the pulse test current IT.
5. Measurements performed using a 100ns Transmission Line Pulse (TLP) system.
6. Guaranteed by design. Not 100% tested in production.
Parameter
Rating
Storage Temperature (TS)
-65°C to +150°C
ESD Rating per IEC61000-4-2, contact(1)
±24kV
ESD Rating per IEC61000-4-2, air(1)
±30kV
ESD Rating per Human Body Model(2)
±30kV
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VRWM
Reverse Working Voltage
(3)
5.0
V
VBR
Reverse Breakdown Volt-
age
IT = 1mA(4)
678
V
IR
Reverse Leakage Current
VRWM = 3.3V
0.1
µA
VCL
Signal Clamp Voltage
ILOAD = 1A, positive clamp(5)(6)
ILOAD = 1A, negative clamp(5)(6)
10.0
-2
V
ILOAD = 5A, positive clamp(5)(6)
ILOAD = 5A, negative clamp(5)(6)
11.0
-2.5
ILOAD = 12A, positive clamp(5)(6)
ILOAD = 12A, negative clamp(5)(6)
12.0
-2.75
LCH
Inductance
17
nH
CCH
Capacitance
C1, C2(6)
16
18
pF
fC
Cut-off Frequency
Measured with 50
source and 50load
termination at -6dB
450
MHz
Attenuation from 800MHz
to 5.0GHz
VR = 0V Measured with 50source and 50
load termination
-25
dB


Similar Part No. - AOZ8535

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8530 AOSMD-AOZ8530 Datasheet
341Kb / 7P
   8-Line EMI Filter with Integrated ESD Protection
AOZ8533 AOSMD-AOZ8533 Datasheet
310Kb / 7P
   4-Line EMI Filter with Integrated ESD Protection
More results

Similar Description - AOZ8535

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8015 AOSMD-AOZ8015 Datasheet
315Kb / 7P
   6-Line EMI Filter with Integrated ESD Protection
AOZ8035 AOSMD-AOZ8035 Datasheet
352Kb / 7P
   6-Line EMI Filter with Integrated ESD Protection
AOZ8025 AOSMD-AOZ8025 Datasheet
309Kb / 8P
   6-Line EMI Filter with Integrated ESD Protection
AOZ8175 AOSMD-AOZ8175 Datasheet
303Kb / 7P
   6-Line EMI Filter with Integrated ESD Protection
logo
Alpha Industries
AOZ8045 ALPHA-AOZ8045 Datasheet
348Kb / 7P
   6-Line EMI Filter with Integrated ESD Protection
logo
Alpha & Omega Semicondu...
AOZ8075 AOSMD-AOZ8075 Datasheet
336Kb / 7P
   6-Line EMI Filter with Integrated ESD Protection
logo
ON Semiconductor
NUF6010MU ONSEMI-NUF6010MU Datasheet
80Kb / 4P
   6 Line EMI Filter with ESD Protection
October, 2007 - Rev. 3
NUF6410MN ONSEMI-NUF6410MN Datasheet
76Kb / 4P
   6 Line EMI Filter with ESD Protection
October, 2007 - Rev. 2
NUF6401MN ONSEMI-NUF6401MN_06 Datasheet
50Kb / 4P
   6 Line EMI Filter with ESD Protection
July, 2006 ??Rev. 4
logo
Alpha & Omega Semicondu...
AOZ8010 AOSMD-AOZ8010 Datasheet
299Kb / 7P
   8-Line EMI Filter with Integrated ESD Protection
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com