Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR30150FCT Datasheet(PDF) 2 Page - Sirectifier Global Corp.

Part # MBR30150FCT
Description  Power Schottky Rectifier - 30Amp 150Volt
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

MBR30150FCT Datasheet(HTML) 2 Page - Sirectifier Global Corp.

  MBR30150FCT Datasheet HTML 1Page - Sirectifier Global Corp. MBR30150FCT Datasheet HTML 2Page - Sirectifier Global Corp. MBR30150FCT Datasheet HTML 3Page - Sirectifier Global Corp. MBR30150FCT Datasheet HTML 4Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
http:// www.sirectsemi.com
0
5
15
20
175
AMBIENT TEMPERATURE (ºC)
Figure 1. Forward Current Derating Curve
10
150
125
100
75
50
25
NUMBER OF CYCLES AT 60Hz
Figure 2. Maximum Non-repetitive Surge Current
100
50
20
10
5
2
1
0
400
200
100
300
8.3ms Single Half-Sine-Wave
(JEDEC METHOD)
0.001
0.01
0.1
1
10
100
20
40
60
80
100
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
Figure 3. Typical Reverse Characteristics
0
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
Figure 4. Typical Forward Characteristics
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.1
1.0
10
100
REVERSE VOLTAGE, VOLTS
Figure 5. Typical Junction Capacitance
0.1
1
4
10
100
10
100
1000
TJ = 25ºC
f = 1MHz
MBR30150CT/FCT/PT
Sirectifier Global Corp., Delaware, U.S.A.
U.S.A.: sgc@sirectsemi.com
France: ss@sirectsemi.com
Taiwan: se@sirectsemi.com
Hong Kong: hk@sirectsemi.com
China: st@sirectsemi.com Thailand: th@sirectsemi.com
Philippines: aiac@sirectsemi.com Belize: belize@sirectsemi.com


Similar Part No. - MBR30150FCT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR30150FCT MCC-MBR30150FCT Datasheet
114Kb / 3P
   30 Amp Schottky Barrier Rectifier 150 Volts
logo
Pan Jit International I...
MBR30150FCT PANJIT-MBR30150FCT Datasheet
50Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Compact Technology Corp...
MBR30150FCT CTC-MBR30150FCT Datasheet
187Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Frontier Electronics.
MBR30150FCT FRONTIER-MBR30150FCT Datasheet
526Kb / 2P
   30A SCHOTTKY BARRIER RECTIFIERS
logo
Jiangsu Changjiang Elec...
MBR30150FCT JIANGSU-MBR30150FCT Datasheet
614Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBR30150FCT

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
MBR30B150CTH SIRECT-MBR30B150CTH Datasheet
146Kb / 3P
   Power Schottky Rectifier - 30Amp 150Volt
MBR30150CT SIRECT-MBR30150CT Datasheet
146Kb / 3P
   Power Schottky Rectifier - 30Amp 150Volt
MBR30A150CTH SIRECT-MBR30A150CTH Datasheet
146Kb / 3P
   Power Schottky Rectifier - 30Amp 150Volt
MBR30U150CTH SIRECT-MBR30U150CTH Datasheet
146Kb / 3P
   Power Schottky Rectifier - 30Amp 150Volt
MBR10X150CTH SIRECT-MBR10X150CTH Datasheet
138Kb / 3P
   Power Schottky Rectifier - 10Amp 150Volt
MBR20U150CTH SIRECT-MBR20U150CTH Datasheet
144Kb / 4P
   Power Schottky Rectifier - 20Amp 150Volt
MBR10B150CTH SIRECT-MBR10B150CTH Datasheet
145Kb / 4P
   Power Schottky Rectifier - 10Amp 150Volt
MBR20B150CTH SIRECT-MBR20B150CTH Datasheet
145Kb / 4P
   Power Schottky Rectifier - 20Amp 150Volt
SB10150FC SIRECT-SB10150FC Datasheet
178Kb / 3P
   Power Schottky Rectifier - 10Amp 150Volt
MBR20L150CT SIRECT-MBR20L150CT Datasheet
189Kb / 3P
   Power Schottky Rectifier - 20Amp 150Volt
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com