Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR20100CT Datasheet(PDF) 3 Page - Sirectifier Global Corp.

Part # MBR20100CT
Description  Power Schottky Rectifier - 20Amp 100Volt
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIRECT [Sirectifier Global Corp.]
Direct Link  http://www.sirectsemi.com
Logo SIRECT - Sirectifier Global Corp.

MBR20100CT Datasheet(HTML) 3 Page - Sirectifier Global Corp.

  MBR20100CT_12 Datasheet HTML 1Page - Sirectifier Global Corp. MBR20100CT_12 Datasheet HTML 2Page - Sirectifier Global Corp. MBR20100CT_12 Datasheet HTML 3Page - Sirectifier Global Corp. MBR20100CT_12 Datasheet HTML 4Page - Sirectifier Global Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
http:// www.sirectsemi.com
MBR20100CT
TO-220AB
B
D
E
F
H
H
I
C
N
J
G
A
M
L
K
O
A1
A2
K
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.579
.606
14.70
15.40
B
.392
.411
9.95
10.45
C
.104
.116
2.65
2.95
D
.248
.272
6.30
6.90
E
.325
.350
8.25
8.90
F
.126
.157
3.20
4.00
G
.492
.551
12.50
14.00
H
.096
.108
2.45
2.75
I
.028
.039
0.70
1.00
J
.010
.022
0.25
0.55
K
.146
.157
3.70
4.00
L
.167
.187
4.25
4.75
M
.045
.057
1.15
1.45
N
.089
.114
2.25
2.90
O
.047
.055
1.20
1.40
MBR20100FCT
ITO-220AB
B
D
E
F
H
H
I
C
N
J
G
A
M
L
K
O
P
A1
A2
K
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.577
.600
14.65
15.25
B
.386
.406
9.80
10.30
C
.098
.114
2.50
2.90
D
.258
.274
6.55
6.95
E
.315
.331
8.00
8.40
F
.110
.161
2.80
4.10
G
.508
.571
12.90
14.50
H
.089
.106
2.25
2.70
I
.020
.033
0.50
0.85
J
.020
.028
0.50
0.70
K
.120
.138
3.05
3.50
L
.169
.185
4.30
4.70
M
.051
.063
1.30
1.60
N
.079
.112
2.00
2.85
O
.043
.055
1.10
1.40
P
.051
.071
1.30
1.80
MBR20100CT/FCT/CR/CG


Similar Part No. - MBR20100CT_12

ManufacturerPart #DatasheetDescription
logo
International Rectifier
MBR20100CT-1 IRF-MBR20100CT-1 Datasheet
206Kb / 7P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
MBR20100CT-1 VISHAY-MBR20100CT-1 Datasheet
132Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 21-Aug-08
logo
Sensitron
MBR20100CT-1-G SENSITRON-MBR20100CT-1-G Datasheet
103Kb / 4P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
MBR20100CT-1P VISHAY-MBR20100CT-1P Datasheet
135Kb / 6P
   Schottky Rectifier, 2 x 10 A
Revision: 14-Aug-08
MBR20100CT-1P VISHAY-MBR20100CT-1P Datasheet
180Kb / 8P
   Schottky Rectifier, 2 x 10 A
Revision: 16-Mar-10
More results

Similar Description - MBR20100CT_12

ManufacturerPart #DatasheetDescription
logo
Sirectifier Global Corp...
MBR20U100CTH SIRECT-MBR20U100CTH Datasheet
180Kb / 2P
   Power Schottky Rectifier - 20Amp 100Volt
MBR20HL100CT SIRECT-MBR20HL100CT Datasheet
180Kb / 2P
   Power Schottky Rectifier - 20Amp 100Volt
MBR20B100CTH SIRECT-MBR20B100CTH Datasheet
145Kb / 4P
   Power Schottky Rectifier - 20Amp 100Volt
MBR20U100CTH SIRECT-MBR20U100CTH Datasheet
145Kb / 4P
   Power Schottky Rectifier - 20Amp 100Volt
MBR20U100FCTH SIRECT-MBR20U100FCTH Datasheet
180Kb / 2P
   Power Schottky Rectifier - 20Amp 100Volt
MBR20BS100CTH SIRECT-MBR20BS100CTH Datasheet
131Kb / 3P
   Power Schottky Rectifier - 20Amp 100Volt
MBR20D100CTH SIRECT-MBR20D100CTH Datasheet
138Kb / 3P
   Power Schottky Rectifier - 20Amp 100Volt
MBR20X100CTH SIRECT-MBR20X100CTH Datasheet
137Kb / 3P
   Power Schottky Rectifier - 20Amp 100Volt
MBR20100FCT SIRECT-MBR20100FCT Datasheet
180Kb / 2P
   Power Schottky Rectifier - 20Amp 100Volt
MBR20A100CTH SIRECT-MBR20A100CTH Datasheet
147Kb / 4P
   Power Schottky Rectifier - 20Amp 100Volt
MBR20C100CTH SIRECT-MBR20C100CTH Datasheet
134Kb / 3P
   Power Schottky Rectifier - 20Amp 100Volt
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com