Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP1148AR Datasheet(PDF) 5 Page - Analog Devices

Part # ADP1148AR
Description  High Efficiency Synchronous Step-Down Switching Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1148AR Datasheet(HTML) 5 Page - Analog Devices

  ADP1148AR Datasheet HTML 1Page - Analog Devices ADP1148AR Datasheet HTML 2Page - Analog Devices ADP1148AR Datasheet HTML 3Page - Analog Devices ADP1148AR Datasheet HTML 4Page - Analog Devices ADP1148AR Datasheet HTML 5Page - Analog Devices ADP1148AR Datasheet HTML 6Page - Analog Devices ADP1148AR Datasheet HTML 7Page - Analog Devices ADP1148AR Datasheet HTML 8Page - Analog Devices ADP1148AR Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Typical Performance Characteristics–ADP1148, ADP1148-3.3, ADP1148-5
–5–
REV. A
MAXIMUM OUTPUT CURRENT – A
200
0
0
5
123
4
150
100
50
Figure 3. Selecting RSENSE vs. Maxi-
mum Output Current
OUTPUT CURRENT – A
100
95
80
0.01
0.03
3.0
0.1
0.3
1.0
90
85
I Q
GATE CHARGE
I 2R
Figure 6. Typical Efficiency Losses
LOAD CURRENT – A
60
40
–60
0
0.5
2.5
1.0
1.5
2.0
20
0
–20
–40
FIGURE 1 CIRCUIT
VIN = 6V
VIN = 12V
Figure 9. Load Regulation
L = 50 H
RSENSE = 0.02
L = 25 H
RSENSE = 0.02
L = 50 H
RSENSE = 0.05
(VIN–VOUT) VOLTAGE – V
1000
800
0
05
234
1
600
400
200
Figure 5. Selecting Minimum Output
Capacitor vs. (VIN–VOUT) and Inductor
VIN
+40
+20
–60
04
16
6
8
10
12
14
0
–20
–40
FIGURE 1 CIRCUIT
ILOAD = 1A
ILOAD = 0.1A
Figure 8. ADP1148-5 Output Voltage
Change vs. Input Voltage
VSHUTDOWN = 2V
INPUT VOLTAGE – V
30
0
46
20
810
12
14
16
18
25
20
15
10
5
Figure 11. Supply Current in Shutdown
FREQUENCY – kHz
1000
0
0
300
100
200
400
200
800
600
VIN = 12V
VIN = 10V
VIN = 7V
VSENSE = VOUT = 5V
Figure 4. Operating Frequency vs.
Timing Capacitor Value
INPUT VOLTAGE – V
100
86
80
020
4
8
12
16
98
88
84
82
92
90
96
94
FIGURE 1 CIRCUIT
ILOAD = 1A
ILOAD = 100mA
Figure 7. Efficiency vs. Input Voltage
INPUT VOLTAGE – V
1.6
0.0
46
20
ACTIVE MODE
SLEEP MODE
8
10
12141618
1.4
0.8
0.6
0.4
0.2
1.2
1.0
Figure 10. DC Supply Current


Similar Part No. - ADP1148AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1148 AD-ADP1148_15 Datasheet
796Kb / 16P
   High Efficiency Synchronous Step-Down Switching Regulators
REV. A
More results

Similar Description - ADP1148AR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1148 LINER-LTC1148 Datasheet
384Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148-5 LINER-LTC1148-5_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149 LINER-LTC1149_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1159 LINER-LTC1159_15 Datasheet
290Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_04 Datasheet
237Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1148 LINER-LTC1148_15 Datasheet
247Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149-3.3 LINER-LTC1149-3.3_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1159 LINER-LTC1159 Datasheet
400Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149-5 LINER-LTC1149-5_15 Datasheet
333Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
LTC1149 LINER-LTC1149 Datasheet
389Kb / 20P
   High Efficiency Synchronous Step-Down Switching Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com