Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2743009111 Datasheet(PDF) 2 Page - Fair-Rite Products Corp.

Part # 2743009111
Description  43 BEAD ON LEAD
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIR-RITE [Fair-Rite Products Corp.]
Direct Link  http://www.fair-rite.com
Logo FAIR-RITE - Fair-Rite Products Corp.

2743009111 Datasheet(HTML) 2 Page - Fair-Rite Products Corp.

  2743009111 Datasheet HTML 1Page - Fair-Rite Products Corp. 2743009111 Datasheet HTML 2Page - Fair-Rite Products Corp. 2743009111 Datasheet HTML 3Page - Fair-Rite Products Corp. 2743009111 Datasheet HTML 4Page - Fair-Rite Products Corp. 2743009111 Datasheet HTML 5Page - Fair-Rite Products Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Fair-Rite Products Corp. PO Box J,One Commercial Row, Wallkill, NY 12589-0288
Phone: (888) 324-7748 www.fair-rite.com
Fair-Rite Product's Catalog
Part Data Sheet, 2743009111
Printed: 2010-11-09
Mechanical Specifications
Dim
mm
mm
nominal
inch
tol
inch
misc.
A
3.50
±0.25
0.138
-
B
62.00
±1.50
2.440
-
C
13.80
±0.50
0.545
-
D
0.65
-
-
22 AWG
E
-
-
-
-
F
-
-
-
-
G
-
-
-
-
H
-
-
-
-
J
-
-
-
-
K
-
-
-
-
Land Patterns
V
W
X
Y
Z
ref
-
-
-
-
-
-
-
-
-
-
Winding Information
Turns
Wire
1st Wire
2nd Wire
Tested
Size
Length
Length
-
-
-
-
Reel Information
Tape Width Pitch
Parts 7 ''
Parts 13 '' Parts 14 ''
mm
mm
Reel
Reel
Reel
-
-
-
-
-
Package Size
Pkg Size
-
(-)
Electrical Specifications
Typical Impedance ( )
10 MHz
86
25 MHz+
143
100 MHz+
220
250 MHz
196
Connector Plate
# Holes
# Rows
-
-
Electrical Properties
Legend
+ Test frequency
Preferred parts, the suggested choice for new designs,have shorter lead times and are more readily available.
The column H(Oe) gives for each bead the calculated dc bias field in oersted for 1 turn and 1 ampere direct current. The actual dc H field in
the application is this value of H times the actual NI (ampere-turn) product. For the effect of the dc bias on the impedance of the bead material,
see figures 18-23 in the application note How to choose Ferrite Components for EMI Suppression.
A ½ turn is defined as a single pass through a hole.
l/A - Core Constant
l e: Effective Path Length
Ae: Effective Cross-Sectional Area
Ve: Effective Core Volume
AL- Inductance Factor (
L
__
N 2)
Nl - Value of dc Ampere-turns
N/AWG - Number of Turns/Wire Size for Test Coil


Similar Part No. - 2743009111

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
2743009111 FAIR-RITE-2743009111_18 Datasheet
1Mb / 2P
   Beads- on- Leads
More results

Similar Description - 2743009111

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
2743002111 FAIR-RITE-2743002111 Datasheet
542Kb / 5P
   43 BEAD ON LEAD
2743004111 FAIR-RITE-2743004111 Datasheet
543Kb / 5P
   43 BEAD ON LEAD
2743008111 FAIR-RITE-2743008111 Datasheet
544Kb / 5P
   43 BEAD ON LEAD
2743015111 FAIR-RITE-2743015111 Datasheet
539Kb / 5P
   43 BEAD ON LEAD
2743015112 FAIR-RITE-2743015112 Datasheet
576Kb / 5P
   43 BEAD ON LEAD
2743002112 FAIR-RITE-2743002112 Datasheet
583Kb / 5P
   43 BEAD ON LEAD
2743001112 FAIR-RITE-2743001112 Datasheet
575Kb / 5P
   43 BEAD ON LEAD
2743007112 FAIR-RITE-2743007112 Datasheet
584Kb / 5P
   43 BEAD ON LEAD
2743001111 FAIR-RITE-2743001111 Datasheet
541Kb / 5P
   43 BEAD ON LEAD
2743004112 FAIR-RITE-2743004112 Datasheet
585Kb / 5P
   43 BEAD ON LEAD
2743007111 FAIR-RITE-2743007111 Datasheet
542Kb / 5P
   43 BEAD ON LEAD
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com