Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0471002.NRT1L Datasheet(PDF) 1 Page - Littelfuse

Part # 0471002.NRT1L
Description  Axial Lead & Cartridge Fuses PICO ll > Time-Lag > 471 Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0471002.NRT1L Datasheet(HTML) 1 Page - Littelfuse

  0471002.NRT1L Datasheet HTML 1Page - Littelfuse 0471002.NRT1L Datasheet HTML 2Page - Littelfuse 0471002.NRT1L Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
211
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Axial Lead & Cartridge Fuses
471 Series
Please refer to www.littelfuse.com/series/471.html for current information.
PICO® ll > Time-Lag > 471 Series
471 Series, PICO® II,Time-Lag Fuse
Description
Agency Approvals
Agency
Agency File Number
Ampere Range
E10480
500mA - 5A
LR 29862
500mA - 2.5A
PS
E
JET 1896-31007-1001
1A - 5A
Features
Electrical Characteristics
Applications
% of Ampere
Rating
OpeningTime
100%
Min.
200%
Max.
Ampere
Rating
(A)
Amp
Code
Max
Voltage
Rating
(V)
Interrupting
Rating
Nominal
Cold
Resistance
(Ohms)
Nominal
Melting
I2t (A2 sec)
Nom
Voltage
Drop
(mV)
Agency Approvals
PS
E
.500
.500
125
0.189
0.159
XX
1.00
001.
125
0.085
0.722
XXX
1.50
01.5
125
0.054
1.610
XXX
2.00
002.
125
0.039
2.500
XXX
2.50
02.5
125
0.030
4.390
XXX
3.00
003.
125
0.023
6.960
XX
4.00
004.
125
0.012
10.600
XX
5.00
005.
125
0.008
15.400
XX
Electrical Characteristics
®
PS
E
Revised: July 27, 2011


Similar Part No. - 0471002.NRT1L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0471002.NAT1L LITTELFUSE-0471002.NAT1L Datasheet
179Kb / 3P
   Axial Lead & Cartridge Fuses PICO짰 ll > Time-Lag > 471 Series
More results

Similar Description - 0471002.NRT1L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0471003.NAT6L LITTELFUSE-0471003.NAT6L Datasheet
179Kb / 3P
   Axial Lead & Cartridge Fuses PICO ll > Time-Lag > 471 Series
0471004.NRT1L LITTELFUSE-0471004.NRT1L Datasheet
179Kb / 3P
   Axial Lead & Cartridge Fuses PICO ll > Time-Lag > 471 Series
047102.5NRT1L LITTELFUSE-047102.5NRT1L Datasheet
179Kb / 3P
   Axial Lead & Cartridge Fuses PICO ll > Time-Lag > 471 Series
047103.5NRT1L LITTELFUSE-047103.5NRT1L Datasheet
179Kb / 3P
   Axial Lead & Cartridge Fuses PICO ll > Time-Lag > 471 Series
0471001.NRT1L LITTELFUSE-0471001.NRT1L Datasheet
179Kb / 3P
   Axial Lead & Cartridge Fuses PICO짰 ll > Time-Lag > 471 Series
0471005.NAT6L LITTELFUSE-0471005.NAT6L Datasheet
179Kb / 3P
   Axial Lead & Cartridge Fuses PICO짰 ll > Time-Lag > 471 Series
0471001.PARL LITTELFUSE-0471001.PARL Datasheet
179Kb / 3P
   Axial Lead & Cartridge Fuses PICO짰 ll > Time-Lag > 471 Series
0471001.PF010L LITTELFUSE-0471001.PF010L Datasheet
179Kb / 3P
   Axial Lead & Cartridge Fuses PICO짰 ll > Time-Lag > 471 Series
0471005.NRT1L LITTELFUSE-0471005.NRT1L Datasheet
179Kb / 3P
   Axial Lead & Cartridge Fuses PICO짰 ll > Time-Lag > 471 Series
047102.5NAT1L LITTELFUSE-047102.5NAT1L Datasheet
179Kb / 3P
   Axial Lead & Cartridge Fuses PICO짰 ll > Time-Lag > 471 Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com