Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOZ8002 Datasheet(PDF) 6 Page - Alpha & Omega Semiconductors

Part # AOZ8002
Description  Ultra-Low Capacitance TVS Diode Array
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ8002 Datasheet(HTML) 6 Page - Alpha & Omega Semiconductors

  AOZ8002 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ8002 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ8002 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ8002 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ8002 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ8002 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ8002 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ8002 Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ8002 Datasheet HTML 9Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
AOZ8002
Rev. 1.7 July 2009
www.aosmd.com
Page 6 of 9
SIM Card Port Connection
IEEE1394 Port Connection
SIM
10/100 Ethernet Port Connection
AOZ8002
VCC
Reset
Clock
I/O
GND
AOZ8002
AOZ8002
AOZ8002
IEEE 1394
PHY
Ethernet
Controller
IEEE 1394
Connector
RJ45
Connector
56Ω
270p
56Ω
56Ω
56Ω
5.1kΩ
TPBIASx
TPAx+
TPAx-
TPBx+
TPBx-
GND
TRD0+
TRD0-
TRD1+
TRD1-
TRD2+
TRD2-
TRD3-
TRD3+


Similar Part No. - AOZ8002

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8000 AOSMD-AOZ8000 Datasheet
544Kb / 15P
   Ultra-Low Capacitance TVS Diode Array
AOZ8000CI AOSMD-AOZ8000CI Datasheet
121Kb / 4P
   Plastic Encapsulated Device
AOZ8000CIL AOSMD-AOZ8000CIL Datasheet
544Kb / 15P
   Ultra-Low Capacitance TVS Diode Array
AOZ8000DIL AOSMD-AOZ8000DIL Datasheet
544Kb / 15P
   Ultra-Low Capacitance TVS Diode Array
AOZ8000HI AOSMD-AOZ8000HI Datasheet
94Kb / 4P
   Plastic Encapsulated Device
More results

Similar Description - AOZ8002

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
ULC3324P10 LEIDITECH-ULC3324P10 Datasheet
542Kb / 4P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
ULC08DT3 LEIDITECH-ULC08DT3 Datasheet
133Kb / 3P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
ULC12TN LEIDITECH-ULC12TN Datasheet
1Mb / 3P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
ULC24CTN LEIDITECH-ULC24CTN Datasheet
1Mb / 3P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
logo
Alpha & Omega Semicondu...
AOZ8300 AOSMD-AOZ8300 Datasheet
184Kb / 7P
   Ultra-Low Capacitance TVS Diode Array
logo
HUAYI MICROELECTRONICS ...
HYE0505F HUAYI-HYE0505F Datasheet
1Mb / 5P
   Ultra-Low Capacitance TVS Diode Array
logo
Alpha & Omega Semicondu...
AOZ8005FI AOSMD-AOZ8005FI Datasheet
646Kb / 14P
   Ultra-Low Capacitance TVS Diode Array
AOZ8802A AOSMD-AOZ8802A Datasheet
365Kb / 9P
   Ultra-Low Capacitance TVS Diode Array
logo
Shanghai Leiditech Elec...
ULC15DT3 LEIDITECH-ULC15DT3 Datasheet
588Kb / 6P
   Ultra Low Capacitance TVS Diode Array
ULC0804P10 LEIDITECH-ULC0804P10 Datasheet
420Kb / 3P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
ULC0542P3 LEIDITECH-ULC0542P3 Datasheet
703Kb / 5P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com