Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOZ8001DI Datasheet(PDF) 5 Page - Alpha & Omega Semiconductors

Part # AOZ8001DI
Description  Ultra-Low Capacitance TVS Diode Array
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ8001DI Datasheet(HTML) 5 Page - Alpha & Omega Semiconductors

  AOZ8001DI Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ8001DI Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ8001DI Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ8001DI Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ8001DI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ8001DI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ8001DI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ8001DI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ8001DI Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Rev. 1.0 November 2011
www.aosmd.com
Page 5 of 10
AOZ8001DI
Connector
D+
D-
D+
D-
Protected IC
Flow Through Layout
Application Information
The AOZ8001DI TVS is design to protect two data lines
from fast damaging transient over-voltage by clamping it
to a reference. When the transient on a protected data
line exceed the reference voltage the steering diode is
forward bias thus, conducting the harmful ESD transient
away from the sensitive circuitry under protection.
PCB Layout Guidelines
Printed circuit board layout is the key to achieving the
highest level of surge immunity on power and data lines.
The location of the protection devices on the PCB is the
simplest and most important design rule to follow. The
AOZ8001DI devices should be located as close as possi-
ble to the noise source. The placement of the
AOZ8001DI devices should be used on all data and
power lines that enter or exit the PCB at the I/O connec-
tor. In most systems, surge pulses occur on data and
power lines that enter the PCB through the I/O connector.
Placing the AOZ8001DI devices as close as possible to
the noise source ensures that a surge voltage will be
clamped before the pulse can be coupled into adjacent
PCB traces. In addition, the PCB should use the shortest
possible traces. A short trace length equates to low
impedance, which ensures that the surge energy will be
dissipated by the AOZ8001DI device. Long signal traces
will act as antennas to receive energy from fields that are
produced by the ESD pulse. By keeping line lengths as
short as possible, the efficiency of the line to act as an
antenna for ESD related fields is reduced. Minimize inter-
connecting line lengths by placing devices with the most
interconnect as close together as possible. The protec-
tion circuits should shunt the surge voltage to either the
reference or chassis ground. Shunting the surge voltage
directly to the IC’s signal ground can cause ground
bounce. The clamping performance of TVS diodes on a
single ground PCB can be improved by minimizing the
impedance with relatively short and wide ground traces.
The PCB layout and IC package parasitic inductances
can cause significant overshoot to the TVS’ clamping
voltage. The inductance of the PCB can be reduced by
using short trace lengths and multiple layers with
separate ground and power planes. One effective
method to minimize loop problems is to incorporate a
ground plane in the PCB design. The AOZ8001DI
ultra-low capacitance TVS is designed to protect four
high speed data transmission lines from transient
over-voltages by clamping them to a fixed reference.
The low inductance and construction minimizes voltage
overshoot during high current surges. When the voltage
on the protected line exceeds the reference voltage the
internal steering diodes are forward biased, conducting
the transient current away from the sensitive circuitry.
Good circuit board layout is critical for the suppression
of ESD induced transients. The following guidelines are
recommended:
1.
Place the TVS near the IO terminals or connectors to
restrict transient coupling.
2.
Fill unused portions of the PCB with ground plane.
3.
Minimize the path length between the TVS and the
protected line.
4.
Minimize all conductive loops including power and
ground loops.
5.
The ESD transient return path to ground should be
kept as short as possible.
6.
Never run critical signals near board edges.
7.
Use ground planes whenever possible.
8.
Avoid running critical signal traces (clocks, resets,
etc.) near PCB edges.
9.
Separate chassis ground traces from components
and signal traces by at least 4mm.
10. Keep the chassis ground trace length-to-width ratio
<5:1 to minimize inductance.
11. Protect all external connections with TVS diodes.


Similar Part No. - AOZ8001DI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8001A AOSMD-AOZ8001A Datasheet
475Kb / 10P
   Ultra-Low Capacitance TVS Diode Array
AOZ8001JI AOSMD-AOZ8001JI Datasheet
89Kb / 4P
   Plastic Encapsulated Device
AOZ8001K AOSMD-AOZ8001K Datasheet
462Kb / 10P
   Ultra-Low Capacitance TVS Diode Array
AOZ8001KI AOSMD-AOZ8001KI Datasheet
462Kb / 10P
   Ultra-Low Capacitance TVS Diode Array
AOZ8001KIL AOSMD-AOZ8001KIL Datasheet
34Kb / 4P
   Plastic Encapsulated Device
More results

Similar Description - AOZ8001DI

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
ULC3324P10 LEIDITECH-ULC3324P10 Datasheet
542Kb / 4P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
ULC08DT3 LEIDITECH-ULC08DT3 Datasheet
133Kb / 3P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
ULC12TN LEIDITECH-ULC12TN Datasheet
1Mb / 3P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
ULC24CTN LEIDITECH-ULC24CTN Datasheet
1Mb / 3P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
logo
Alpha & Omega Semicondu...
AOZ8300 AOSMD-AOZ8300 Datasheet
184Kb / 7P
   Ultra-Low Capacitance TVS Diode Array
logo
HUAYI MICROELECTRONICS ...
HYE0505F HUAYI-HYE0505F Datasheet
1Mb / 5P
   Ultra-Low Capacitance TVS Diode Array
logo
Alpha & Omega Semicondu...
AOZ8005FI AOSMD-AOZ8005FI Datasheet
646Kb / 14P
   Ultra-Low Capacitance TVS Diode Array
AOZ8802A AOSMD-AOZ8802A Datasheet
365Kb / 9P
   Ultra-Low Capacitance TVS Diode Array
logo
Shanghai Leiditech Elec...
ULC15DT3 LEIDITECH-ULC15DT3 Datasheet
588Kb / 6P
   Ultra Low Capacitance TVS Diode Array
ULC0804P10 LEIDITECH-ULC0804P10 Datasheet
420Kb / 3P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
ULC0542P3 LEIDITECH-ULC0542P3 Datasheet
703Kb / 5P
   ULTRA LOW CAPACITANCE TVS DIODE ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com