Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM706 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM706
Description  3 V, Voltage Monitoring uP Supervisory Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM706 Datasheet(HTML) 1 Page - Analog Devices

  ADM706 Datasheet HTML 1Page - Analog Devices ADM706 Datasheet HTML 2Page - Analog Devices ADM706 Datasheet HTML 3Page - Analog Devices ADM706 Datasheet HTML 4Page - Analog Devices ADM706 Datasheet HTML 5Page - Analog Devices ADM706 Datasheet HTML 6Page - Analog Devices ADM706 Datasheet HTML 7Page - Analog Devices ADM706 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FUNCTIONAL BLOCK DIAGRAMS
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
+3 V, Voltage Monitoring
P Supervisory Circuits
FEATURES
Precision Supply-Voltage Monitor
+2.63 V (ADM706P/R, ADM708R)
+2.93 V (ADM706S, ADM708S)
+3.08 V (ADM706T, ADM708T)
100
A Quiescent Current
200 ms Reset Pulsewidth
Debounced Manual Reset Input (
MR)
Independent Watchdog Timer—1.6 sec Timeout
(ADM706x)
Reset Output
Active High (ADM706P)
Active Low (ADM706R/S/T)
Both Active High and Active Low (ADM708R/S/T)
Voltage Monitor for Power-Fail or Low Battery Warning
Guaranteed
RESET Valid with V
CC = 1 V
Superior Upgrade for MAX706P/R/S/T, MAX708R/S/T
APPLICATIONS
Microprocessor Systems
Computers
Controllers
Intelligent Instruments
Critical
P Monitoring
Automotive Systems
Battery Operated Systems
Portable Instruments
GENERAL DESCRIPTION
The ADM706P/R/S/T and the ADM708R/S/T microprocessor
supervisory circuits are suitable for monitoring either 3 V or 3.3 V
power supplies.
The ADM706P/R/S/T provide the following functions:
1. Power-supply monitoring circuitry which generates a Reset
output during power-up, power-down and brownout condi-
tions. The reset output remains operational with VCC as low
as 1 V.
2. Independent watchdog monitoring circuitry which is acti-
vated if the watchdog input has not been toggled within
1.6 seconds.
3. A 1.25 V threshold detector for power fail warning, low bat-
tery detection, or to monitor an additional power supply.
4. An active low debounced manual reset input (
MR).
The ADM706R, ADM706S, ADM706T are identical except for
the reset threshold monitor levels which are 2.63 V, 2.93 V, and
3.08 V respectively. The ADM706P is identical to the ADM706R
in that the reset threshold is 2.63 V. It differs only in that it has
an active high reset output.
ADM706P/R/S/T, ADM708R/S/T
The ADM708R/S/T provide the same functionality as the
ADM706R/S/T and only differ in that:
1.
A watchdog timer function is not available.
2.
An active high reset output (RESET) in addition to the
active low (
RESET) output is available.
All parts are available in 8-lead DIP and narrow SOIC packages.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1999
WATCHDOG
TRANSITION
DETECTOR
WATCHDOG
TIMER
1.25V
VREF*
WATCHDOG
INPUT (WDI)
POWER FAIL
INPUT (PFI)
POWER FAIL
OUTPUT (
PFO)
WATCHDOG
OUTPUT(
WDO)
RESET,
(P = RESET)
*VOLTAGE REFERENCE = 2.63V (P/R), 2.93V (S), 3.08V (T)
ADM706
RESET &
WATCHDOG
TIMEBASE
RESET
GENERATOR
MR
VCC
70 A
VCC
1.25V
VREF*
POWER FAIL
INPUT (PFI)
POWER FAIL
OUTPUT (
PFO)
RESET
*VOLTAGE REFERENCE = 2.63V (R), 2.93V (S), 3.08V (T)
ADM708
RESET
GENERATOR
MR
VCC
70 A
VCC
RESET


Similar Part No. - ADM706

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM706 AD-ADM706 Datasheet
143Kb / 8P
   Low Cost uP Supervisory Circuits
REV. B
ADM706 AD-ADM706 Datasheet
338Kb / 12P
   Supervisory Circuits
Rev. G
ADM706 AD-ADM706 Datasheet
338Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. G
ADM706 AD-ADM706 Datasheet
410Kb / 12P
   Low Cost Microprocessor Supervisory Circuits
Rev. H
ADM706AN AD-ADM706AN Datasheet
143Kb / 8P
   Low Cost uP Supervisory Circuits
REV. B
More results

Similar Description - ADM706

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM706RARZ AD-ADM706RARZ Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM706SARZ AD-ADM706SARZ Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM708RAR-REEL AD-ADM708RAR-REEL Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM708SAR-REEL AD-ADM708SAR-REEL Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM706P_VC AD-ADM706P_VC Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
Rev. C
ADM708ARZ-REEL AD-ADM708ARZ-REEL Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM708RANZ AD-ADM708RANZ Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
ADM706TARZ-REEL AD-ADM706TARZ-REEL Datasheet
486Kb / 16P
   3 V, Voltage Monitoring Microprocessor Supervisory Circuits
REV. C
logo
Maxim Integrated Produc...
MAX706P MAXIM-MAX706P_06 Datasheet
465Kb / 15P
   3V Voltage Monitoring, Low-Cost uP Supervisory Circuits
Rev 5; 4/06
logo
ON Semiconductor
MAX707 ONSEMI-MAX707 Datasheet
95Kb / 10P
   UP Supervisory Circuits
August, 2005 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com