Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJW16010A Datasheet(PDF) 7 Page - Motorola, Inc

Part # MJW16010A
Description  POWER TRANSISTORS 15 AMPERES 500 VOLTS 125 AND 175 WATTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJW16010A Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MJW16010A Datasheet HTML 2Page - Motorola, Inc MJW16010A Datasheet HTML 3Page - Motorola, Inc MJW16010A Datasheet HTML 4Page - Motorola, Inc MJW16010A Datasheet HTML 5Page - Motorola, Inc MJW16010A Datasheet HTML 6Page - Motorola, Inc MJW16010A Datasheet HTML 7Page - Motorola, Inc MJW16010A Datasheet HTML 8Page - Motorola, Inc MJW16010A Datasheet HTML 9Page - Motorola, Inc MJW16010A Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MJW16010A
7
Motorola Bipolar Power Transistor Device Data
t, TIME (ms)
1
0.01
0.01
0.7
0.2
0.1
0.05
0.02
0.05
1
2
5
10
20
50
100
200
500
R
θJC(t) = r(t) RθJC
R
θJC = 1 or 0.92°CW
TJ(pk) – TC = P(pk) R
θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
D = 0.5
0.2
0.03
0.02
SINGLE PULSE
0.1
0.1
0.5
0.2
1000
Figure 18. Thermal Response
0.5
0.3
0.07
0.03
0.03
0.3
3
30
300
0.02
SAFE OPERATING AREA INFORMATION
FORWARD BIAS
There are two limitations on the power handling ability of a
transistor: average junction temperature and second break-
down. Safe operating area curves indicate IC – VCE limits of
the transistor that must be observed for reliable operation;
i.e., the transistor must not be subjected to greater dissipa-
tion than the curves indicate.
The data of Figures 14a and 14b is based on TC = 25_C;
TJ(pk) is variable depending on power level. Second break-
down pulse limits are valid for duty cycles to 10% but must be
derated when TC ≥ 25_C. Second breakdown limitations do
not derate the same as thermal limitations. Allowable current
at the voltages shown on Figures 14a and 14b may be found
at any case temperature by using the appropriate curve on
Figure 16.
TJ(pk) may be calculated from the data in Figure 18. At high
case temperatures, thermal limitations will reduce the power
that can be handled to values less than the limitations im-
posed by second breakdown.
REVERSE BIAS
For inductive loads, high voltage and high current must be
sustained simultaneously during turn–off, in most cases, with
the base–to–emitter junction reverse biased. Under these
conditions the collector voltage must be held to a safe level
at or below a specific value of collector current. This can be
accomplished by several means such as active clamping,
RC snubbing, load line shaping, etc. The safe level for these
devices is specified as Reverse Biased Safe Operating Area
and represents the voltage–current condition allowable dur-
ing reverse biased turn–off. This rating is verified under
clamped conditions so that the device is never subjected to
an avalanche mode. Figure 15 gives the RBSOA character-
istics.
SWITCHMODE DESIGN CONSIDERATIONS
1. FBSOA —
Allowable dc power dissipation in bipolar power transistors
decreases dramatically with increasing collector–emitter
voltage. A transistor which safely dissipates 100 watts at
10 volts will typically dissipate less than 10 watts at its rated
VCEO(sus). From a power handling point of view, current and
voltage are not interchangeable (see Application Note
AN875).
2. TURN–ON —
Safe turn–on load line excursions are bounded by pulsed
FBSOA curves. The 10
µs curve applies for resistive loads,
most capacitive loads, and inductive loads that are clamped
by standard or fast recovery rectifiers. Similarly, the 100 ns
curve applies to inductive loads which are clamped by ultra–
fast recovery rectifiers, and are valid for turn–on crossover
times less than 100 ns (see Application Note AN952).
At voltages above 75% of VCEO(sus), it is essential to pro-
vide the transistor with an adequate amount of base drive
VERY RAPIDLY at turn–on. More specifically, safe operation
according to the curves is dependent upon base current rise
time being less than collector current rise time. As a general
rule, a base drive compliance voltage in excess of 10 volts is
required to meet this condition (see Application Note
AN875).
3. TURN–OFF —
A bipolar transistor’s ability to withstand turn–off stress is
dependent upon its forward base drive. Gross overdrive vio-
lates the RBSOA curve and risks transistor failure. For this
reason, circuits which use fixed base drive are often more
likely to fail at light loads due to heavy overdrive (see Ap-
plication Note AN875).
4. OPERATION ABOVE VCEO(sus) —
When bipolars are operated above collector–emitter
breakdown, base drive is crucial. A rapid application of ade-
quate forward base current is needed for safe turn–on, as is
a stiff negative bias needed for safe turn–off. Any hiccup in
the base–drive circuitry that even momentarily violates either
of these conditions will likely cause the transistor to fail.
Therefore, it is important to design the driver so that its out-
put is negative in the absence of anything but a clean crisp
input signal (see Application Note AN952).


Similar Part No. - MJW16010A

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MJW16010A ISC-MJW16010A Datasheet
105Kb / 2P
   isc Silicon NPN Power Transistor
logo
New Jersey Semi-Conduct...
MJW16010A NJSEMI-MJW16010A Datasheet
86Kb / 2P
   Silicon NPN Power Transistor
logo
ON Semiconductor
MJW16010A ONSEMI-MJW16010A Datasheet
164Kb / 12P
   NPN Silicon Power Transistors
April, 2001 ??Rev. 6
More results

Similar Description - MJW16010A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ16018 MOTOROLA-MJ16018 Datasheet
366Kb / 8P
   POWER TRANSISTORS 10 AMPERES 800 VOLTS 125 AND 175 WATTS
MJ16110 MOTOROLA-MJ16110 Datasheet
414Kb / 10P
   POWER TRANSISTORS 15 AMPERES 400 VOLTS 175 AND 135 WATTS
MJE16106 MOTOROLA-MJE16106 Datasheet
380Kb / 10P
   POWER TRANSISTORS 8 AMPERES 400 VOLTS 100 AND 125 WATTS
MJH16006A MOTOROLA-MJH16006A Datasheet
337Kb / 10P
   POWER TRANSISTORS 8 AMPERES 500 VOLTS 150 WATTS
MJ16010 MOTOROLA-MJ16010 Datasheet
548Kb / 10P
   15 AMPERE NPN SILICON POWER TRANSISTORS 450 VOLTS 135 AND 175 WATTS
MJ10009 MOTOROLA-MJ10009 Datasheet
235Kb / 8P
   20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 450 and 500 VOLTS 175 WATTS
logo
ON Semiconductor
MJW3281A ONSEMI-MJW3281A_06 Datasheet
74Kb / 6P
   15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 230 VOLTS 200 WATTS
January, 2006 ??Rev. 3
MJL3281A ONSEMI-MJL3281A_05 Datasheet
67Kb / 5P
   15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 260 VOLTS 200 WATTS
October, 2005 ??Rev. 9
MJL4281A ONSEMI-MJL4281A_06 Datasheet
64Kb / 5P
   15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 350 VOLTS, 230 WATTS
January, 2006 ??Rev. 2
logo
Motorola, Inc
MJE18008 MOTOROLA-MJE18008 Datasheet
421Kb / 10P
   POWER TRANSISTOR 8.0 AMPERES 1000 VOLTS 45 and 125 WATTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com