Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOZ1310 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOZ1310
Description  Single Channel USB Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1310 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOZ1310 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOZ1310 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOZ1310 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOZ1310 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOZ1310 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1310 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1310 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1310 Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1310 Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AOZ1310
Rev. 1.3 July 2011
www.aosmd.com
Page 2 of 11
Ordering Information
*Contact factory for availability
AOS Green Products use reduced levels of Halogens, and are also RoHS compliant.
Please visit www.aosmd.com/web/quality/rohs_compliant.jsp for additional information.
Pin Configuration
Pin Description
Part Number
Maximum
Continuous Current
Typical Short-circuit
Current Limit
Enable
Setting
Package
Output
Discharge
Environmental
Channel 1
Channel 2
Channel 1
Channel 2
AOZ1341AI
1 A
1A
1.5 A
1.5 A
Active Low
SO-8
No
Green Product
RoHS Compliant
AOZ1341EI
EPAD MSOP-8
AOZ1341AI-1
Active High
SO-8
AOZ1341EI-1
EPAD MSOP-8
AOZ1342PI
1.5 A
1.5A
2 A
2 A
Active Low
EPAD SO-8
AOZ1342PI-1
Active High
EPAD SO-8
AOZ1343AI*
1.5 A
0.5A
2 A
0.75 A
Active Low
SO-8
AOZ1343EI*
EPAD MSOP-8
AOZ1343AI-1*
Active High
SO-8
AOZ1343EI-1*
EPAD MSOP-8
AOZ1312AI-1
1.5 A
None
2 A
None
Active High
SO-8
AOZ1312EI-1
EPAD MSOP-8
AOZ1310CI-1
0.5 A
None
0.75 A
None
Active High
SOT23-5
Pin Name
Pin Number
Pin Function
OUT
1
Power-switch output, IN-OUT
GND
2
Ground
OC
3
Overcurrent, open-drain output, active low, IN-OUT
EN
4
Enable input, logic high turns on power switch, IN-OUT
IN
5
Input voltage
SOT23-5
(Top View)
IN
EN
1
2
3
OUT
GND
OC
5
4
AOZ1310CI-1


Similar Part No. - AOZ1310

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1312 AOSMD-AOZ1312 Datasheet
743Kb / 13P
   Single Channel USB Switch
More results

Similar Description - AOZ1310

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1312 AOSMD-AOZ1312 Datasheet
743Kb / 13P
   Single Channel USB Switch
logo
Analog Intergrations Co...
AIC6161 AIC-AIC6161 Datasheet
182Kb / 9P
   0.5A Single Channel USB Switch
logo
Advanced Analogic Techn...
AAT4625 ANALOGICTECH-AAT4625_06 Datasheet
400Kb / 15P
   USB Single-Channel Power Switch
logo
Analog Intergrations Co...
AIC6162 AIC-AIC6162 Datasheet
194Kb / 9P
   0.75A Single Channel USB Switch
AIC6163 AIC-AIC6163 Datasheet
186Kb / 9P
   1A Single Channel USB Switch
logo
Advanced Analogic Techn...
AAT4625 ANALOGICTECH-AAT4625 Datasheet
395Kb / 8P
   USB Single-Channel Power Switch
logo
Analog Intergrations Co...
AIC6164 AIC-AIC6164 Datasheet
181Kb / 9P
   1.5A Single Channel USB Switch
logo
Advanced Analog Technol...
AAT4625 AAT-AAT4625 Datasheet
400Kb / 15P
   USB Single-Channel Power Switch
logo
Exar Corporation
SP2525A EXAR-SP2525A Datasheet
711Kb / 10P
   Single Channel USB Power Distribution Switch
logo
Analog Intergrations Co...
AIC6191 AIC-AIC6191 Datasheet
217Kb / 9P
   Single Channel Bare-Bone USB Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com