Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT45DB081D-SU Datasheet(PDF) 4 Page - Analog Devices

Part # AT45DB081D-SU
Description  8-megabit 2.5V or 2.7V DataFlash
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AT45DB081D-SU Datasheet(HTML) 4 Page - Analog Devices

  AT45DB081D-SU Datasheet HTML 1Page - Analog Devices AT45DB081D-SU Datasheet HTML 2Page - Analog Devices AT45DB081D-SU Datasheet HTML 3Page - Analog Devices AT45DB081D-SU Datasheet HTML 4Page - Analog Devices AT45DB081D-SU Datasheet HTML 5Page - Analog Devices AT45DB081D-SU Datasheet HTML 6Page - Analog Devices AT45DB081D-SU Datasheet HTML 7Page - Analog Devices AT45DB081D-SU Datasheet HTML 8Page - Analog Devices AT45DB081D-SU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
4
3596O–DFLASH–1/2013
AT45DB081D
3. Block Diagram
4. Memory Array
To provide optimal flexibility, the memory array of the AT45DB081D is divided into three levels of granularity comprising of
sectors, blocks, and pages. The “Memory Architecture Diagram” illustrates the breakdown of each level and details the
number of pages per sector and block. All program operations to the DataFlash occur on a page by page basis. The erase
operations can be performed at the chip, sector, block or page level.
Figure 4-1.
Memory Architecture Diagram
FLASH MEMORY ARRAY
PAGE (256-/264-BYTES)
BUFFER 2 (256-/264-BYTES)
BUFFER 1 (256-/264-BYTES)
I/O INTERFACE
SCK
CS
RESET
VCC
GND
WP
SO
SI
SECTOR 0a = 8 Pages
2,048 / 2,112-bytes
SECTOR 0b = 248 Pages
63,488 / 65,472-bytes
Block = 2,048 / 2,112-bytes
8 Pages
SECTOR 0a
Page = 256 / 264-bytes
PAGE 0
PAGE 1
PAGE 6
PAGE 7
PAGE 8
PAGE 9
PAGE 4,094
PAGE 4,095
PAGE 14
PAGE 15
PAGE 16
PAGE 17
PAGE 18
SECTOR ARCHITECTURE
BLOCK ARCHITECTURE
PAGE ARCHITECTURE
BLOCK 0
BLOCK 1
BLOCK 30
BLOCK 31
BLOCK 32
BLOCK 33
BLOCK 510
BLOCK 511
BLOCK 62
BLOCK 63
BLOCK 64
BLOCK 65
SECTOR 15 = 256 Pages
65,536 / 67,584-bytes
BLOCK 2
SECTOR 1 = 256 Pages
65,536 / 67,584-bytes
SECTOR 14 = 256 Pages
65,536 / 67,584-bytes
SECTOR 2 = 256 Pages
65,536 / 67,584-bytes


Similar Part No. - AT45DB081D-SU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT45DB081D-SU ATMEL-AT45DB081D-SU Datasheet
1Mb / 53P
   8-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB081D-SU ATMEL-AT45DB081D-SU Datasheet
1Mb / 53P
   8-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB081D-SU ATMEL-AT45DB081D-SU Datasheet
1Mb / 54P
   8-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB081D-SU-2.5 ATMEL-AT45DB081D-SU-2.5 Datasheet
1Mb / 53P
   8-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB081D-SU-2.5 ATMEL-AT45DB081D-SU-2.5 Datasheet
1Mb / 53P
   8-megabit 2.5-volt or 2.7-volt DataFlash
More results

Similar Description - AT45DB081D-SU

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT45DB161D ETC2-AT45DB161D_13 Datasheet
2Mb / 51P
   16-megabit 2.5V or 2.7V DataFlash
AT45DB321D ETC2-AT45DB321D_13 Datasheet
2Mb / 52P
   32Mb, 2.5V or 2.7V DataFlash
AT45DB321D ETC2-AT45DB321D Datasheet
2Mb / 52P
   32Mb, 2.5V or 2.7V DataFlash
logo
Analog Devices
AT45DB321D AD-AT45DB321D_12 Datasheet
2Mb / 51P
   32Mb, 2.5V or 2.7V DataFlash
logo
List of Unclassifed Man...
AT45DB021D ETC2-AT45DB021D_13 Datasheet
1Mb / 48P
   2-megabit 2.7V Minimum DataFlash
AT45DB642D ETC2-AT45DB642D_14 Datasheet
1Mb / 57P
   64-megabit 2.7V Dual-interface DataFlash
logo
ATMEL Corporation
AT45DB081D ATMEL-AT45DB081D_08 Datasheet
1Mb / 53P
   8-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB081D ATMEL-AT45DB081D_07 Datasheet
1Mb / 53P
   8-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB081D ATMEL-AT45DB081D_09 Datasheet
1Mb / 54P
   8-megabit 2.5-volt or 2.7-volt DataFlash
AT45DB081B ATMEL-AT45DB081B Datasheet
414Kb / 32P
   8-megabit 2.5-volt Only or 2.7-volt Only DataFlash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com