Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOZ1034 Datasheet(PDF) 11 Page - Alpha & Omega Semiconductors

Part # AOZ1034
Description  EZBuck??4A Synchronous Buck Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1034 Datasheet(HTML) 11 Page - Alpha & Omega Semiconductors

Back Button AOZ1034 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1034 Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1034 Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ1034 Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ1034 Datasheet HTML 11Page - Alpha & Omega Semiconductors AOZ1034 Datasheet HTML 12Page - Alpha & Omega Semiconductors AOZ1034 Datasheet HTML 13Page - Alpha & Omega Semiconductors AOZ1034 Datasheet HTML 14Page - Alpha & Omega Semiconductors AOZ1034 Datasheet HTML 15Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
AOZ1034
Rev. 1.1 September 2010
www.aosmd.com
Page 11 of 18
To design the compensation circuit, a target crossover
frequency fC for close loop must be selected. The system
crossover frequency is where control loop has unity gain.
The crossover is the also called the converter bandwidth.
Generally a higher bandwidth means faster response to
load transient. However, the bandwidth should not be too
high because of system stability concern. When
designing the compensation loop, converter stability
under all line and load condition must be considered.
Usually, it is recommended to set the bandwidth to be
equal or less than 1/10 of switching frequency. The
AOZ1034 operates at a frequency range from 400kHz to
600kHz. It is recommended to choose a crossover
frequency equal or less than 40kHz.
The strategy for choosing RC and CC is to set the
cross over frequency with Rc and set the compensator
zero with CC. Using selected crossover frequency, fC,
to calculate RC:
where;
fC is desired crossover frequency. For best performance,
fC is set to be about 1/10 of switching frequency,
VFB is 0.8V,
GEA is the error amplifier transconductance, which is
200 x 10-6 A/V, and
GCS is the current sense circuit transconductance, which is
6.68 A/V.
The compensation capacitor Cc and resistor Rc together
make a zero. This zero is put somewhere close to the
dominate pole fp1 but lower than 1/5 of selected
crossover frequency. CC can is selected by:
The equation above can also be simplified to:
An easy-to-use application software which helps to
design and simulate the compensation loop can be found
at www.aosmd.com.
Thermal Management and Layout
Consideration
In the AOZ1034 buck regulator circuit, high pulsing
current flows through two circuit loops. The first loop
starts from the input capacitors, to the VIN pin, to the
LX pins, to the filter inductor, to the output capacitor
and load, and then return to the input capacitor through
ground. Current flows in the first loop when the high side
switch is on. The second loop starts from inductor, to the
output capacitors and load, to the anode of the Schottky
diode, to the cathode of the Schottky diode. Current flows
in the second loop when the low side diode is on.
In PCB layout, minimizing the two loops area reduces the
noise of this circuit and improves efficiency. A ground
plane is strongly recommended to connect input
capacitor, output capacitor, and PGND pin of the
AOZ1034.
In the AOZ1034 buck regulator circuit, the major power
dissipating components are the AOZ1034 and the output
inductor. The total power dissipation of converter circuit
can be measured by input power minus output power.
The power dissipation of inductor can be approximately
calculated by output current and DCR of inductor.
The actual junction temperature can be calculated with
power dissipation in the AOZ1034 and thermal
impedance from junction to ambient.
The maximum junction temperature of AOZ1034 is
150ºC, which limits the maximum load current capability.
Please see the thermal de-rating curves for maximum
load current of the AOZ1034 under different ambient
temperature.
The thermal performance of the AOZ1034 is strongly
affected by the PCB layout. Extra care should be taken
by users during design process to ensure that the IC will
operate under the recommended environmental
conditions.
f
C
40kHz
=
R
C
f
C
V
O
V
FB
----------
2
π C
C
×
G
EA
G
CS
×
------------------------------
×
×
=
C
C
1.5
2
π R
C
f
P1
×
×
-----------------------------------
=
C
C
C
O
R
L
×
R
C
---------------------
=
P
total_loss
V
IN
I
IN
V
O
I
O
×
×
=
P
inductor_loss
I
O
2
R
inductor
1.1
×
×
=
T
junction
P
total_loss Pinductor_loss
() Θ
JA
×
=


Similar Part No. - AOZ1034

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1031 AOSMD-AOZ1031 Datasheet
925Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
AOZ1031AI AOSMD-AOZ1031AI Datasheet
925Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
AOZ1033AI AOSMD-AOZ1033AI Datasheet
908Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
AOZ1036 AOSMD-AOZ1036 Datasheet
677Kb / 17P
   EZBuck??5A Synchronous Buck Regulator
AOZ1036DI AOSMD-AOZ1036DI Datasheet
676Kb / 17P
   EZBuck??5A Synchronous Buck Regulator
More results

Similar Description - AOZ1034

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1024D AOSMD-AOZ1024D Datasheet
743Kb / 16P
   EZBuck??4A Synchronous Buck Regulator
AOZ1254 AOSMD-AOZ1254 Datasheet
560Kb / 13P
   4A EZBuck??Synchronous Buck Regulator
AOZ1052PI AOSMD-AOZ1052PI Datasheet
696Kb / 14P
   EZBuck??4A Synchronous Buck Regulator
AOZ1110 AOSMD-AOZ1110 Datasheet
702Kb / 16P
   4A Synchronous EZBuck Regulator
AOZ1284PI AOSMD-AOZ1284PI Datasheet
494Kb / 14P
   EZBuck??4A Simple Buck Regulator
AOZ1036DI AOSMD-AOZ1036DI Datasheet
676Kb / 17P
   EZBuck??5A Synchronous Buck Regulator
AOZ3054DI AOSMD-AOZ3054DI Datasheet
1Mb / 14P
   EZBuck 6A Synchronous Buck Regulator
AOZ1253 AOSMD-AOZ1253 Datasheet
562Kb / 13P
   3A EZBuck??Synchronous Buck Regulator
AOZ1073 AOSMD-AOZ1073 Datasheet
462Kb / 15P
   EZBuck 3A Synchronous Buck Regulator
AOZ1022DI AOSMD-AOZ1022DI Datasheet
842Kb / 17P
   EZBuck??3A Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com