Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOZ1031AI Datasheet(PDF) 10 Page - Alpha & Omega Semiconductors

Part # AOZ1031AI
Description  EZBuck??3A Synchronous Buck Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1031AI Datasheet(HTML) 10 Page - Alpha & Omega Semiconductors

Back Button AOZ1031AI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1031AI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1031AI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1031AI Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ1031AI Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ1031AI Datasheet HTML 11Page - Alpha & Omega Semiconductors AOZ1031AI Datasheet HTML 12Page - Alpha & Omega Semiconductors AOZ1031AI Datasheet HTML 13Page - Alpha & Omega Semiconductors AOZ1031AI Datasheet HTML 14Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
AOZ1031AI
Rev. 1.6 March 2010
www.aosmd.com
Page 10 of 15
In a buck converter, output capacitor current is continu-
ous. The RMS current of output capacitor is decided by
the peak to peak inductor ripple current. It can be calcu-
lated by:
Usually, the ripple current rating of the output capacitor is
a smaller issue because of the low current stress. When
the buck inductor is selected to be very small and induc-
tor ripple current is high, output capacitor could be over-
stressed.
Loop Compensation
The AOZ1031A employs peak current mode control for
easy use and fast transient response. Peak current mode
control eliminates the double pole effect of the output
L&C filter. It greatly simplifies the compensation loop
design.
With peak current mode control, the buck power stage
can be simplified to be a one-pole and one-zero system
in frequency domain. The pole is dominant pole can be
calculated by:
The zero is a ESR zero due to output capacitor and its
ESR. It is can be calculated by:
where;
CO is the output filter capacitor,
RL is load resistor value, and
ESRCO is the equivalent series resistance of output capacitor.
The compensation design is actually to shape the con-
verter control loop transfer function to get desired gain
and phase. Several different types of compensation net-
work can be used for the AOZ1031A. For most cases, a
series capacitor and resistor network connected to the
COMP pin sets the pole-zero and is adequate for a stable
high-bandwidth control loop.
In the AOZ1031A, FB pin and COMP pin are the inverting
input and the output of internal error amplifier. A series R
and C compensation network connected to COMP pro-
vides one pole and one zero. The pole is:
where;
GEA is the error amplifier transconductance, which is
200 x 10-6 A/V,
GVEA is the error amplifier voltage gain, which is 500 V/V, and
C2 is compensation capacitor in Figure 1.
The zero given by the external compensation network,
capacitor C2 and resistor R3, is located at:
To design the compensation circuit, a target crossover
frequency fC for close loop must be selected. The system
crossover frequency is where control loop has unity gain.
The crossover is the also called the converter bandwidth.
Generally a higher bandwidth means faster response to
load transient. However, the bandwidth should not be too
high because of system stability concern. When design-
ing the compensation loop, converter stability under all
line and load condition must be considered.
Usually, it is recommended to set the bandwidth to be
equal or less than 1/10 of switching frequency. The
AOZ1031A operates at a frequency range from 500kHz
to 700kHz. It is recommended to choose a crossover fre-
quency equal or less than 40kHz.
The strategy for choosing RC and CC is to set the cross
over frequency with RC and set the compensator zero
with CC. Using selected crossover frequency, fC, to calcu-
late RC:
where;
fC is desired crossover frequency. For best performance, fC is
set to be about 1/10 of switching frequency,
VFB is 0.8V,
GEA is the error amplifier transconductance, which is
200 x 10-6 A/V, and
GCS is the current sense circuit transconductance, which is 6.68
A/V.
The compensation capacitor CC and resistor RC together
make a zero. This zero is put somewhere close to the
dominate pole fP1 but lower than 1/5 of selected cross-
over frequency. CC can is selected by:
I
CO_RMS
ΔI
L
12
----------
=
f
P1
1
2
π C
O
R
L
×
×
-----------------------------------
=
f
Z1
1
2
π C
O
ESR
CO
×
×
------------------------------------------------
=
f
P2
G
EA
2
π C
C
G
VEA
×
×
-------------------------------------------
=
f
Z2
1
2
π C
C
R
C
×
×
-----------------------------------
=
f
C
40kHz
=
R
C
f
C
V
O
V
FB
----------
2
π C
2
×
G
EA
G
CS
×
------------------------------
×
×
=
C
C
1.5
2
π R
C
f
P1
×
×
-----------------------------------
=


Similar Part No. - AOZ1031AI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1033AI AOSMD-AOZ1033AI Datasheet
908Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
AOZ1034 AOSMD-AOZ1034 Datasheet
703Kb / 18P
   EZBuck??4A Synchronous Buck Regulator
AOZ1036 AOSMD-AOZ1036 Datasheet
677Kb / 17P
   EZBuck??5A Synchronous Buck Regulator
AOZ1036DI AOSMD-AOZ1036DI Datasheet
676Kb / 17P
   EZBuck??5A Synchronous Buck Regulator
AOZ1036PI AOSMD-AOZ1036PI Datasheet
677Kb / 17P
   EZBuck??5A Synchronous Buck Regulator
More results

Similar Description - AOZ1031AI

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ1253 AOSMD-AOZ1253 Datasheet
562Kb / 13P
   3A EZBuck??Synchronous Buck Regulator
AOZ1073 AOSMD-AOZ1073 Datasheet
462Kb / 15P
   EZBuck 3A Synchronous Buck Regulator
AOZ1022DI AOSMD-AOZ1022DI Datasheet
842Kb / 17P
   EZBuck??3A Synchronous Buck Regulator
AOZ1021 AOSMD-AOZ1021 Datasheet
3Mb / 15P
   EZBuck??3A Synchronous Buck Regulator
AOZ1033AI AOSMD-AOZ1033AI Datasheet
908Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
AOZ1021AI AOSMD-AOZ1021AI Datasheet
541Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
AOZ1022DI-01 AOSMD-AOZ1022DI-01 Datasheet
700Kb / 15P
   EZBuck??3A Synchronous Buck Regulator
AOZ1022PI AOSMD-AOZ1022PI Datasheet
842Kb / 17P
   EZBuck??3A Synchronous Buck Regulator
AOZ1242AI AOSMD-AOZ1242AI Datasheet
663Kb / 18P
   EZBuck??3A Simple Buck Regulator
AOZ1242DI AOSMD-AOZ1242DI Datasheet
663Kb / 18P
   EZBuck??3A Simple Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com