Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP19111 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP19111
Description  Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
Download  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19111 Datasheet(HTML) 3 Page - Microchip Technology

  MCP19111 Datasheet HTML 1Page - Microchip Technology MCP19111 Datasheet HTML 2Page - Microchip Technology MCP19111 Datasheet HTML 3Page - Microchip Technology MCP19111 Datasheet HTML 4Page - Microchip Technology MCP19111 Datasheet HTML 5Page - Microchip Technology MCP19111 Datasheet HTML 6Page - Microchip Technology MCP19111 Datasheet HTML 7Page - Microchip Technology MCP19111 Datasheet HTML 8Page - Microchip Technology MCP19111 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 222 page
background image
 2013 Microchip Technology Inc.
DS22331A-page 3
MCP19111
TABLE 1:
28-PIN SUMMARY
I/O
Basic
Additional
GPA0
1
Y
AN0
IOC
Y
Analog Debug Output (1)
GPA1
2
Y
AN1
IOC
Y
Sync Signal In/Out (2, 3)
GPA2
3
Y
AN2
T0CKI
IOC
INT
Y
GPA3
5
Y
AN3
IOC
Y
GPA4
9
N
IOC
N
GPA5
8
N
IOC(4)
Y(5)
MCLR
GPA6
7
N
IOC
N
GPA7
6
N
SCL
IOC
N
GPB0
10
N
SDA
IOC
N
GPB1
26
Y
AN4
IOC
Y
Error Signal In/Out (3)
GPB2
28
Y
AN5
IOC
Y
GPB4
4
Y
AN6
IOC
Y
ICSPDAT
ICDDAT
GPB5
27
Y
AN7
IOC
Y
ICSPCLK
ICDCLK
Alternate Sync
Signal In/Out (2, 3)
GPB6
21
N
IOC
Y
GPB7
11
N
IOC
Y
VIN
13
N
VIN
Device Input Voltage
VDR
16
N
VDR
Gate Drive Supply Input
Voltage
VDD
20
N
VDD
Internal Regulator Output
GND
12
N
GND
Small Signal Ground
PGND
14
N
Large Signal Ground
LDRV
15
N
Low-Side MOSFET
Connection
HDRV
18
N
High-Side MOSFET
Connection
PHASE
17
N
Switch Node
BOOT
19
N
Floating Bootstrap Supply
+VSEN
24
N
Output Voltage
Differential Sense
-VSEN
25
N
Output Voltage
Differential Sense
+ISEN
23
N
Current Sense Input
-ISEN
22
N
Current Sense Input
Note
1:
The Analog Debug Output is selected when the ATSTCON<BNCHEN> bit is set.
2:
Selected when device is functioning as multiple output master or slave by proper configuration of the MLTPH<2:0> bits
in the BUFFCON register.
3:
Selected when device is functioning as multi-phase master or slave by proper configuration of the MLTPH<2:0> bits in
the BUFFCON register.
4:
The IOC is disabled when MCLR is enabled.
5:
Weak pull-up always enabled when MCLR is enabled, otherwise the pull-up is under user control.


Similar Part No. - MCP19111

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP19111 MICROCHIP-MCP19111 Datasheet
3Mb / 226P
   Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
11/29/12
MCP19111-E/MJ MICROCHIP-MCP19111-E/MJ Datasheet
3Mb / 226P
   Digitally-Enhanced Power Analog Controller
06/23/16
MCP19111-E/MQ MICROCHIP-MCP19111-E/MQ Datasheet
3Mb / 226P
   Digitally-Enhanced Power Analog Controller
06/23/16
MCP19111T-E/MJ MICROCHIP-MCP19111T-E/MJ Datasheet
3Mb / 226P
   Digitally-Enhanced Power Analog Controller
06/23/16
MCP19111T-E/MQ MICROCHIP-MCP19111T-E/MQ Datasheet
3Mb / 226P
   Digitally-Enhanced Power Analog Controller
06/23/16
More results

Similar Description - MCP19111

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP19110 MICROCHIP-MCP19110 Datasheet
3Mb / 226P
   Digitally Enhanced Power Analog Controller with Integrated Synchronous Driver
11/29/12
MCP19110 MICROCHIP-MCP19110_16 Datasheet
3Mb / 226P
   Digitally-Enhanced Power Analog Controller
06/23/16
MCP19124 MICROCHIP-MCP19124 Datasheet
1Mb / 236P
   Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
06/23/16
MCP19116 MICROCHIP-MCP19116 Datasheet
3Mb / 246P
   Digitally Enhanced Power Analog Synchronous Low-Side PWM Controller with Improved 8k Word Core
07/14/15
MCP19116 MICROCHIP-MCP19116_V01 Datasheet
2Mb / 246P
   Digitally Enhanced Power Analog Synchronous Low-Side PWM Controller with Improved 8k Word Core
Revision D June 2020
logo
Renesas Technology Corp
ISL78268 RENESAS-ISL78268 Datasheet
1Mb / 34P
   55V Synchronous Buck Controller with Integrated 3A Driver
logo
Intersil Corporation
ISL78268 INTERSIL-ISL78268 Datasheet
1Mb / 33P
   55V Synchronous Buck Controller with Integrated 3A Driver
December 12, 2014
HIP5020 INTERSIL-HIP5020 Datasheet
128Kb / 15P
   Integrated-Power Buck Converter Controller with Synchronous Rectification
logo
Semtech Corporation
SC32300B SEMTECH-SC32300B Datasheet
533Kb / 18P
   Synchronous Power MOSFET Driver With Integrated 3.3V LDO
logo
Richtek Technology Corp...
RT8175A RICHTEK-RT8175A Datasheet
717Kb / 47P
   Single-Phase Controller with Integrated Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com