Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOW12N50 Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AOW12N50
Description  500V, 12A N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOW12N50 Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AOW12N50 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOW12N50 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOW12N50 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOW12N50 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOW12N50 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOW12N50 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AOW12N50/AOWF12N50
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
3
6
9
12
15
0
5
10
15
20
25
30
35
40
45
Qg (nC)
Figure 7: Gate-Charge Characteristics
VDS=400V
ID=12A
1
10
100
1000
10000
0.1
1
10
100
VDS (Volts)
Figure 8: Capacitance Characteristics
Ciss
Coss
Crss
0.01
0.1
1
10
100
1
10
100
1000
VDS (Volts)
Figure 9: Maximum Forward Biased Safe
Operating Area for AOW12N50 (Note F)
10
µs
10ms
1ms
DC
RDS(ON)
limited
TJ(Max)=150°C
TC=25°C
100
µs
0.01
0.1
1
10
100
1
10
100
1000
VDS (Volts)
Figure 10: Maximum Forward Biased Safe
Operating Area for AOWF12N50 (Note F)
10
µs
10ms
1ms
0.1s
DC
RDS(ON)
limited
TJ(Max)=150°C
TC=25°C
100
µs
1s
0
3
6
9
12
15
0
25
50
75
100
125
150
TCASE (°C)
Figure 11: Current De-rating (Note B)
Rev0: June 2010
www.aosmd.com
Page 4 of 6


Similar Part No. - AOW12N50

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOW12N50 ISC-AOW12N50 Datasheet
342Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOW12N50

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT12N50 AOSMD-AOT12N50 Datasheet
180Kb / 6P
   500V, 12A N-Channel MOSFET
AOB12N50 AOSMD-AOB12N50 Datasheet
262Kb / 6P
   500V, 12A N-Channel MOSFET
AOB12N50L AOSMD-AOB12N50L Datasheet
439Kb / 6P
   500V, 12A N-Channel MOSFET
logo
Unisonic Technologies
12N50_1112 UTC-12N50_1112 Datasheet
167Kb / 6P
   12A, 500V N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FDP13N50F FAIRCHILD-FDP13N50F Datasheet
621Kb / 9P
   N-Channel MOSFET 500V, 12A, 0.54廓
FDP13N50F FAIRCHILD-FDP13N50F_12 Datasheet
414Kb / 9P
   N-Channel MOSFET 500V, 12A, 0.54廓
logo
First Components Intern...
FMDT12N500 FCI-FMDT12N500 Datasheet
188Kb / 5P
   12A 500V N-Channel Polar HVTM Power MOSFET
logo
Fairchild Semiconductor
2N6769 FAIRCHILD-2N6769 Datasheet
137Kb / 5P
   N-Channel Power MOSFETs, 12A, 450V/500V
logo
International Rectifier
IRFN450 IRF-IRFN450 Datasheet
218Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=500V, Rds(on)=0.415ohm, Id=12A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com