Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOW11S65 Datasheet(PDF) 6 Page - Alpha & Omega Semiconductors

Part # AOW11S65
Description  650V 11A a MOS TM Power Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOW11S65 Datasheet(HTML) 6 Page - Alpha & Omega Semiconductors

  AOW11S65 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOW11S65 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOW11S65 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOW11S65 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOW11S65 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOW11S65 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
AOW11S65/AOWF11S65
-
+
VDC
Ig
Vds
DUT
-
+
VDC
Vgs
Vgs
10V
Qg
Qgs
Qgd
Charge
Gate Charge Test Circuit & Waveform
-
+
VDC
DUT
Vdd
Vgs
Vds
Vgs
RL
Rg
Vgs
Vds
10%
90%
Res istive Switching Test Circuit & Waveforms
t
t r
d(on)
t
on
t
d(off)
t f
toff
Vdd
Vgs
Id
Vgs
Rg
DUT
-
+
VDC
L
Vgs
Vds
Id
Vgs
BV
I
Unclamped Inductive Switching (UIS) Test Circuit & Waveforms
Ig
Vgs
-
+
VDC
DUT
L
Vds
Vgs
Vds
Isd
Isd
Diode Recovery Tes t Circuit & Waveforms
Vds -
Vds +
IF
AR
DSS
2
E = 1/2 LI
dI/dt
IRM
rr
Vdd
Vdd
Q = - Idt
trr
AR
AR
Rev0: Dec 2011
www.aosmd.com
Page 6 of 6


Similar Part No. - AOW11S65

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOW11S65 ISC-AOW11S65 Datasheet
342Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOW11S65

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB11S65 AOSMD-AOB11S65 Datasheet
305Kb / 7P
   650V 11A a MOS Power Transistor
AOW11S60 AOSMD-AOW11S60 Datasheet
282Kb / 6P
   600V 11A a MOS TM Power Transistor
AOB25S65L AOSMD-AOB25S65L Datasheet
317Kb / 7P
   650V 25A a MOS TM Power Transistor
AOW7S65 AOSMD-AOW7S65 Datasheet
267Kb / 6P
   650V 7A a MOS TM Power Transistor
AOT25S65L AOSMD-AOT25S65L Datasheet
317Kb / 7P
   650V 25A a MOS TM Power Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com