Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0467004.NR Datasheet(PDF) 1 Page - Littelfuse

Part # 0467004.NR
Description  Surface Mount Fuses Thin Film > 0603 Size > Very Fast-Acting > 467 Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0467004.NR Datasheet(HTML) 1 Page - Littelfuse

  0467004.NR Datasheet HTML 1Page - Littelfuse 0467004.NR Datasheet HTML 2Page - Littelfuse 0467004.NR Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Surface Mount Fuses
41
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
467 Series
Thin Film > 0603 Size > Very Fast-Acting > 467 Series
Please refer to www.littelfuse.com/series/467.html for current information.
467 Series Fuse
Description
Agency Approvals
AGENCY
AGENCY FILE NUMBER
AMPERE RANGE
E10480
250MA - 5A
LR29862
250MA - 5A
Electrical Characteristics for Series
Features
• Compatiblewithlead-
freesoldersandhigher
temperatureprofiles.
• Highperformance
materialsprovide
improvedperformance
inelevatedambient
temperatureapplications.
• Markedontopsurface
withcodetoallowamp
ratingidentification
withouttesting.
• Lowprofileforheight
sensitiveapplications.
• Flattopsurfaceforpick-
and-placeoperations.
• Elementcovering
materialisresistant
toindustrystandard
cleaningoperations.
• Mountingpadand
electricalperformanceis
identicaltoLittelfuse431
and434Seriesproducts.
• Alloybasedelement
constructionprovides
superiorinrushwithstand
characteristics(I2t)over
ceramicorglassbased
0603fuseproducts.
% of Ampere
Rating
Opening Time at 25OC
100%
4hours,Minimum
200%
5sec.,Maximum
300%
0.2sec.,Maximum
Applications
The467SeriesFast-ActingSMFisanultrasmall(0603
size)thin-filmdevicedesignedforsecondaryprotection
ofcircuitsusedinspaceconstrainedapplicationssuch
ashand-heldportableelectronicdevices.Thisseries
is100%lead-freeandmeetstherequirementsofthe
RoHSdirective.NewHalogen-Free467Seriesfusesare
available–toorderusethe“HF”suffix.SeePartNumbering
sectionforadditionalinformation..
• Cellphones
• Batterypacks
• Digitalcameras
• DVDplayers
• Harddisk
drives.
Secondaryprotectionforspaceconstrainedapplications:
Ampere
Rating
(A)
Amp
Code
Max
Voltage
Rating
(V)
Interrupting
Rating
Nominal Cold
Resistance
(Ohms)
Nominal
Melting
I2t (A2sec)
Nom
Voltage
Drop
(mV)
Nom
Power
Dissipation
(W)
Agency Approvals
0.250
.250
32
50A@32VAC/DC
0.5450
0.0030
158.56
0.0396
x
x
0.375
.375
32
0.2900
0.0053
128.03
0.0480
x
x
0.500
.500
32
0.1870
0.0087
115.71
0.0579
x
x
0.750
.750
32
0.1170
0.0171
107.33
0.0805
x
x
1.00
001.
32
0.0710
0.0212
89.10
0.0891
x
x
1.25
1.25
32
35A@32VAC/DC
13A@65VDC
0.0530
0.0518
84.32
0.1054
x
x
1.50
01.5
32
0.0410
0.0766
81.14
0.1217
x
x
1.75
1.75
32
35A@32VAC/DC
0.0320
0.0903
78.75
0.1378
x
x
2.00
002.
32
0.0300
0.1103
78.22
0.1564
x
x
2.50
02.5
32
0.0220
0.1440
76.10
0.1903
x
x
3.00
003.
32
0.0180
0.2403
75.04
0.2251
x
x
3.50
03.5
32
0.0150
0.4306
74.25
0.2599
x
x
4.00
004.
32
0.0130
0.5760
73.72
0.2949
x
x
5.00
005.
32
0.0090
0.9000
72.71
0.3635
x
x
Electrical Specifications by Item
1. Measured at 10% of rated current, 25ºC.
2. Measured at rated voltage.
Revised: January 10, 2012


Similar Part No. - 0467004.NR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0467004.NRHF LITTELFUSE-0467004.NRHF Datasheet
839Kb / 3P
   Surface Mount Fuses Thin Film > 0603 Size > Very Fast-Acting > 467 Series
More results

Similar Description - 0467004.NR

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0467005.NR LITTELFUSE-0467005.NR Datasheet
839Kb / 3P
   Surface Mount Fuses Thin Film > 0603 Size > Very Fast-Acting > 467 Series
0467.250NRHF LITTELFUSE-0467.250NRHF Datasheet
839Kb / 3P
   Surface Mount Fuses Thin Film > 0603 Size > Very Fast-Acting > 467 Series
04671.25NR LITTELFUSE-04671.25NR Datasheet
839Kb / 3P
   Surface Mount Fuses Thin Film > 0603 Size > Very Fast-Acting > 467 Series
046701.5NR LITTELFUSE-046701.5NR Datasheet
839Kb / 3P
   Surface Mount Fuses Thin Film > 0603 Size > Very Fast-Acting > 467 Series
0467002.NRHF LITTELFUSE-0467002.NRHF Datasheet
839Kb / 3P
   Surface Mount Fuses Thin Film > 0603 Size > Very Fast-Acting > 467 Series
0467004.NRHF LITTELFUSE-0467004.NRHF Datasheet
839Kb / 3P
   Surface Mount Fuses Thin Film > 0603 Size > Very Fast-Acting > 467 Series
04671.75NRHF LITTELFUSE-04671.75NRHF Datasheet
839Kb / 3P
   Surface Mount Fuses Thin Film > 0603 Size > Very Fast-Acting > 467 Series
0467.500NRHF LITTELFUSE-0467.500NRHF Datasheet
839Kb / 3P
   Surface Mount Fuses Thin Film > 0603 Size > Very Fast-Acting > 467 Series
046703.5NR LITTELFUSE-046703.5NR Datasheet
839Kb / 3P
   Surface Mount Fuses Thin Film > 0603 Size > Very Fast-Acting > 467 Series
0467005.NRHF LITTELFUSE-0467005.NRHF Datasheet
839Kb / 3P
   Surface Mount Fuses Thin Film > 0603 Size > Very Fast-Acting > 467 Series
0467.375NR LITTELFUSE-0467.375NR Datasheet
839Kb / 3P
   Surface Mount Fuses Thin Film > 0603 Size > Very Fast-Acting > 467 Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com