Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM241L Datasheet(PDF) 10 Page - Analog Devices

Part # ADM241L
Description  5 V Powered CMOS RS-232 Drivers/Receivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM241L Datasheet(HTML) 10 Page - Analog Devices

Back Button ADM241L Datasheet HTML 6Page - Analog Devices ADM241L Datasheet HTML 7Page - Analog Devices ADM241L Datasheet HTML 8Page - Analog Devices ADM241L Datasheet HTML 9Page - Analog Devices ADM241L Datasheet HTML 10Page - Analog Devices ADM241L Datasheet HTML 11Page - Analog Devices ADM241L Datasheet HTML 12Page - Analog Devices ADM241L Datasheet HTML 13Page - Analog Devices ADM241L Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADM223/ADM230L–ADM241L
–10–
REV. 0
PIN FUNCTION DESCRIPTION
Mnemonic
Function
VCC
Power Supply Input 5 V
± 10% (+5 V ± 5% ADM233L, ADM235L).
V+
Internally generated positive supply (+10 V nominal) on all parts except ADM231L and ADM239L.
ADM231L, ADM239L requires external 7.5 V to 13.2 V supply.
V–
Internally generated negative supply (–10 V nominal).
GND
Ground pin. Must be connected to 0 V.
C+
(ADM231L and ADM239L only). External capacitor (+ terminal) is connected to this pin.
C–
(ADM231L and ADM239L only). External capacitor (– terminal) is connected to this pin.
C1+
(ADM230L, ADM232L, ADM234L, ADM236L, ADM237L, ADM238L, ADM241L) External capacitor (+ terminal)
is connected to this pin.
(ADM233L) The capacitor is connected internally and no external connection to this pin is required.
C1–
(ADM230L, ADM232L, ADM234L, ADM236L, ADM237L, ADM238L, ADM241L) External capacitor (– terminal)
is connected to this pin.
(ADM233L) The capacitor is connected internally and no external connection to this pin is required.
C2+
(ADM230L, ADM232L, ADM234L, ADM236L, ADM237L, ADM238L, ADM241L) External capacitor (+ terminal)
is connected to this pin.
(ADM233L) Internal capacitor connections, Pins 11 and 15 must be connected together.
C2–
(ADM230L, ADM232L, ADM234L, ADM236L, ADM237L, ADM238L, ADM241L) External capacitor (– terminal)
is connected to this pin.
(ADM233L) Internal capacitor connections, Pins 10 and 16 must be connected together.
TIN
Transmitter (Driver) Inputs. These inputs accept TTL/CMOS levels. An internal 400 k
Ω pull-up resistor to V
CC is
connected on each input.
TOUT
Transmitter (Driver) Outputs. These are RS-232 levels (typically
±10 V).
RIN
Receiver Inputs. These inputs accept RS-232 signal levels. An internal 5 k
Ω pull-down resistor to GND is connected on
each input.
ROUT
Receiver Outputs. These are TTL/CMOS levels.
EN/EN
Enable Input. Active low on ADM235L, ADM236L, ADM239L, ADM241L. Active high ADM223. This input is used
to enable/disable the receiver outputs. With
EN = low (EN = high ADM223), the receiver outputs are enabled. With
EN = high (EN = low ADM223), the outputs are placed in a high impedance state. This facility is useful for
connecting to microprocessor systems.
SD/
SD
Shutdown Input. Active high on ADM235L, ADM236L, ADM241L. Active low on ADM223. With SD = high on the
ADM235L, ADM236L, ADM241L, the charge pump is disabled, the receiver outputs are placed in a high impedance
state and the driver outputs are turned off. With
SD low on the ADM223, the charge pump is disabled, the driver
outputs are turned off and all receivers except R4 and R5 are placed in a high impedance state. In shutdown, the power
consumption reduces to 5
µW.
NC
No Connect. No connections are required to this pin.
Table I. ADM235L, ADM236L, ADM241L Truth Table
Transmitters
Receivers
SD
EN
Status
T1–T5
R1–R5
0
0
Normal Operation
Enabled
Enabled
0
1
Normal Operation
Enabled
Disabled
1
0
Shutdown
Disabled
Disabled
Table II. ADM223 Truth Table
Transmitters
Receivers
SD EN Status
T1–T4
R1–R3
R4, R5
0
0
Shutdown
Disabled
Disabled Disabled
0
1
Shutdown
Disabled
Disabled Enabled
1
0
Normal Operation Enabled
Disabled Disabled
1
1
Normal Operation Enabled
Enabled Enabled


Similar Part No. - ADM241L

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM241L AD-ADM241L Datasheet
304Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM241L AD-ADM241L Datasheet
304Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM241L AD-ADM241L Datasheet
281Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM241L AD-ADM241L_15 Datasheet
304Kb / 20P
   CMOS RS-232 Drivers/Receivers
REV. C
More results

Similar Description - ADM241L

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM232LJRZ AD-ADM232LJRZ Datasheet
304Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM223 AD-ADM223_15 Datasheet
340Kb / 16P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. B
AD230 AD-AD230 Datasheet
363Kb / 11P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. A
AD230 AD-AD230_15 Datasheet
4Mb / 15P
   5 V POWERED CMOS RS 232 DRIVERS RECEIVERS
ADM233LJNZ AD-ADM233LJNZ Datasheet
281Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM233LJNZ AD-ADM233LJNZ Datasheet
304Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM205 AD-ADM205 Datasheet
486Kb / 12P
   0.1 uF, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. 0
ADM206 AD-ADM206 Datasheet
254Kb / 16P
   0.1 μF, 5 V Powered CMOS RS-232 Drivers/Receivers
Rev. D
ADM207EARSZ AD-ADM207EARSZ Datasheet
218Kb / 16P
   0.1 muF, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM206 AD-ADM206_11 Datasheet
254Kb / 16P
   0.1 關F, 5 V Powered CMOS RS-232 Drivers/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com