Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0461002.ER Datasheet(PDF) 1 Page - Littelfuse

Part # 0461002.ER
Description  Surface Mount Fuses Surge Resistant > 461 Series TeleLink짰 Fuse
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

0461002.ER Datasheet(HTML) 1 Page - Littelfuse

  0461002.ER Datasheet HTML 1Page - Littelfuse 0461002.ER Datasheet HTML 2Page - Littelfuse 0461002.ER Datasheet HTML 3Page - Littelfuse 0461002.ER Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
85
© 2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Surface Mount Fuses
461 Series
Surge Resistant > 461 Series TeleLink®
Fuse
Please refer to www.littelfuse.com/series/461.html for current information.
461 Series TeleLink® Fuse
Description
Agency Approvals
Electrical Characteristics for Series
Features
®
®
AGENCY
AGENCY FILE NUMBER
AMPERE RANGE
E10480
500mA - 2A
LR29862
500mA - 2A
% of Ampere
Rating
OpeningTime
®
®
Applications
Telecom Nano Fuse
Temperature Reading
Maximum Temperature Rise
Higher Currents and PCB layout designs can affect this parameter.
Readings are measured at rated current after temperature stabilizes.
Revised: June 8, 2011


Similar Part No. - 0461002.ER

ManufacturerPart #DatasheetDescription
logo
Littelfuse
0461002.ERT LITTELFUSE-0461002.ERT Datasheet
201Kb / 3P
   Telecom NANO2짰Fuse 461 Series and Teccor TeleLink짰 Fuse
More results

Similar Description - 0461002.ER

ManufacturerPart #DatasheetDescription
logo
Littelfuse
04611.25ER LITTELFUSE-04611.25ER Datasheet
192Kb / 4P
   Surface Mount Fuses Surge Resistant > 461 Series TeleLink짰 Fuse
04611.25ER16 LITTELFUSE-04611.25ER16 Datasheet
192Kb / 4P
   Surface Mount Fuses Surge Resistant > 461 Series TeleLink짰 Fuse
461 LITTELFUSE-461 Datasheet
654Kb / 4P
   The Littelfuse 461 Series TeleLink짰 Surface Mount, Surge Resistant Fuse
0461.500ER LITTELFUSE-0461.500ER Datasheet
192Kb / 4P
   Surface Mount Fuses Surge Resistant > 461 Series TeleLink Fuse
0461.500ERT LITTELFUSE-0461.500ERT Datasheet
201Kb / 3P
   Telecom NANO2짰Fuse 461 Series and Teccor TeleLink짰 Fuse
0461002.ERT LITTELFUSE-0461002.ERT Datasheet
201Kb / 3P
   Telecom NANO2짰Fuse 461 Series and Teccor TeleLink짰 Fuse
0438002.WR LITTELFUSE-0438002.WR Datasheet
705Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 438 Series
0437.375WR LITTELFUSE-0437.375WR Datasheet
535Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 437 Series
0438.750WR LITTELFUSE-0438.750WR Datasheet
705Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 438 Series
0440.250WR LITTELFUSE-0440.250WR Datasheet
676Kb / 3P
   Surface Mount Fuses Ceramic Fuse > 440 Series
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com