Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOT2916L Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AOT2916L
Description  100V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOT2916L Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AOT2916L Datasheet HTML 1Page - Alpha & Omega Semiconductors AOT2916L Datasheet HTML 2Page - Alpha & Omega Semiconductors AOT2916L Datasheet HTML 3Page - Alpha & Omega Semiconductors AOT2916L Datasheet HTML 4Page - Alpha & Omega Semiconductors AOT2916L Datasheet HTML 5Page - Alpha & Omega Semiconductors AOT2916L Datasheet HTML 6Page - Alpha & Omega Semiconductors AOT2916L Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AOT2916L/AOTF2916L
Symbol
Min
Typ
Max
Units
BVDSS
100
V
VDS=100V, VGS=0V
1
TJ=55°C
5
IGSS
±100
nA
VGS(th)
Gate Threshold Voltage
1.6
2
2.7
V
ID(ON)
50
A
28
34
TJ=125°C
51
62
35
43.5
m
gFS
28
S
VSD
0.75
1
V
IS
23
A
Ciss
870
pF
Coss
68
pF
Crss
3.5
pF
Rg
7
Qg(10V)
12.5
20
nC
Qg(4.5V)
5.5
10
nC
Qgs
2.5
nC
Qgd
2
nC
tD(on)
7.5
ns
t
3.5
ns
IDSS
µA
Zero Gate Voltage Drain Current
m
On state drain current
VGS=10V, VDS=5V
VGS=10V, ID=10A
Gate-Body leakage current
VDS=VGS,ID=250µA
VDS=0V, VGS=±20V
RDS(ON)
Static Drain-Source On-Resistance
VGS=4.5V, ID=3A
Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
Drain-Source Breakdown Voltage
ID=250µA, VGS=0V
Forward Transconductance
Turn-On Rise Time
IS=1A,VGS=0V
VDS=5V, ID=10A
Diode Forward Voltage
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
VGS=0V, VDS=50V, f=1MHz
DYNAMIC PARAMETERS
V
=10V, V =50V, R =5
Ω,
Gate resistance
VGS=0V, VDS=0V, f=1MHz
VGS=10V, VDS=50V, ID=10A
Turn-On DelayTime
Total Gate Charge
Gate Source Charge
Gate Drain Charge
SWITCHING PARAMETERS
Total Gate Charge
tr
3.5
ns
tD(off)
23
ns
tf
5.5
ns
trr
20
ns
Qrr
88
nC
THIS PRODUCT HAS BEEN DESIGNED AND QUALIFIED FOR THE CONSUMER MARKET. APPLICATIONS OR USES AS CRITICAL
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Turn-On Rise Time
Turn-Off DelayTime
VGS=10V, VDS=50V, RL=5Ω,
RGEN=3Ω
Turn-Off Fall Time
IF=10A, dI/dt=500A/µs
Body Diode Reverse Recovery Charge
Body Diode Reverse Recovery Time
IF=10A, dI/dt=500A/µs
A. The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
Power dissipation P
DSM is based on R
θJA and the maximum allowed junction temperature of 150°C. The value in any given application
depends on the user's specific board design, and the maximum temperature of 175°C may be used if the PCB allows it.
B. The power dissipation P
D is based on TJ(MAX)=175°C, using junction-to-case thermal resistance, and is more useful in setting the upper
dissipation limit for cases where additional heatsinking is used.
C. Repetitive rating, pulse width limited by junction temperature T
J(MAX)=175°C. Ratings are based on low frequency and duty cycles to keep
initial T
J =25°C.
D. The RθJA is the sum of the thermal impedance from junction to case RθJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedance which is measured with the device mounted to a large heatsink,
assuming a maximum junction temperature of T
J(MAX)=175°C. The SOA curve provides a single pulse rating.
G. The maximum current limited by package.
H. These tests are performed with the device mounted on 1 in2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C.
Rev 0 : Oct. 2012
www.aosmd.com
Page 2 of 7


Similar Part No. - AOT2916L

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AOT2916L VBSEMI-AOT2916L Datasheet
949Kb / 7P
   N-Channel 100-V (D-S) MOSFET
logo
Inchange Semiconductor ...
AOT2916L ISC-AOT2916L Datasheet
309Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOT2916L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB44N10 FAIRCHILD-FQB44N10 Datasheet
640Kb / 9P
   100V N-Channel MOSFET
FQP55N10 FAIRCHILD-FQP55N10 Datasheet
666Kb / 8P
   100V N-Channel MOSFET
FQH140N10 FAIRCHILD-FQH140N10 Datasheet
679Kb / 8P
   100V N-Channel MOSFET
FQD13N10 FAIRCHILD-FQD13N10 Datasheet
619Kb / 9P
   100V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3442 AOSMD-AO3442 Datasheet
500Kb / 5P
   100V N-Channel MOSFET
AO4482 AOSMD-AO4482 Datasheet
204Kb / 6P
   100V N-Channel MOSFET
AON2290 AOSMD-AON2290 Datasheet
227Kb / 5P
   100V N-Channel MOSFET
AOD478 AOSMD-AOD478 Datasheet
427Kb / 6P
   100V N-Channel MOSFET
AON6290 AOSMD-AON6290 Datasheet
271Kb / 6P
   100V N-Channel MOSFET
AOT416 AOSMD-AOT416 Datasheet
280Kb / 7P
   100V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4454 WHXPCB-AO4454 Datasheet
2Mb / 6P
   100V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com