Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOB298L Datasheet(PDF) 7 Page - Alpha & Omega Semiconductors

Part # AOB298L
Description  100V N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOB298L Datasheet(HTML) 7 Page - Alpha & Omega Semiconductors

  AOB298L Datasheet HTML 1Page - Alpha & Omega Semiconductors AOB298L Datasheet HTML 2Page - Alpha & Omega Semiconductors AOB298L Datasheet HTML 3Page - Alpha & Omega Semiconductors AOB298L Datasheet HTML 4Page - Alpha & Omega Semiconductors AOB298L Datasheet HTML 5Page - Alpha & Omega Semiconductors AOB298L Datasheet HTML 6Page - Alpha & Omega Semiconductors AOB298L Datasheet HTML 7Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
AOT298L/AOB298L/AOTF298L
-
+
VDC
Ig
Vds
DUT
-
+
VDC
Vgs
Vgs
10V
Qg
Qgs
Qgd
Charge
Gate Charge Test Circuit & Waveform
-
+
VDC
DUT
Vdd
Vgs
Vds
Vgs
RL
Rg
Vgs
Vds
10%
90%
Resistive Switching Test Circuit & Waveforms
t
tr
d(on)
t
on
t
d(off)
t f
t
off
Id
+
L
Vds
BV
Unclamped Inductive Switching (UIS) Test Circuit & Waveforms
Vds
DSS
2
E
= 1/2 LI
AR
AR
Vdd
Vgs
Vgs
Rg
DUT
-
+
VDC
Vgs
Id
Vgs
I
Ig
Vgs
-
+
VDC
DUT
L
Vgs
Vds
Isd
Isd
Diode Recovery Test Circuit & Waveforms
Vds -
Vds +
I F
AR
dI/dt
I RM
rr
Vdd
Vdd
Q
= - Idt
t
rr
Rev0 : Oct. 2011
www.aosmd.com
Page 7 of 7


Similar Part No. - AOB298L

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB298L AOSMD-AOB298L Datasheet
378Kb / 7P
   100V N-Channel MOSFET
logo
Inchange Semiconductor ...
AOB298L ISC-AOB298L Datasheet
276Kb / 2P
   isc N-Channel MOSFET Transistor
logo
VBsemi Electronics Co.,...
AOB298L VBSEMI-AOB298L Datasheet
969Kb / 7P
   N-Channel 100-V (D-S) MOSFET
More results

Similar Description - AOB298L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB44N10 FAIRCHILD-FQB44N10 Datasheet
640Kb / 9P
   100V N-Channel MOSFET
FQP55N10 FAIRCHILD-FQP55N10 Datasheet
666Kb / 8P
   100V N-Channel MOSFET
FQH140N10 FAIRCHILD-FQH140N10 Datasheet
679Kb / 8P
   100V N-Channel MOSFET
FQD13N10 FAIRCHILD-FQD13N10 Datasheet
619Kb / 9P
   100V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3442 AOSMD-AO3442 Datasheet
500Kb / 5P
   100V N-Channel MOSFET
AO4482 AOSMD-AO4482 Datasheet
204Kb / 6P
   100V N-Channel MOSFET
AON2290 AOSMD-AON2290 Datasheet
227Kb / 5P
   100V N-Channel MOSFET
AOD478 AOSMD-AOD478 Datasheet
427Kb / 6P
   100V N-Channel MOSFET
AON6290 AOSMD-AON6290 Datasheet
271Kb / 6P
   100V N-Channel MOSFET
AOT416 AOSMD-AOT416 Datasheet
280Kb / 7P
   100V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4454 WHXPCB-AO4454 Datasheet
2Mb / 6P
   100V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com