Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM207EARU Datasheet(PDF) 6 Page - Analog Devices

Part # ADM207EARU
Description  EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM207EARU Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM207EARU Datasheet HTML 2Page - Analog Devices ADM207EARU Datasheet HTML 3Page - Analog Devices ADM207EARU Datasheet HTML 4Page - Analog Devices ADM207EARU Datasheet HTML 5Page - Analog Devices ADM207EARU Datasheet HTML 6Page - Analog Devices ADM207EARU Datasheet HTML 7Page - Analog Devices ADM207EARU Datasheet HTML 8Page - Analog Devices ADM207EARU Datasheet HTML 9Page - Analog Devices ADM207EARU Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADM206E/ADM207E/ADM208E/ADM211E/ADM213E
REV. B
–6–
14
13
12
11
10
9
8
1
2
3
4
7
6
5
17
16
15
20
19
18
28
27
26
25
24
23
22
21
TOP VIEW
(Not to Scale)
ADM213E
T3OUT
R3OUT
R3IN
T4OUT
T1OUT
T2OUT
R2IN
R4OUT*
R4IN*
R2OUT
T2IN
T1IN
R1OUT
R1IN
GND
R5OUT*
T3IN
T4IN
VCC
C1+
V+
C1–
R5IN*
C2+
C2–
V–
EN
*ACTIVE IN SHUTDOWN
SHDN
Figure 9. ADM213E Pin Configuration
PIN FUNCTION DESCRIPTIONS
Mnemonic
Function
VCC
Power Supply Input: +5 V
± 10%.
V+
Internally Generated Positive Supply (+9 V nominal).
V–
Internally Generated Negative Supply (–9 V nominal).
GND
Ground Pin. Must Be Connected to 0 V.
C1+, C1–
External Capacitor 1 is connected between these pins. 0.1
µF capacitor is recommended but larger capacitors up
to 47
µF may be used.
C2+, C2–
External Capacitor 2 is connected between these pins. 0.1
µF capacitor is recommended but larger capacitors up
to 47
µF may be used.
TIN
Transmitter (Driver) Inputs. These inputs accept TTL/CMOS levels. An internal 400 k
Ω pull-up resistor to V
CC
is connected on each input.
TOUT
Transmitter (Driver) Outputs. These are RS-232 signal levels (Typically
±9 V).
RIN
Receiver Inputs. These inputs accept RS-232 signal levels. An internal 5 k
Ω pull-down resistor to GND is
connected on each input.
ROUT
Receiver Outputs. These are CMOS output logic levels.
EN/
EN
Receiver Enable (Active High on ADM213E, Active Low on ADM211E); This input is used to enable/disable the
receiver outputs. With
EN = Low ADM211E (EN = High ADM213E), the receiver outputs are enabled. With EN
= High (EN = Low ADM213E), the receiver outputs are placed in a high impedance state.
SHDN/SHDN
Shutdown Control (Active Low on ADM213E, Active High on ADM211E); Refer to Table II. In shutdown the
charge pump is disabled, the transmitter outputs are turned off and all receiver outputs (ADM211E), receivers R1,
R2, R3 (ADM213E) are placed in a high impedance state. Receivers R4 and R5 on the ADM213E continue to
operate normally during shutdown. Power consumption in shutdown for all parts reduces to 5
µW.
TTL/CMOS
INPUTS
*
TTL/CMOS
OUTPUTS
R5OUT***
T1IN
ADM213E
SHDN
RS-232
OUTPUTS
T1OUT
GND
T2IN
T3IN
T4IN
T2OUT
T3OUT
T4OUT
RS-232
INPUTS
**
R1IN
R2IN
R3IN
R1OUT
R2OUT
R3OUT
*INTERNAL 400k
PULL-UP RESISTOR ON EACH CMOS INPUT
**INTERNAL 5k
PULL-DOWN RESISTOR ON EACH RS-232 INPUT
***ACTIVE IN SHUTDOWN
EN
+5V TO +10V
VOLTAGE
DOUBLER
+10V TO –10V
VOLTAGE
INVERTER
14
12
11
0.1 F
6.3V
+5V INPUT
VCC
V+
V–
C1+
C1–
C2+
C2–
0.1 F
16V
0.1 F
16V
0.1 F
16V
13
0.1 F
10
15
17
3
1
2
28
T3
T4
T2
T1
21
6
7
20
25
27
9
4
R1
R2
R3
5
8
16
R4IN***
R5IN***
R4OUT***
18
23
R4
R5
19
26
24
22
Figure 10. ADM213E Typical Operating Circuit


Similar Part No. - ADM207EARU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM207EARU AD-ADM207EARU Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM207EARU AD-ADM207EARU Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM207EARU-REEL AD-ADM207EARU-REEL Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM207EARU-REEL AD-ADM207EARU-REEL Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM207EARU-REEL7 AD-ADM207EARU-REEL7 Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
More results

Similar Description - ADM207EARU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM202E AD-ADM202E Datasheet
163Kb / 12P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. 0
ADM202E AD-ADM202E_V01 Datasheet
254Kb / 16P
   EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
ADM2023E AD-ADM2023E Datasheet
254Kb / 16P
   EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers
REV. C
ADM213EARZ-REEL AD-ADM213EARZ-REEL Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM206E AD-ADM206E_06 Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM213EARSZ-REEL AD-ADM213EARSZ-REEL Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM213EARSZ AD-ADM213EARSZ Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM2209E AD-ADM2209E Datasheet
142Kb / 12P
   EMI-/EMC-Compliant -15 kV ESD Protected, Dual RS-232 Port with Standby
REV. 0
ADM2209EARUZ AD-ADM2209EARUZ Datasheet
146Kb / 12P
   EMI-/EMC-Compliant 615 kV ESD Protected, Dual RS-232 Port with Standby
REV. 0
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com