Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOT22N50 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AOT22N50
Description  500V,22A N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOT22N50 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AOT22N50 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOT22N50 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOT22N50 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOT22N50 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOT22N50 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOT22N50 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AOT22N50/AOTF22N50
500V,22A N-Channel MOSFET
General Description
Product Summary
VDS
ID (at VGS=10V)
22A
RDS(ON) (at VGS=10V)
< 0.26
100% UIS Tested
100% Rg Tested
For Halogen Free add "L" suffix to part number:
AOT22N50L&AOTF22N50L
Symbol
The AOT22N50 & AOTF22N50 have been fabricated
using an advanced high voltage MOSFET process that is
designed to deliver high levels of performance and
robustness in popular AC-DC applications.By providing
low RDS(on), Ciss and Crss along with guaranteed avalanche
capability these parts can be adopted quickly into new
and existing offline power supply designs.
Units
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
600V@150℃
AOT22N50
AOTF22N50
G
D
S
Top View
TO-220F
TO-220
G
D
S
G
D
S
AOT22N50
AOTF22N50
Symbol
VDS
VGS
IDM
IAR
EAR
EAS
Peak diode recovery dv/dt
dv/dt
TJ, TSTG
TL
Symbol
RθJA
RθCS
RθJC
* Drain current limited by maximum junction temperature.
22*
15
15*
2.5
417
50
3.3
0.4
°C/W
Units
A
°C
mJ
W
W/
oC
AOT22N50
AOTF22N50
0.5
--
°C/W
65
65
0.3
°C/W
300
-55 to 150
°C
Thermal Characteristics
Parameter
Maximum lead temperature for soldering
purpose, 1/8" from case for 5 seconds
Junction and Storage Temperature Range
V
±30
Gate-Source Voltage
V/ns
mJ
Repetitive avalanche energy
C
TC=100°C
5
A
88
Pulsed Drain Current
C
Continuous Drain
Current
TC=25°C
ID
7
22
V
Units
Parameter
Drain-Source Voltage
500
AOT22N50
AOTF22N50
Derate above 25
oC
Maximum Junction-to-Ambient
A,D
Maximum Junction-to-Case
Avalanche Current
C
735
Single plused avalanche energy
G
1470
Power Dissipation
B
PD
TC=25°C
Maximum Case-to-sink
A
G
D
S
Top View
TO-220F
TO-220
G
D
S
G
D
S
AOT22N50
AOTF22N50
Rev1: Dec 2011
www.aosmd.com
Page 1 of 6


Similar Part No. - AOT22N50

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOT22N50 ISC-AOT22N50 Datasheet
318Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOT22N50

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOK22N50 AOSMD-AOK22N50 Datasheet
441Kb / 5P
   500V,22A N-Channel MOSFET
logo
Fairchild Semiconductor
FDP22N50N FAIRCHILD-FDP22N50N Datasheet
563Kb / 8P
   N-Channel MOSFET 500V, 22A, 0.22廓
FDA20N50F FAIRCHILD-FDA20N50F_12 Datasheet
378Kb / 8P
   N-Channel MOSFET 500V, 22A, 0.26廓
FDA20N50F FAIRCHILD-FDA20N50F Datasheet
606Kb / 8P
   N-Channel MOSFET 500V, 22A, 0.26廓
logo
Unisonic Technologies
22N20 UTC-22N20 Datasheet
189Kb / 6P
   22A, 200V N-CHANNEL POWER MOSFET
22N65 UTC-22N65_11 Datasheet
191Kb / 5P
   22A, 650V N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FCA22N60N FAIRCHILD-FCA22N60N Datasheet
532Kb / 8P
   N-Channel MOSFET 600V, 22A, 0.165W
FCP22N60N FAIRCHILD-FCP22N60N Datasheet
763Kb / 10P
   N-Channel MOSFET 600V, 22A, 0.165W
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com