Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM483E Datasheet(PDF) 8 Page - Analog Devices

Part # ADM483E
Description  -15 kV ESD Protected, EMC Compliant Slew Rate Limited, EIA RS-485 Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM483E Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM483E Datasheet HTML 4Page - Analog Devices ADM483E Datasheet HTML 5Page - Analog Devices ADM483E Datasheet HTML 6Page - Analog Devices ADM483E Datasheet HTML 7Page - Analog Devices ADM483E Datasheet HTML 8Page - Analog Devices ADM483E Datasheet HTML 9Page - Analog Devices ADM483E Datasheet HTML 10Page - Analog Devices ADM483E Datasheet HTML 11Page - Analog Devices ADM483E Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
–8–
REV. 0
ADM483E
The ADM483E has been tested under worst case conditions
using unshielded cables, and meets Classification 2 at severity
Level 4. Data transmission during the transient condition is
corrupted, but it may be resumed immediately following the
EFT event without user intervention.
RADIATED IMMUNITY (IEC1000-4-3)
IEC1000-4-3 (previously IEC801-3) describes the measurement
method and defines the levels of immunity to radiated electro-
magnetic fields. It was originally intended to simulate the electro-
magnetic fields generated by portable radio transceivers or any
other device that generates continuous wave radiated electromag-
netic energy. Its scope has since been broadened to include
spurious EM energy, which can be radiated from fluorescent
lights, thyristor drives, inductive loads, etc.
Testing for immunity involves irradiating the device with an EM
field. There are various methods of achieving this including use
of anechoic chamber, stripline cell, TEM cell and GTEM cell.
These consist essentially of two parallel plates with an electric
field developed between them. The device under test is placed
between the plates and exposed to the electric field. There
are three severity levels having field strengths ranging from
1 V to 10 V/m. Results are classified in a similar fashion to those
for IEC1000-4-2.
1. Normal Operation.
2. Temporary Degradation or loss of function that is self-
recoverable when the interfering signal is removed.
3. Temporary degradation or loss of function that requires
operator intervention or system reset when the interfering
signal is removed.
4. Degradation or loss of function that is not recoverable due to
damage.
The ADM483E comfortably meets Classification 1 at the most
stringent (Level 3) requirement. In fact, field strengths up to
30 V/m showed no performance degradation and error-free data
transmission continued even during irradiation.
Table VI.
Level
Field Strength
V/m
11
23
310
EMI EMISSIONS
The ADM483E contains internal slew rate limiting in order to
minimize the level of electromagnetic interference generated.
Figure 25 shows an FFT plot when transmitting a 150 kHz
data stream.
10
0%
100
90
10dB/DIV
500kHz/DIV
0
5MHz
Figure 25. Driver Output Waveform and FFT Plot Trans-
mitting @ 150 kHz
As may be seen, the slew limiting attenuates the high frequency
components. EMI is therefore reduced, as are reflections due to
improperly terminated cables.
EN55022, CISPR22 defines the permitted limits of radiated
and conducted interference from Information Technology
Equipment (ITE).
The objective is to control the level of emissions, both con-
ducted and radiated.
For ease of measurement and analysis, conducted emissions are
assumed to predominate below 30 MHz, while radiated
emissions predominate above this frequency.
CONDUCTED EMISSIONS
This is a measure of noise that is conducted onto the mains
power supply. The noise is measured using a LISN (Linc
Impedance Stabilizing Network) and a spectrum analyzer. The
test setup is illustrated in Figure 26. The spectrum analyzer is
set to scan the spectrum from 0 MHz to 30 MHz. Figure 27
shows that the level of conducted emissions from the
ADM483E are well below the allowable limits.
SPECTRUM
ANALYSER
DUT
LISN
PSU
Figure 26. Conducted Emissions Test Setup


Similar Part No. - ADM483E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM483E AD-ADM483E Datasheet
363Kb / 16P
   ±15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
Rev. A
ADM483EAR AD-ADM483EAR Datasheet
378Kb / 16P
   15,-15 kV ESD Protected, Slew Rate
REV. A
ADM483EAR AD-ADM483EAR Datasheet
363Kb / 16P
   ±15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
Rev. A
ADM483EAR-REEL AD-ADM483EAR-REEL Datasheet
364Kb / 16P
   짹15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
REV. A
ADM483EAR-REEL AD-ADM483EAR-REEL Datasheet
378Kb / 16P
   15,-15 kV ESD Protected, Slew Rate
REV. A
More results

Similar Description - ADM483E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM483E AD-ADM483E_V01 Datasheet
363Kb / 16P
   ±15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
Rev. A
ADM483EARZ-REEL AD-ADM483EARZ-REEL Datasheet
364Kb / 16P
   짹15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
REV. A
ADM483EAR-REEL AD-ADM483EAR-REEL Datasheet
364Kb / 16P
   짹15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
REV. A
ADM483EARZ AD-ADM483EARZ Datasheet
364Kb / 16P
   짹15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
REV. A
ADM488 AD-ADM488_15 Datasheet
386Kb / 16P
   Slew Rate Limited, EIA RS-485 Transceivers
Rev. D
ADM489 AD-ADM489_15 Datasheet
386Kb / 16P
   Slew Rate Limited, EIA RS-485 Transceivers
Rev. D
ADM3485E AD-ADM3485E Datasheet
119Kb / 11P
   ESD Protected, EMC Compliant, 3.3 V, 20 Mbps, EIA RS-485 Transceiver
REV. A
ADM483EAR AD-ADM483EAR Datasheet
378Kb / 16P
   15,-15 kV ESD Protected, Slew Rate
REV. A
ADM3485E AD-ADM3485E_V01 Datasheet
303Kb / 16P
   ±15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
logo
Union Semiconductor, In...
UM3352E UNIONSEMI-UM3352E_15 Datasheet
316Kb / 13P
   ESD-Protected, Slew-Rate-Limited, Fail-Safe, True RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com