Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOT12N60FD Datasheet(PDF) 6 Page - Alpha & Omega Semiconductors

Part # AOT12N60FD
Description  600V, 12A N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOT12N60FD Datasheet(HTML) 6 Page - Alpha & Omega Semiconductors

  AOT12N60FD Datasheet HTML 1Page - Alpha & Omega Semiconductors AOT12N60FD Datasheet HTML 2Page - Alpha & Omega Semiconductors AOT12N60FD Datasheet HTML 3Page - Alpha & Omega Semiconductors AOT12N60FD Datasheet HTML 4Page - Alpha & Omega Semiconductors AOT12N60FD Datasheet HTML 5Page - Alpha & Omega Semiconductors AOT12N60FD Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
AOT12N60FD/AOTF12N60FD
-
+
VDC
Ig
Vds
DUT
-
+
VDC
Vgs
Vgs
10V
Qg
Qgs
Qgd
Charge
Gate Charge Test Circuit & Waveform
-
+
VDC
DUT
Vdd
Vgs
Vds
Vgs
RL
Rg
Vgs
Vds
10%
90%
Res istive Switching Test Circuit & Waveforms
t
t r
d(on)
t
on
t
d(off)
t f
t off
Vdd
Vgs
Id
Vgs
Rg
DUT
-
+
VDC
L
Vgs
Vds
Id
Vgs
BV
I
Unclamped Inductive Switching (UIS) Test Circuit & Waveforms
Ig
Vgs
-
+
VDC
DUT
L
Vds
Vgs
Vds
Isd
Isd
Diode Recovery Tes t Circuit & Waveforms
Vds -
Vds +
IF
AR
DSS
2
E = 1/2 LI
dI/dt
IRM
rr
Vdd
Vdd
Q = - Idt
trr
AR
AR
Rev 3: Mar 2011
www.aosmd.com
Page 6 of 6


Similar Part No. - AOT12N60FD

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOT12N60FD ISC-AOT12N60FD Datasheet
304Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOT12N60FD

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT12N60 AOSMD-AOT12N60 Datasheet
151Kb / 6P
   600V, 12A N-Channel MOSFET
AOWF12T60P AOSMD-AOWF12T60P Datasheet
434Kb / 6P
   600V,12A N-Channel MOSFET
AOB12T60P AOSMD-AOB12T60P Datasheet
494Kb / 7P
   600V,12A N-Channel MOSFET
AOWF12T60 AOSMD-AOWF12T60 Datasheet
230Kb / 6P
   600V,12A N-Channel MOSFET
AOW12N60 AOSMD-AOW12N60 Datasheet
268Kb / 6P
   600V,12A N-Channel MOSFET
logo
Unisonic Technologies
12N60 UTC-12N60_12 Datasheet
371Kb / 7P
   12A, 600V N-CHANNEL POWER MOSFET
logo
Hi-Sincerity Mocroelect...
H12N60 HSMC-H12N60 Datasheet
156Kb / 4P
   N-Channel Power MOSFET (600V,12A)
logo
Intersil Corporation
HGTP12N60D1 INTERSIL-HGTP12N60D1 Datasheet
31Kb / 4P
   12A, 600V N-Channel IGBT
April 1995
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com