Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM3491 Datasheet(PDF) 9 Page - Analog Devices

Part # ADM3491
Description  3.3 V, Full Duplex, 840 uA 20 Mbps, EIA RS-485 Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3491 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM3491 Datasheet HTML 4Page - Analog Devices ADM3491 Datasheet HTML 5Page - Analog Devices ADM3491 Datasheet HTML 6Page - Analog Devices ADM3491 Datasheet HTML 7Page - Analog Devices ADM3491 Datasheet HTML 8Page - Analog Devices ADM3491 Datasheet HTML 9Page - Analog Devices ADM3491 Datasheet HTML 10Page - Analog Devices ADM3491 Datasheet HTML 11Page - Analog Devices ADM3491 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADM3491
–9–
REV. 0
TEMPERATURE – C
1.2
1.1
0.7
–40
100
–20
0
20
406080
1
0.9
0.8
Figure 19. Supply Current vs. Temperature
3
2
1
T
T
T
4
T
100FT
CABLE
CH1 1.00V
CH2 1.00V
M40.0ns CH3
640mV
CH3 2.00V
CH4 2.00V
[
T
]
Figure 20. Driving 100 ft. Cable L-H Transition
3
2
1
T
T
T
4
T
100FT CAT 5
CABLE
CH1 1.00V
CH2 1.00V
M40.0ns CH3
640mV
CH3 2.00V
CH4 2.00V
[
T
]
Figure 21. Driving 100 ft. Cable H-L Transition
TEMPERATURE – C
100
0
–40
80
–20
0
20
40
60
90
60
30
20
10
80
70
50
40
Figure 22. Shutdown Current vs. Temperature


Similar Part No. - ADM3491

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3491 AD-ADM3491 Datasheet
450Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM3491 AD-ADM3491 Datasheet
327Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3491AR AD-ADM3491AR Datasheet
450Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. B
ADM3491AR AD-ADM3491AR Datasheet
327Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3491AR-REEL AD-ADM3491AR-REEL Datasheet
450Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. B
More results

Similar Description - ADM3491

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3485E AD-ADM3485E Datasheet
119Kb / 11P
   ESD Protected, EMC Compliant, 3.3 V, 20 Mbps, EIA RS-485 Transceiver
REV. A
logo
Texas Instruments
SN65HVD70 TI1-SN65HVD70 Datasheet
1Mb / 41P
[Old version datasheet]   3.3-V Full-Duplex RS-485 Transceivers
logo
Analog Devices
ADM3485E AD-ADM3485E_V01 Datasheet
303Kb / 16P
   ±15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
ADM3485E AD-ADM3485E_10 Datasheet
303Kb / 16P
   짹15 kV ESD-Protected, 3.3 V,12 Mbps, EIA RS-485/RS-422 Transceiver
Rev. D
logo
Texas Instruments
SN65HVD30-EP TI1-SN65HVD30-EP Datasheet
853Kb / 25P
[Old version datasheet]   3.3-V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD30 TI-SN65HVD30_08 Datasheet
834Kb / 28P
[Old version datasheet]   3.3 V FULL-DUPLEX RS-485 DRIVERS AND RECEIVERS
SN65HVD11-HT TI1-SN65HVD11-HT_15 Datasheet
610Kb / 34P
[Old version datasheet]   3.3-V RS-485 Transceiver
SN65HVD11-HT TI1-SN65HVD11-HT Datasheet
588Kb / 30P
[Old version datasheet]   3.3-V RS-485 TRANSCEIVER
logo
Renesas Technology Corp
ISO15 RENESAS-ISO15 Datasheet
727Kb / 20P
   ISOLATED 3.3-V FULL AND HALF-DUPLEX RS-485 TRANSCEIVERS
logo
Texas Instruments
SN65HVD30 TI1-SN65HVD30_15 Datasheet
1Mb / 42P
[Old version datasheet]   SN65HVD3x 3.3-V Full-Duplex RS-485 Drivers and Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com