Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM232AAN Datasheet(PDF) 5 Page - Analog Devices

Part # ADM232AAN
Description  High Speed, 5 V, 0.1 uF CMOS RS-232 Drivers/Receivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM232AAN Datasheet(HTML) 5 Page - Analog Devices

  ADM232AAN Datasheet HTML 1Page - Analog Devices ADM232AAN Datasheet HTML 2Page - Analog Devices ADM232AAN Datasheet HTML 3Page - Analog Devices ADM232AAN Datasheet HTML 4Page - Analog Devices ADM232AAN Datasheet HTML 5Page - Analog Devices ADM232AAN Datasheet HTML 6Page - Analog Devices ADM232AAN Datasheet HTML 7Page - Analog Devices ADM232AAN Datasheet HTML 8Page - Analog Devices ADM232AAN Datasheet HTML 9Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ADM222/ADM232A/ADM242
REV. 0
–5–
Figure 9. ADM232A DIP/SOIC Pin Configuration
Figure 11. ADM242 DIP/SOIC Pin Configuration
Figure 12. ADM242 Typical Operating Circuit
Figure 10. ADM232A Typical Operating Circuit
T2OUT
C1+
SHDN
VCC
C2+
C2–
V–
R1OUT
T1IN
V+
C1–
GND
T2IN
R2IN
R2OUT
R1IN
T1OUT
1
2
18
17
5
6
7
14
13
12
3
4
16
15
8
11
9
10
TOP VIEW
(Not to Scale)
ADM242
EN
C1+
V+
VCC
GND
C2–
V–
T2OUT
R1OUT
T1IN
T2IN
C1–
C2+
T1OUT
R1IN
R2IN
R2OUT
1
2
16
15
5
6
7
12
11
10
3
4
14
13
8
9
TOP VIEW
(Not to Scale)
ADM232A
VCC
+5V TO +10V
VOLTAGE DOUBLER
+5V TO –10V
VOLTAGE INVERTER
C1+
C1–
V+
V–
C2+
C2–
T1
ADM242
T2
R1
R2
C1
0.1µF
C2
0.1µF
C3
0.1µF
GND
R1OUT
R2OUT
T1OUT
T2OUT
R1IN
R2IN
T1IN
T2IN
TTL/CMOS
INPUTS
*
RS-232
OUTPUTS
RS-232
INPUTS
**
2
4
6
5
12
11
13
10
3
7
15
14
9
C4
0.1µF
+5V INPUT
C5
0.1µF
6.3V
16
* INTERNAL 400k
Ω PULL-UP RESISTOR
ON EACH TTL/MOS INPUT
** INTERNAL 5k
Ω PULL-DOWN RESISTOR
ON EACH RS-232 INPUT
18
SHDN
17
EN
1
8
TTL/CMOS
OUTPUTS
*
TTL/CMOS
OUTPUTS
VCC
+5V TO +10V
VOLTAGE DOUBLER
+5V TO –10V
VOLTAGE INVERTER
C1+
C1–
V+
V–
C2+
C2–
T1
ADM232A
T2
R1
R2
C1
0.1µF
C2
0.1µF
C3
0.1µF
GND
R1OUT
R2OUT
T1OUT
T2OUT
R1IN
R2IN
T1IN
T2IN
TTL/CMOS
INPUTS
*
RS-232
OUTPUTS
RS-232
INPUTS
**
1
3
5
4
11
10
12
9
2
6
14
7
13
8
C4
0.1µF
+5V INPUT
C5
0.1µF
6.3V
15
* INTERNAL 400k
Ω PULL-UP RESISTOR
ON EACH TTL/MOS INPUT
** INTERNAL 5k
Ω PULL-DOWN RESISTOR
ON EACH RS-232 INPUT


Similar Part No. - ADM232AAN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM232AAN AD-ADM232AAN Datasheet
183Kb / 11P
   High-Speed, 5 V, 0.1 F CMOS RS-232 Drivers/Receivers
REV. B
ADM232AAN AD-ADM232AAN Datasheet
207Kb / 11P
   High-Speed, 5 V, 0.1 F CMOS RS-232 Drivers/Receivers
REV. C
ADM232AANZ AD-ADM232AANZ Datasheet
183Kb / 11P
   High-Speed, 5 V, 0.1 F CMOS RS-232 Drivers/Receivers
REV. B
ADM232AANZ AD-ADM232AANZ Datasheet
207Kb / 11P
   High-Speed, 5 V, 0.1 F CMOS RS-232 Drivers/Receivers
REV. C
More results

Similar Description - ADM232AAN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM205 AD-ADM205 Datasheet
486Kb / 12P
   0.1 uF, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. 0
ADM222 AD-ADM222_V01 Datasheet
207Kb / 11P
   High-Speed, 5 V, 0.1 F CMOS RS-232 Drivers/Receivers
REV. C
ADM222 AD-ADM222_01 Datasheet
183Kb / 11P
   High-Speed, 5 V, 0.1 F CMOS RS-232 Drivers/Receivers
REV. B
ADM202 AD-ADM202 Datasheet
305Kb / 6P
   High Speed, 5 V, 0.1 uF CMOS RS-232 Driver/Receivers
REV. 0
ADM202JRWZ AD-ADM202JRWZ Datasheet
120Kb / 6P
   High-Speed, 5 V, 0.1 uF CMOS RS-232 Driver/Receivers
REV. A
ADM232AARWZ AD-ADM232AARWZ Datasheet
183Kb / 11P
   High-Speed, 5 V, 0.1 關F CMOS RS-232 Drivers/Receivers
REV. B
ADM206 AD-ADM206 Datasheet
254Kb / 16P
   0.1 μF, 5 V Powered CMOS RS-232 Drivers/Receivers
Rev. D
ADM207EARSZ AD-ADM207EARSZ Datasheet
218Kb / 16P
   0.1 muF, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM202JRNZ AD-ADM202JRNZ Datasheet
127Kb / 6P
   High-Speed, 5 V, 0.1 F CMOS RS-232 Driver/Receivers
REV. A
ADM202JNZ AD-ADM202JNZ Datasheet
127Kb / 6P
   High-Speed, 5 V, 0.1 F CMOS RS-232 Driver/Receivers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com