Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1181 Datasheet(PDF) 4 Page - Analog Devices

Part # ADM1181
Description  EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1181 Datasheet(HTML) 4 Page - Analog Devices

  ADM1181 Datasheet HTML 1Page - Analog Devices ADM1181 Datasheet HTML 2Page - Analog Devices ADM1181 Datasheet HTML 3Page - Analog Devices ADM1181 Datasheet HTML 4Page - Analog Devices ADM1181 Datasheet HTML 5Page - Analog Devices ADM1181 Datasheet HTML 6Page - Analog Devices ADM1181 Datasheet HTML 7Page - Analog Devices ADM1181 Datasheet HTML 8Page - Analog Devices ADM1181 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
ADM202E/ADM1181A
–4–
REV. 0
GENERAL DESCRIPTION
The ADM202E/ADM1181E are ruggedized RS-232 line drivers/
receivers. Step-up voltage converters coupled with level shifting
transmitters and receivers allow RS-232 levels to be developed
while operating from a single +5 V supply.
Features include low power consumption, high transmission
rates and compatibility with the EU directive on Electromag-
netic compatibility. EM compatibility includes protection
against radiated and conducted interference including high
levels of Electrostatic Discharge.
All inputs and outputs contain protection against Electrostatic
Discharges up to
±15 kV and Electrical Fast Transients up to
±2 kV. This ensures compliance to IE1000-4-2 and IEC1000-4-4
requirements.
The devices are ideally suited for operation in electrically harsh
environments or where RS-232 cables are frequently being
plugged/unplugged. They are also immune to high RF field
strengths without special shielding precautions.
CMOS technology is used to keep the power dissipation to an
absolute minimum allowing maximum battery life in portable
applications.
The ADM202E/ADM1181A is a modification, enhancement
and improvement to the AD230–AD241 family and its deriva-
tives. It is essentially plug-in compatible and does not have ma-
terially different applications.
CIRCUIT DESCRIPTION
The internal circuitry consists of four main sections. These are:
1. A charge pump voltage converter
2. 5 V logic to EIA-232 transmitters
3. EIA-232 to 5 V logic receivers.
4. Transient protection circuit on all I/O lines
Charge Pump DC-DC Voltage Converter
The charge pump voltage converter consists of an 200 kHz os-
cillator and a switching matrix. The converter generates a
±10 V
supply from the input +5 V level. This is done in two stages us-
ing a switched capacitor technique as illustrated below. First,
the 5 V input supply is doubled to 10 V using capacitor C1 as
the charge storage element. The 10 V level is then inverted to
generate –10 V using C2 as the storage element.
Capacitors C3 and C4 are used to reduce the output ripple.
Their values are not critical and can be increased if desired. On
the ADM202E, capacitor C3 is shown connected between V+
and VCC, while it is connected between V+ and GND on the
ADM1181A. It is acceptable to use either configuration with
both the ADM202E and ADM1181A. If desired, larger capaci-
tors (up to 47
µF) can be used for capacitors C1–C4. This facili-
tates direct substitution with older generation charge pump
RS-232 transceivers.
S1
S2
C1
S4
S3
C3
V+ = 2VCC
VCC
VCC
GND
INTERNAL
OSCILLATOR
NOTE: C3 CONNECTS BETWEEN V+ AND GND ON THE ADM1181A
Figure 1. Charge Pump Voltage Doubler
S1
S2
C2
S4
S3
C4
V– = –(V+)
V+
GND
INTERNAL
OSCILLATOR
GND
FROM
VOLTAGE
DOUBLER
Figure 2. Charge Pump Voltage Inverter
Transmitter (Driver) Section
The drivers convert 5 V logic input levels into RS-232 output
levels. With VCC = +5 V and driving an RS-232 load, the output
voltage swing is typically
±9 V.
Receiver Section
The receivers are inverting level shifters which accept RS-232
input levels and translate them into 5 V logic output levels.
The inputs have internal 5 k
Ω pull-down resistors to ground
and are also protected against overvoltages of up to
±30 V. Un-
connected inputs are pulled to 0 V by the internal 5 k
Ω pull-
down resistor. This, therefore, results in a Logic 1 output level
for unconnected inputs or for inputs connected to GND.
The receivers have Schmitt trigger inputs with a hysteresis level
of 0.5 V. This ensures error-free reception for both noisy inputs
and for inputs with slow transition times.


Similar Part No. - ADM1181

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1181A AD-ADM1181A Datasheet
254Kb / 16P
   EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers
REV. C
ADM1181A AD-ADM1181A Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
ADM1181A AD-ADM1181A Datasheet
254Kb / 16P
   EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
ADM1181AAN AD-ADM1181AAN Datasheet
254Kb / 16P
   EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers
REV. C
ADM1181AAN AD-ADM1181AAN Datasheet
254Kb / 16P
   EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
More results

Similar Description - ADM1181

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM202E AD-ADM202E_V01 Datasheet
254Kb / 16P
   EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
ADM206E AD-ADM206E Datasheet
204Kb / 16P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. B
ADM2023E AD-ADM2023E Datasheet
254Kb / 16P
   EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers
REV. C
ADM213EARZ-REEL AD-ADM213EARZ-REEL Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM206E AD-ADM206E_06 Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM213EARSZ-REEL AD-ADM213EARSZ-REEL Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM213EARSZ AD-ADM213EARSZ Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM2209E AD-ADM2209E Datasheet
142Kb / 12P
   EMI-/EMC-Compliant -15 kV ESD Protected, Dual RS-232 Port with Standby
REV. 0
ADM2209EARUZ AD-ADM2209EARUZ Datasheet
146Kb / 12P
   EMI-/EMC-Compliant 615 kV ESD Protected, Dual RS-232 Port with Standby
REV. 0
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com