Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2643012702 Datasheet(PDF) 2 Page - Fair-Rite Products Corp.

Part # 2643012702
Description  Broadband Frequencies 25-300 MHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIR-RITE [Fair-Rite Products Corp.]
Direct Link  http://www.fair-rite.com
Logo FAIR-RITE - Fair-Rite Products Corp.

2643012702 Datasheet(HTML) 2 Page - Fair-Rite Products Corp.

  2643012702 Datasheet HTML 1Page - Fair-Rite Products Corp. 2643012702 Datasheet HTML 2Page - Fair-Rite Products Corp. 2643012702 Datasheet HTML 3Page - Fair-Rite Products Corp. 2643012702 Datasheet HTML 4Page - Fair-Rite Products Corp. 2643012702 Datasheet HTML 5Page - Fair-Rite Products Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Fair-Rite Products Corp. PO Box J,One Commercial Row, Wallkill, NY 12589-0288
Phone: (888) 324-7748 www.fair-rite.com
Fair-Rite Product's Catalog
Part Data Sheet, 2643012702
Printed: 2010-11-09
Mechanical Specifications
Dim
mm
mm
nominal
inch
tol
inch
misc.
A
9.65
±0.25
0.380
-
B
6.35
±0.15
0.250
-
C
7.35
±0.25
0.290
-
D
-
-
-
-
E
-
-
-
-
F
-
-
-
-
G
-
-
-
-
H
-
-
-
-
J
-
-
-
-
K
-
-
-
-
Land Patterns
V
W
X
Y
Z
ref
-
-
-
-
-
-
-
-
-
-
Winding Information
Turns
Wire
1st Wire
2nd Wire
Tested
Size
Length
Length
-
-
-
-
Reel Information
Tape Width Pitch
Parts 7 ''
Parts 13 '' Parts 14 ''
mm
mm
Reel
Reel
Reel
-
-
-
-
-
Package Size
Pkg Size
-
(-)
Electrical Specifications
Typical Impedance ( )
10 MHz
15
25 MHz+
24
100 MHz+
38
250 MHz
55
Connector Plate
# Holes
# Rows
-
-
Electrical Properties
H(Oe)
.51
Legend
+ Test frequency
Preferred parts, the suggested choice for new designs,have shorter lead times and are more readily available.
The column H(Oe) gives for each bead the calculated dc bias field in oersted for 1 turn and 1 ampere direct current. The actual dc H field in
the application is this value of H times the actual NI (ampere-turn) product. For the effect of the dc bias on the impedance of the bead material,
see figures 18-23 in the application note How to choose Ferrite Components for EMI Suppression.
A ½ turn is defined as a single pass through a hole.
l/A - Core Constant
l e: Effective Path Length
Ae: Effective Cross-Sectional Area
Ve: Effective Core Volume
AL- Inductance Factor (
L
__
N 2)
Nl - Value of dc Ampere-turns
N/AWG - Number of Turns/Wire Size for Test Coil


Similar Part No. - 2643012702

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
2643012702 FAIR-RITE-2643012702 Datasheet
1Mb / 2P
   EMI Suppression Beads
2643012702 FAIR-RITE-2643012702_18 Datasheet
1Mb / 2P
   EMI Suppression Beads
More results

Similar Description - 2643012702

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
2643000301 FAIR-RITE-2643000301 Datasheet
548Kb / 5P
   Broadband Frequencies 25-300 MHz
2643000801 FAIR-RITE-2643000801 Datasheet
546Kb / 5P
   Broadband Frequencies 25-300 MHz
2643001301 FAIR-RITE-2643001301 Datasheet
545Kb / 5P
   Broadband Frequencies 25-300 MHz
2643003201 FAIR-RITE-2643003201 Datasheet
544Kb / 5P
   Broadband Frequencies 25-300 MHz
2643023002 FAIR-RITE-2643023002 Datasheet
547Kb / 5P
   Broadband Frequencies 25-300 MHz
2643004601 FAIR-RITE-2643004601 Datasheet
543Kb / 5P
   Broadband Frequencies 25-300 MHz
2643022401 FAIR-RITE-2643022401 Datasheet
545Kb / 5P
   Broadband Frequencies 25-300 MHz
2643250402 FAIR-RITE-2643250402 Datasheet
543Kb / 5P
   Broadband Frequencies 25-300 MHz
2643300101 FAIR-RITE-2643300101 Datasheet
547Kb / 5P
   Broadband Frequencies 25-300 MHz
2643002402 FAIR-RITE-2643002402 Datasheet
547Kb / 5P
   Broadband Frequencies 25-300 MHz
2643004801 FAIR-RITE-2643004801 Datasheet
546Kb / 5P
   Broadband Frequencies 25-300 MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com