Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM2209E Datasheet(PDF) 6 Page - Analog Devices

Part # ADM2209E
Description  EMI-/EMC-Compliant -15 kV ESD Protected, Dual RS-232 Port with Standby
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM2209E Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM2209E Datasheet HTML 2Page - Analog Devices ADM2209E Datasheet HTML 3Page - Analog Devices ADM2209E Datasheet HTML 4Page - Analog Devices ADM2209E Datasheet HTML 5Page - Analog Devices ADM2209E Datasheet HTML 6Page - Analog Devices ADM2209E Datasheet HTML 7Page - Analog Devices ADM2209E Datasheet HTML 8Page - Analog Devices ADM2209E Datasheet HTML 9Page - Analog Devices ADM2209E Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. 0
ADM2209E
–6–
Typical Performance Curves (VSTBY = +5 V)
LOAD CURRENT – mA
–4
–14
10
–6
–8
–10
–12
0
2030
4050
Figure 6. V– vs. Load Current
LOAD CURRENT – mA
4
–15
12
10
8
6
Tx OUTPUT VOLTAGE HIGH (V)
–20
–10
–5
0
Figure 7. Transmitter Output Voltage High vs. Load
Current
LOAD CURRENT – mA
–14
5
–6
–8
–10
–12
010
15
–4
20
Figure 8. Transmitter Output Voltage Low vs. Load Current
VDD
8
11.5
14
12
10
10.5
12.5
13.5
Figure 9. Transmitter Output Voltage High vs. VDD
VDD
–14
11.5
–6
–8
–10
–12
10.5
12.5
13.5
Figure 10. Transmitter Output Voltage Low vs. VDD
LOAD CAPACITANCE – pF
15
10
–15
200
5
0
–5
–10
TxHI
TxLO
0
400
600
800
1000
1200
Figure 11. Transmitter Output Voltage High/Low vs.
Load Capacitance
LOAD CAPACITANCE – pF
12
10
200
8
6
4
2
IDD
0
400
600
800
1000
1200
Figure 12. IDD vs. Load Capacitance VSTBY = 5 V


Similar Part No. - ADM2209E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2209EARUZ AD-ADM2209EARUZ Datasheet
146Kb / 12P
   EMI-/EMC-Compliant 615 kV ESD Protected, Dual RS-232 Port with Standby
REV. 0
ADM2209E AD-ADM2209E_15 Datasheet
146Kb / 12P
   Dual RS-232 Port with Standby
REV. 0
More results

Similar Description - ADM2209E

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM2209EARUZ AD-ADM2209EARUZ Datasheet
146Kb / 12P
   EMI-/EMC-Compliant 615 kV ESD Protected, Dual RS-232 Port with Standby
REV. 0
ADM202E AD-ADM202E Datasheet
163Kb / 12P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. 0
ADM202E AD-ADM202E_V01 Datasheet
254Kb / 16P
   EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
ADM2023E AD-ADM2023E Datasheet
254Kb / 16P
   EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers
REV. C
ADM206E AD-ADM206E Datasheet
204Kb / 16P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. B
logo
STMicroelectronics
ST202EB STMICROELECTRONICS-ST202EB Datasheet
724Kb / 18P
   /- 15 kV ESD protected 5 V RS-232 transceiver
ST207EB STMICROELECTRONICS-ST207EB_07 Datasheet
632Kb / 15P
   /-15 kV ESD protected 5 V RS-232 transceiver
logo
Maxim Integrated Produc...
MAX3186 MAXIM-MAX3186 Datasheet
86Kb / 8P
   짹15kV ESD-Protected, EMC-Compliant, 230kbps RS-232 Serial Port for Modems
19-1077; Rev 0; 9/96
MAX3187 MAXIM-MAX3187 Datasheet
81Kb / 8P
   짹15kV ESD-Protected, EMC-Compliant, 230kbps, Dual RS-232 Serial Port for Motherboards/Desktops
19-1186; Rev 1; 10/98
logo
Analog Devices
ADM483E AD-ADM483E Datasheet
324Kb / 12P
   -15 kV ESD Protected, EMC Compliant Slew Rate Limited, EIA RS-485 Transceiver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com