Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM207 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM207
Description  0.1 uF, 5 V Powered CMOS RS-232 Drivers/Receivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM207 Datasheet(HTML) 3 Page - Analog Devices

  ADM207 Datasheet HTML 1Page - Analog Devices ADM207 Datasheet HTML 2Page - Analog Devices ADM207 Datasheet HTML 3Page - Analog Devices ADM207 Datasheet HTML 4Page - Analog Devices ADM207 Datasheet HTML 5Page - Analog Devices ADM207 Datasheet HTML 6Page - Analog Devices ADM207 Datasheet HTML 7Page - Analog Devices ADM207 Datasheet HTML 8Page - Analog Devices ADM207 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADM205–ADM211/ADM213
REV. 0
–3–
ORDERING GUIDE
Temperature
Package
Temperature
Package
Temperature
Package
Model
Range
Option*
Model
Range
Option*
Model
Range
Option*
ADM205
ADM206
ADM207
ADM205AN
–40
°C to +85°C N-24A
ADM206AN
–40
°C to +85°C N-24
ADM207AN
–40
°C to +85°C N-24
ADM206AR
–40
°C to +85°C R-24
ADM207AR
–40
°C to +85°C R-24
ADM206ARS –40
°C to +85°C RS-24
ADM207ARS –40
°C to +85°C RS-24
ADM208
ADM209
ADM211
ADM208AN
–40
°C to +85°C N-24
ADM209AN
–40
°C to +85°C N-24
ADM211AR
–40
°C to +85°C R-28
ADM208AR
–40
°C to +85°C R-24
ADM209AR
–40
°C to +85°C R-24
ADM211ARS –40
°C to +85°C RS-28
ADM208ARS –40
°C to +85°C RS-24
ADM209ARS –40
°C to +85°C RS-24
ADM213
ADM213AR
–40
°C to +85°C R-28
ADM213ARS –40
°C to +85°C RS-28
*N = Plastic DIP; R = Small Outline IC (SOIC); RS = Small Shrink Outline Package (SSOP).
1
2
3
7
24
23
22
18
8
9
10
17
16
15
11
12
14
13
4
5
21
20
6
19
Top View
(Not to Scale)
ADM205
T1
IN
T2
IN
T3
IN
T4
IN
T5
IN
T1
OUT
T2
OUT
T3
OUT
T4
OUT
T5
OUT
V
CC
GND
SD
EN
R3
IN
R4
IN
R5
IN
R1
IN
R2
IN
R2
OUT
R1
OUT
R3
OUT
R4
OUT
R5
OUT
Figure 1. ADM205 DIP Pin Configuration
ADM205
0.1
µF
T1
IN
SD
RS-232
OUTPUTS
TTL/CMOS
INPUTS
*
T1
OUT
GND
11
T2IN
T3
IN
T4
IN
T5
IN
T2
OUT
T3
OUT
T4
OUT
T5
OUT
T3
22
16
7
8
15
21
19
4
2
3
1
T4
T2
T1
T5
RS-232
INPUTS
**
TTL/CMOS
OUTPUTS
R1
OUT
R1
IN
R2
IN
R3
IN
R4
IN
R5
IN
R2
OUT
R3
OUT
R4
OUT
R5
OUT
R1
R5
R4
R3
R2
20
*INTERNAL 400k
Ω PULL-UP RESISTOR ON EACH TTL/CMOS INPUT
**INTERNAL 5k
Ω PULL-DOWN RESISTOR ON EACH RS-232 INPUT
EN
13
5
24
10
18
14
17
6
9
23
12
+5V INPUT
V
CC
Figure 2. ADM205 Typical Operating Circuit


Similar Part No. - ADM207

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM207 AD-ADM207 Datasheet
254Kb / 16P
   0.1 關F, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. D
ADM207 AD-ADM207 Datasheet
254Kb / 16P
   0.1 μF, 5 V Powered CMOS RS-232 Drivers/Receivers
Rev. D
ADM207AN AD-ADM207AN Datasheet
218Kb / 16P
   0.1 muF, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM207AN AD-ADM207AN Datasheet
254Kb / 16P
   0.1 關F, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. D
ADM207AN AD-ADM207AN Datasheet
254Kb / 16P
   0.1 μF, 5 V Powered CMOS RS-232 Drivers/Receivers
Rev. D
More results

Similar Description - ADM207

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM207EARSZ AD-ADM207EARSZ Datasheet
218Kb / 16P
   0.1 muF, 5 V Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM206 AD-ADM206 Datasheet
254Kb / 16P
   0.1 μF, 5 V Powered CMOS RS-232 Drivers/Receivers
Rev. D
ADM232LJRZ AD-ADM232LJRZ Datasheet
304Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM223 AD-ADM223_15 Datasheet
340Kb / 16P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. B
AD230 AD-AD230 Datasheet
363Kb / 11P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. A
AD230 AD-AD230_15 Datasheet
4Mb / 15P
   5 V POWERED CMOS RS 232 DRIVERS RECEIVERS
ADM223 AD-ADM223 Datasheet
364Kb / 16P
   5 V Powered CMOS RS-232 Drivers/Receivers
REV. 0
ADM233LJNZ AD-ADM233LJNZ Datasheet
281Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM233LJNZ AD-ADM233LJNZ Datasheet
304Kb / 20P
   5 V-Powered CMOS RS-232 Drivers/Receivers
REV. C
ADM206 AD-ADM206_11 Datasheet
254Kb / 16P
   0.1 關F, 5 V Powered CMOS RS-232 Drivers/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com