Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOTF11N60 Datasheet(PDF) 5 Page - Alpha & Omega Semiconductors

Part # AOTF11N60
Description  600V,11A N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOTF11N60 Datasheet(HTML) 5 Page - Alpha & Omega Semiconductors

  AOTF11N60 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOTF11N60 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOTF11N60 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOTF11N60 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOTF11N60 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOTF11N60 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AOT11N60/AOTF11N60
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0.001
0.01
0.1
1
10
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
Pulse Width (s)
Figure 13: Normalized Maximum Transient Thermal Impedance for AOT11N60(Note F)
D=T
on/T
T
J,PK=TC+PDM.Z
θJC.RθJC
RθJC=0.46°C/W
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
T
on
T
P
D
Single Pulse
0.001
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
Pulse Width (s)
Figure 14: Normalized Maximum Transient Thermal Impedance for AOTF11N60 (Note F)
D=T
on/T
T
J,PK=TC+PDM.Z
θJC.RθJC
RθJC=2.5°C/W
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
Single Pulse
T
on
T
P
D
0.001
0.01
0.1
1
10
0.000001
0.00001
0.0001
0.001
0.01
0.1
1
10
Pulse Width (s)
Figure 13: Normalized Maximum Transient Thermal Impedance for AOT11N60(Note F)
D=T
on/T
T
J,PK=TC+PDM.Z
θJC.RθJC
RθJC=0.46°C/W
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
T
on
T
P
D
Single Pulse
0.001
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
100
Pulse Width (s)
Figure 14: Normalized Maximum Transient Thermal Impedance for AOTF11N60 (Note F)
D=T
on/T
T
J,PK=TC+PDM.Z
θJC.RθJC
RθJC=2.5°C/W
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
Single Pulse
T
on
T
P
D
0.001
0.01
0.1
1
10
1E-05
0.0001
0.001
0.01
0.1
1
10
100
Pulse Width (s)
Figure 15: Normalized Maximum Transient Thermal Impedance for AOTF11N60 (Note F)
D=T
on/T
T
J,PK=TC+PDM.Z
θJC.RθJC
RθJC=3.3°C/W
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
Single Pulse
T
on
T
P
D
Rev0: Jan 2012
www.aosmd.com
Page 5 of 6


Similar Part No. - AOTF11N60

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOTF11N60 ISC-AOTF11N60 Datasheet
295Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOTF11N60

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOB11N60L AOSMD-AOB11N60L Datasheet
450Kb / 5P
   600V,11A N-Channel MOSFET
AOW11N60 AOSMD-AOW11N60 Datasheet
452Kb / 5P
   600V,11A N-Channel MOSFET
AOB11N60 AOSMD-AOB11N60 Datasheet
450Kb / 5P
   600V,11A N-Channel MOSFET
logo
KIA Semiconductor Techn...
60R380DS KIA-60R380DS Datasheet
262Kb / 8P
   11A 600V N-CHANNEL MOSFET
logo
Central Semiconductor C...
PB-CDM22011_1509 CENTRAL-PB-CDM22011_1509 Datasheet
1Mb / 2P
   600V, 11A N-Channel UltraMOS??Power MOSFET
logo
PFC Device Inc.
PSM11N60CT PFC-PSM11N60CT Datasheet
1Mb / 9P
   11A 600V Single N-Channel Power MOSFET
logo
MagnaChip Semiconductor...
MDF11N60 MGCHIP-MDF11N60 Datasheet
959Kb / 6P
   N-Channel MOSFET 600V, 11A, 0.55(ohm)
logo
PFC Device Inc.
PSM11N60CTF PFC-PSM11N60CTF Datasheet
1Mb / 9P
   11A 600V Single N-Channel Power MOSFET
logo
MagnaChip Semiconductor...
MDFS11N60 MGCHIP-MDFS11N60 Datasheet
1Mb / 6P
   N-Channel MOSFET 600V, 11A, 0.55(ohm)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com