Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOT8N65 Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AOT8N65
Description  650V, 8A N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOT8N65 Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AOT8N65 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOT8N65 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOT8N65 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOT8N65 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOT8N65 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOT8N65 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AOT8N65/AOTF8N65
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0.01
0.1
1
10
100
1
10
100
1000
VDS (Volts)
Figure 9: Maximum Forward Biased Safe
Operating Area for AOT8N65 (Note F)
100
µ
10ms
1ms
DC
RDS(ON)
limited
TJ(Max)=150°C
TC=25°C
10
µs
0
3
6
9
12
15
0
5
10
15
20
25
30
35
Qg (nC)
Figure 7: Gate-Charge Characteristics
VDS=520V
ID=8A
1
10
100
1000
10000
0.1
1
10
100
VDS (Volts)
Figure 8: Capacitance Characteristics
Ciss
Coss
Crss
0.01
0.1
1
10
100
1
10
100
1000
VDS (Volts)
Figure 10: Maximum Forward Biased Safe
Operating Area for AOTF8N65 (Note F)
10
µs
10ms
1ms
0.1s
DC
RDS(ON)
limited
TJ(Max)=150°C
TC=25°C
100
µs
1s
0
2
4
6
8
10
0
25
50
75
100
125
150
TCASE (°C)
Figure 11: Current De-rating (Note B)
Rev3: Jul 2011
www.aosmd.com
Page 4 of 6


Similar Part No. - AOT8N65

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
AOT8N65 VBSEMI-AOT8N65 Datasheet
1Mb / 10P
   N-Channel 650V (D-S) Power MOSFET
logo
Inchange Semiconductor ...
AOT8N65 ISC-AOT8N65 Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - AOT8N65

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
8N65 UTC-8N65 Datasheet
225Kb / 8P
   8A, 650V N-CHANNEL POWER MOSFET
logo
HY ELECTRONIC CORP.
HY8N65T HY-HY8N65T Datasheet
132Kb / 4P
   650V / 8A N-Channel Enhancement Mode MOSFET
logo
Bruckewell Technology L...
MSF4N65 BWTECH-MSF4N65 Datasheet
1Mb / 6P
   650V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF10N65 GOOD-ARK-SSF10N65 Datasheet
1Mb / 7P
   650V N-Channel MOSFET
SSF5NS65UF GOOD-ARK-SSF5NS65UF Datasheet
1Mb / 7P
   650V N-Channel MOSFET
SSF11NS65U GOOD-ARK-SSF11NS65U_15 Datasheet
1Mb / 7P
   650V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS4N65F SEMIHOW-HFS4N65F Datasheet
204Kb / 7P
   650V N-Channel MOSFET
HFS4N65FS SEMIHOW-HFS4N65FS Datasheet
205Kb / 7P
   650V N-Channel MOSFET
HFD5N65S SEMIHOW-HFD5N65S_15 Datasheet
330Kb / 10P
   650V N-Channel MOSFET
HFS2N65S SEMIHOW-HFS2N65S_16 Datasheet
193Kb / 7P
   650V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com