Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AON7810 Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AON7810
Description  30V Dual N-Channel AlphaMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON7810 Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AON7810 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON7810 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON7810 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON7810 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON7810 Datasheet HTML 5Page - Alpha & Omega Semiconductors AON7810 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AON7810
30V
Dual N-Channel AlphaMOS
General Description
Product Summary
VDS
ID (at VGS=10V)
6A
RDS(ON) (at VGS=10V)
< 14m
RDS(ON) (at VGS=4.5V)
< 20.5m
Application
100% UIS Tested
100% Rg Tested
Symbol
VDS
30V
V
Maximum
Units
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
Drain-Source Voltage
• Latest Trench Power AlphaMOS (αMOS LV) technology
• Very Low RDS(ON) at 4.5V VGS
• Low Gate Charge
• High Current Capability
• RoHS and Halogen-Free Compliant
• DC/DC Converters in Computing, Servers, and POL
• Isolated DC/DC Converters in Telecom and Industrial
30
Pin 1
DFN 3x3_Dual
Top View
Bottom View
Pin 1
Top View
S2
D2
G2
G1
D1
S1
D2
D1
G1
D1
S1
G
2
D2
S2
VDS
VGS
IDM
IAS
EAS
VDS Spike
VSPIKE
TJ, TSTG
Symbol
t ≤ 10s
Steady-State
Steady-State
RθJC
°C
Thermal Characteristics
Parameter
V
Max
Drain-Source Voltage
5
Avalanche Current
C
Continuous Drain
Current
G
Continuous Drain
Current
6
Maximum Junction-to-Ambient
A
°C/W
RθJA
30
60
40
6
5
A
TA=25°C
W
ID
V
A
20
Avalanche energy L=0.05mH
C
A
TA=70°C
TC=25°C
TC=100°C
Units
Junction and Storage Temperature Range
-55 to 150
mJ
10
Typ
PDSM
W
TA=70°C
2
TA=25°C
3.1
36
20.5
Power Dissipation
A
Power Dissipation
B
8
TC=100°C
100ns
PD
24
Pulsed Drain Current
C
IDSM
TC=25°C
30
V
±20
Gate-Source Voltage
Maximum Junction-to-Case
°C/W
°C/W
Maximum Junction-to-Ambient
A D
5
75
6
Rev0: Aug 2012
www.aosmd.com
Page 1 of 6


Similar Part No. - AON7810

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON7812 AOSMD-AON7812 Datasheet
297Kb / 6P
   RoHS and Halogen-Free Compliant
More results

Similar Description - AON7810

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON6816 AOSMD-AON6816 Datasheet
287Kb / 6P
   30V Dual N-Channel AlphaMOS
AO4862 AOSMD-AO4862 Datasheet
409Kb / 5P
   30V Dual N-Channel AlphaMOS
AON2812 AOSMD-AON2812 Datasheet
248Kb / 5P
   30V Dual N-Channel AlphaMOS
AON6938 AOSMD-AON6938 Datasheet
557Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
AON6932A AOSMD-AON6932A Datasheet
566Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
AON6970 AOSMD-AON6970 Datasheet
540Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
AON7934 AOSMD-AON7934 Datasheet
552Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
AON6928 AOSMD-AON6928 Datasheet
606Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
AON6973A AOSMD-AON6973A Datasheet
488Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
AON6934A AOSMD-AON6934A Datasheet
583Kb / 10P
   30V Dual Asymmetric N-Channel AlphaMOS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com