Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AON7752 Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AON7752
Description  30V N-Channel AlphaMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON7752 Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AON7752 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON7752 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON7752 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON7752 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON7752 Datasheet HTML 5Page - Alpha & Omega Semiconductors AON7752 Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AON7752
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
17
5
2
10
0
18
0
2
4
6
8
10
0
5
10
15
Q
g (nC)
Figure 7: Gate-Charge Characteristics
0
200
400
600
800
1000
1200
1400
1600
1800
0
5
10
15
20
25
V
DS (Volts)
Figure 8: Capacitance Characteristics
C
iss
0
40
80
120
160
200
0.0001
0.001
0.01
0.1
1
10
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-to-Case
C
oss
C
rss
V
DS=15V
I
D=16A
T
J(Max)=150°C
T
C=25°C
10
µs
0.0
0.1
1.0
10.0
100.0
1000.0
0.01
0.1
1
10
100
V
DS (Volts)
Figure 9: Maximum Forward Biased
10
µs
10ms
1ms
DC
R
DS(ON)
T
J(Max)=150°C
T
C=25°C
100
µs
40
(Note F)
0.01
0.1
1
10
1E-05
0.0001
0.001
0.01
0.1
1
10
100
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance (Note F)
Single Pulse
D=T
on/T
T
J,PK=TC+PDM.Z
θJC.RθJC
T
on
T
P
D
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
Safe Operating Area (Note F)
RθJC=6°C/W
Rev 0 : April 2012
www.aosmd.com
Page 4 of 6


Similar Part No. - AON7752

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON7754 AOSMD-AON7754 Datasheet
363Kb / 6P
   30V N-Channel AlphaMOS
AON7758 AOSMD-AON7758 Datasheet
91Kb / 1P
   DFN 3.3X3.3 PACKAGE MARKING DESCRIPTION
AON7758L AOSMD-AON7758L Datasheet
91Kb / 1P
   DFN 3.3X3.3 PACKAGE MARKING DESCRIPTION
More results

Similar Description - AON7752

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOI518 AOSMD-AOI518 Datasheet
315Kb / 6P
   30V N-Channel AlphaMOS
AON6754 AOSMD-AON6754 Datasheet
292Kb / 6P
   30V N-Channel AlphaMOS
AON6508 AOSMD-AON6508 Datasheet
295Kb / 6P
   30V N-Channel AlphaMOS
AON6760 AOSMD-AON6760 Datasheet
318Kb / 6P
   30V N-Channel AlphaMOS
AON7536 AOSMD-AON7536 Datasheet
266Kb / 6P
   30V N-Channel AlphaMOS
AON6594 AOSMD-AON6594 Datasheet
363Kb / 6P
   30V N-Channel AlphaMOS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com