Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1810ADM1813 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM1810ADM1813
Description  Microprocessor Reset Circuits
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1810ADM1813 Datasheet(HTML) 3 Page - Analog Devices

  ADM1810ADM1813 Datasheet HTML 1Page - Analog Devices ADM1810ADM1813 Datasheet HTML 2Page - Analog Devices ADM1810ADM1813 Datasheet HTML 3Page - Analog Devices ADM1810ADM1813 Datasheet HTML 4Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
REV. 0
ADM1810–ADM1813/ADM1815–ADM1818
–3–
ORDERING GUIDE
Trip-
Package
Brand
Model*
Point
Option
Information
ADM1810-5ART-REEL
4.62 V
RT-3 (SOT-23)
MZV
ADM1810-5ART-REEL7
4.62 V
RT-3 (SOT-23)
MZV
ADM1810-10ART-REEL
4.25 V
RT-3 (SOT-23)
MZT
ADM1810-10ART-RL7
4.25 V
RT-3 (SOT-23)
MZT
ADM1810-15ART-REEL
4.12 V
RT-3 (SOT-23)
MZQ
ADM1810-15ART-RL7
4.12 V
RT-3 (SOT-23)
MZQ
ADM1811-5ART-REEL
4.50 V
RT-3 (SOT-23)
M1V
ADM1811-5ART-RL7
4.50 V
RT-3 (SOT-23)
M1V
ADM1811-10ART-REEL
4.35 V
RT-3 (SOT-23)
M1T
ADM1811-10ART-RL7
4.35 V
RT-3 (SOT-23)
M1T
ADM1811-15ART-REEL
4.00 V
RT-3 (SOT-23)
M1Q
ADM1811-15ART-RL7
4.00 V
RT-3 (SOT-23)
M1Q
ADM1812-5ART-REEL
4.50 V
RT-3 (SOT-23)
MTV
ADM1812-5ART-RL7
4.50 V
RT-3 (SOT-23)
MTV
ADM1812-10ART-REEL
4.35 V
RT-3 (SOT-23)
MTT
ADM1812-10ART-RL7
4.35 V
RT-3 (SOT-23)
MTT
ADM1812-15ART-REEL
4.00 V
RT-3 (SOT-23)
MTQ
ADM1812-15ART-RL7
4.00 V
RT-3 (SOT-23)
MTQ
ADM1813-5ART-REEL
4.50 V
RT-3 (SOT-23)
M3V
ADM1813-5ART-RL7
4.50 V
RT-3 (SOT-23)
M3V
ADM1813-10ART-REEL
4.35 V
RT-3 (SOT-23)
M3T
ADM1813-10ART-RL7
4.35 V
RT-3 (SOT-23)
M3T
ADM1813-15ART-REEL
4.00 V
RT-3 (SOT-23)
M3Q
ADM1813-15ART-RL7
4.00 V
RT-3 (SOT-23)
M3Q
ADM1815-10ART-REEL
2.88 V
RT-3 (SOT-23)
M5E
ADM1815-10ART-RL7
2.88 V
RT-3 (SOT-23)
M5E
ADM1815-20ART-REEL
2.55 V
RT-3 (SOT-23)
M5A
ADM1815-20ART-RL7
2.55 V
RT-3 (SOT-23)
M5A
ADM1816-10ART-REEL
2.88 V
RT-3 (SOT-23)
M6E
ADM1816-10ART-RL7
2.88 V
RT-3 (SOT-23)
M6E
ADM1816-20ART-REEL
2.55 V
RT-3 (SOT-23)
M6A
ADM1816-20ART-RL7
2.55 V
RT-3 (SOT-23)
M6A
ADM1817-10ART-REEL
2.88 V
RT-3 (SOT-23)
M7E
ADM1817-10ART-RL7
2.88 V
RT-3 (SOT-23)
M7E
ADM1817-20ART-REEL
2.55 V
RT-3 (SOT-23)
M7A
ADM1817-20ART-RL7
2.55 V
RT-3 (SOT-23)
M7A
ADM1818-10ART-REEL
2.88 V
RT-3 (SOT-23)
M8E
ADM1818-10ART-RL7
2.88 V
RT-3 (SOT-23)
M8E
ADM1818-20ART-REEL
2.55 V
RT-3 (SOT-23)
M8A
ADM1818-20ART-RL7
2.55 V
RT-3 (SOT-23)
M8A
NOTES
RL7 or REEL7 are in reels of 3000 parts. REEL are in reels of 10000 parts.
All models in bold are ex-stock. Consult factory for availability.
*Only Available in Reels.
ABSOLUTE MAXIMUM RATINGS*
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +1.2 V to +5.5 V
Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
µA
Operating Temperature Range . . . . . . . . . . . –40
°C to +85°C
Power Dissipation, RT-3, SOT-23 . . . . . . . . . . . . . . 320 mW
Derate by 4 mW/
°C Above +70°C
θ
JA Thermal Impedance . . . . . . . . . . . . . . . . . . . . . .
333
°C/W
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . +300
°C
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
ESD Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 kV
*Typical values are measured at TA = +25°C unless otherwise noted.
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
RST/RST
VCC
GND
ADM181x
1
2
3
PIN FUNCTION DESCRIPTIONS
Pin
Mnemonic Function
1
RST/RST
Reset Output.
RST/RST remains active while
VCC is below the reset threshold, and re-
mains active for 150 ms (typ) after VCC rises
above the reset threshold.
2VCC
Supply Voltage Being Monitored.
3
GND
0 V. Ground Reference for All Signals.
VCC
VCC TRIP-POINT(MAX)
VCC TRIP-POINT
VCC TO RESET
DELAY
RST
VCC TRIP-POINT(MIN)
VOL
Figure 1. Power-Down Timing Diagram
VCC
RST
VCC TRIP-POINT (MAX)
VCC TRIP-POINT
VCC TRIP-POINT (MIN)
RESET ACTIVE TIMEOUT
Figure 2. Power-Up Timing Diagram


Similar Part No. - ADM1810ADM1813

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1810-10AKS-REEL AD-ADM1810-10AKS-REEL Datasheet
381Kb / 16P
   Microprocessor Reset Circuits
Rev. E
ADM1810-10AKS-RL7 AD-ADM1810-10AKS-RL7 Datasheet
381Kb / 16P
   Microprocessor Reset Circuits
Rev. E
ADM1810-10AKSZ-RL2 AD-ADM1810-10AKSZ-RL2 Datasheet
381Kb / 16P
   Microprocessor Reset Circuits
Rev. E
ADM1810-10AKSZ-RL72 AD-ADM1810-10AKSZ-RL72 Datasheet
381Kb / 16P
   Microprocessor Reset Circuits
Rev. E
ADM1810-10ART-REEL AD-ADM1810-10ART-REEL Datasheet
381Kb / 16P
   Microprocessor Reset Circuits
Rev. E
More results

Similar Description - ADM1810ADM1813

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1813 AD-ADM1813_15 Datasheet
234Kb / 12P
   Microprocessor Reset Circuits
Rev. F
ADM1818 AD-ADM1818_15 Datasheet
234Kb / 12P
   Microprocessor Reset Circuits
Rev. F
ADM1812 AD-ADM1812_15 Datasheet
234Kb / 12P
   Microprocessor Reset Circuits
Rev. F
logo
Unisonic Technologies
UIC811 UTC-UIC811_15 Datasheet
268Kb / 8P
   MICROPROCESSOR RESET CIRCUITS
logo
Micrel Semiconductor
MIC809 MICREL-MIC809_05 Datasheet
285Kb / 6P
   Microprocessor Reset Circuits
MIC809 MICREL-MIC809_11 Datasheet
288Kb / 6P
   Microprocessor Reset Circuits
logo
Analog Devices
ADM1810 AD-ADM1810_08 Datasheet
381Kb / 16P
   Microprocessor Reset Circuits
Rev. E
logo
Fairchild Semiconductor
FM811 FAIRCHILD-FM811 Datasheet
42Kb / 6P
   Microprocessor Reset Circuits
logo
Kingbor Technology Co
KB862 KINGBOR-KB862 Datasheet
184Kb / 6P
   Microprocessor Reset circuits
logo
Micrel Semiconductor
MIC809 MICREL-MIC809 Datasheet
166Kb / 8P
   Microprocessor Reset Circuits
logo
Unisonic Technologies
UIC811 UTC-UIC811 Datasheet
219Kb / 9P
   MICROPROCESSOR RESET CIRCUITS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com