Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AON7611 Datasheet(PDF) 2 Page - Alpha & Omega Semiconductors

Part # AON7611
Description  30V Complementary MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON7611 Datasheet(HTML) 2 Page - Alpha & Omega Semiconductors

  AON7611 Datasheet HTML 1Page - Alpha & Omega Semiconductors AON7611 Datasheet HTML 2Page - Alpha & Omega Semiconductors AON7611 Datasheet HTML 3Page - Alpha & Omega Semiconductors AON7611 Datasheet HTML 4Page - Alpha & Omega Semiconductors AON7611 Datasheet HTML 5Page - Alpha & Omega Semiconductors AON7611 Datasheet HTML 6Page - Alpha & Omega Semiconductors AON7611 Datasheet HTML 7Page - Alpha & Omega Semiconductors AON7611 Datasheet HTML 8Page - Alpha & Omega Semiconductors AON7611 Datasheet HTML 9Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AON7611
Symbol
Min
Typ
Max
Units
BVDSS
30
V
VDS=30V, VGS=0V
1
TJ=55°C
5
IGSS
±100
nA
VGS(th)
Gate Threshold Voltage
1.5
2
2.5
V
ID(ON)
20
A
40
50
TJ=125°C
64
80
53
70
m
gFS
11
S
VSD
0.79
1
V
IS
9.5
A
Ciss
170
pF
Coss
35
pF
Crss
23
pF
Rg
1.7
3.5
5.3
Qg(10V)
4.05
10
nC
Qg(4.5V)
2
6
nC
Qgs
0.55
nC
Qgd
1
nC
tD(on)
4.5
ns
t
1.5
ns
Maximum Body-Diode Continuous Current
Input Capacitance
Output Capacitance
Turn-On DelayTime
DYNAMIC PARAMETERS
Turn-On Rise Time
V
=10V, V =15V, R =3.75
Ω,
Gate resistance
VGS=0V, VDS=0V, f=1MHz
Total Gate Charge
VGS=10V, VDS=15V, ID=4A
Gate Source Charge
Gate Drain Charge
Total Gate Charge
RDS(ON)
Static Drain-Source On-Resistance
m
IS=1A,VGS=0V
VDS=5V, ID=4A
VGS=4.5V, ID=3A
VDS=VGS, ID=250µA
VDS=0V, VGS=±20V
Zero Gate Voltage Drain Current
Gate-Body leakage current
Forward Transconductance
Diode Forward Voltage
N-channel Electrical Characteristics (TJ=25°C unless otherwise noted)
STATIC PARAMETERS
Parameter
Conditions
IDSS
µA
Drain-Source Breakdown Voltage
On state drain current
ID=250µA, VGS=0V
VGS=10V, VDS=5V
VGS=10V, ID=4A
Reverse Transfer Capacitance
VGS=0V, VDS=15V, f=1MHz
SWITCHING PARAMETERS
tr
1.5
ns
tD(off)
18.5
ns
tf
15.5
ns
trr
7.5
ns
Qrr
2.5
nC
COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS ARE NOT AUTHORIZED. AOS DOES NOT ASSUME ANY LIABILITY ARISING
OUT OF SUCH APPLICATIONS OR USES OF ITS PRODUCTS. AOS RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,
FUNCTIONS AND RELIABILITY WITHOUT NOTICE.
Body Diode Reverse Recovery Charge IF=4A, dI/dt=100A/µs
Turn-On Rise Time
Turn-Off DelayTime
VGS=10V, VDS=15V, RL=3.75Ω,
RGEN=3Ω
Turn-Off Fall Time
Body Diode Reverse Recovery Time
IF=4A, dI/dt=100A/µs
A. The value of RθJA is measured with the device mounted on 1in
2 FR-4 board with 2oz. Copper, in a still air environment with T
A =25°C. The
Power dissipation P
DSM is based on R
θJA and the maximum allowed junction temperature of 150°C. The value in any given application depends
on the user's specific board design, and the maximum temperature of 150°C may be used if the PCB allows it.
B. The power dissipation P
D is based on TJ(MAX)=150°C, using junction-to-case thermal resistance, and is more useful in setting the upper
dissipation limit for cases where additional heatsinking is used.
C. Repetitive rating, pulse width limited by junction temperature T
J(MAX)=150°C.
D. The RθJA is the sum of the thermal impedance from junction to case RθJC and case to ambient.
E. The static characteristics in Figures 1 to 6 are obtained using <300
µs pulses, duty cycle 0.5% max.
F. These curves are based on the junction-to-case thermal impedance which is measured with the device mounted to a large heatsink, assuming
a maximum junction temperature of T
J(MAX)=150°C.
G. The maximum current rating is limited by bond-wires.
H. These tests are performed with the device mounted on 1in2 FR-4 board with 2oz. Copper, in a still air environment with T
A=25°C. The SOA
curve provides a single pulse rating.
Rev 1: Dec 2011
www.aosmd.com
Page 2 of 11


Similar Part No. - AON7611

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON7140 AOSMD-AON7140 Datasheet
322Kb / 6P
   Low Gate Charge
AON7200 AOSMD-AON7200 Datasheet
227Kb / 6P
   30V N-Channel MOSFET
AON7202 AOSMD-AON7202 Datasheet
239Kb / 6P
   30V N-Channel MOSFET
AON7210 AOSMD-AON7210 Datasheet
245Kb / 6P
   30V N-Channel MOSFET
AON7220 AOSMD-AON7220 Datasheet
394Kb / 6P
   25V N-Channel MOSFET
More results

Similar Description - AON7611

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4629 AOSMD-AO4629 Datasheet
855Kb / 9P
   30V Complementary MOSFET
AO4616 AOSMD-AO4616_11 Datasheet
387Kb / 9P
   30V Complementary MOSFET
logo
GOOD-ARK Electronics
SSF4604 GOOD-ARK-SSF4604 Datasheet
568Kb / 4P
   30V Complementary MOSFET
SSF3036C GOOD-ARK-SSF3036C Datasheet
435Kb / 5P
   30V Complementary MOSFET
logo
HUAYI MICROELECTRONICS ...
HYG170C03LA1S HUAYI-HYG170C03LA1S Datasheet
1Mb / 14P
   30V Complementary MOSFET
logo
Alpha & Omega Semicondu...
AON3613 AOSMD-AON3613 Datasheet
423Kb / 9P
   30V Complementary MOSFET
logo
GOOD-ARK Electronics
SSF3639C GOOD-ARK-SSF3639C Datasheet
316Kb / 4P
   30V Complementary MOSFET
SSF4606 GOOD-ARK-SSF4606 Datasheet
580Kb / 4P
   30V Complementary MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com