Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST515PMN640MLZ Datasheet(PDF) 3 Page - Coilcraft lnc.

Part # ST515PMN640MLZ
Description  Power Inductor for Critical Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ST515PMN640MLZ Datasheet(HTML) 3 Page - Coilcraft lnc.

  ST515PMN640MLZ Datasheet HTML 1Page - Coilcraft lnc. ST515PMN640MLZ Datasheet HTML 2Page - Coilcraft lnc. ST515PMN640MLZ Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
®
© Coilcraft, Inc. 2012
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
Power Inductor for Critical Applications – ST515PMM & PMN
Document ST366-3 Revised 03/07/11
Dimensions – Single Conductor
Dimensions – Dual Conductor
Typical Temperature Rise vs Current
Current Derating
Dimensions are in
inches
mm
Dimensions are in
inches
mm
Recommended
Land Patterns
1
2
4
3
0.295
7,50
max
0.067
1,70
0.264
6,70
max
Dash
number
Internal
code
XXX
X
Series mode
0.311
7,90
0.185
4,70
1
2
4
3
0.020
0,50
0.020
0,50
0.079
2,00
0.177
4,50
0.177
4,50
Two conductor mode
1
2
4
3
0.311
7,90
0.020
0,50
0.079
2,00
0.106
2,70
0.106
2,70
0.177
4,50
0.118
3,00
max
0.050
1,27
0.047
1,20
0.039
1,00
0.311
7,90
0.106
2,70
0.106
2,70
Parallel mode
Suggested
Land Patterns
7530 POWER INDUCTORS
Recommended
Land Pattern
0.295
7,50
max
0.118
3,00
max
0.067
1,70
0.264
6,70
max
Dash number
Internal code
XXX
X
0.118
3,00
1
2
0.311
7,90
0.154
3,90
0.106
2,70
0.106
2,70
Suggested
Land Patterns
80
70
60
50
40
30
20
10
0
Current (Arms)
10
03040
20
50
60
Sin
gle
co
nd
uc
tor
Du
al
co
nd
uc
tor
Co
nn
ec
ted
in
pa
ral
lel
-40 -200
20
40
60
80
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
Isat
Irms
Winding-to-winding isolation:
25 V maximum
1
4
2
3
Winding 1
Winding 2
1
2
Note: Dimensions are before optional solder application. For maximum
overall dimensions including solder, add 0.0025 in / 0,064 mm to
the length, and 0.006 in / 0,15 mm to the height.
Note: Dimensions are before optional sol-
der application. For maximum overall
dimensions including solder, add
0.0025 in / 0,064 mm to the length,
and 0.006 in / 0,15 mm to the height.


Similar Part No. - ST515PMN640MLZ

ManufacturerPart #DatasheetDescription
logo
BCM Advanced Research.
ST515-MX310H BCM-ST515-MX310H Datasheet
450Kb / 1P
   SySTIUM® Model 515 Chassis Power Supply BCM MX310H Mini-ITX Motherboard for Certified Solution
2021/08/18
logo
Sangdest Microelectroni...
ST5150 SMC-ST5150 Datasheet
152Kb / 7P
   SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
ST5150 SMCDIODE-ST5150 Datasheet
447Kb / 7P
   SCHOTTKY RECTIFIER
Rev. A
ST5150S SMCDIODE-ST5150S Datasheet
488Kb / 4P
   SCHOTTKY RECTIFIER
Rev. A
logo
Sangdest Microelectroni...
ST5150SAX SMC-ST5150SAX Datasheet
299Kb / 5P
   Guard Ring Die Construction for Transient Protection
More results

Similar Description - ST515PMN640MLZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ST312PHA COILCRAFT-ST312PHA Datasheet
462Kb / 2P
   Power Inductor for Critical Applications
ST358PWA COILCRAFT-ST358PWA Datasheet
258Kb / 2P
   Power Inductor for Critical Applications
ST336PHA COILCRAFT-ST336PHA Datasheet
465Kb / 2P
   Power Inductor for Critical Applications
ST432PNA COILCRAFT-ST432PNA Datasheet
322Kb / 2P
   Power Inductor for Critical Applications
ST413PHA COILCRAFT-ST413PHA Datasheet
455Kb / 2P
   Power Inductor for Critical Applications
ST511PNA COILCRAFT-ST511PNA Datasheet
638Kb / 2P
   Power Inductor for Critical Applications
ST573RAS COILCRAFT-ST573RAS Datasheet
431Kb / 2P
   Air Core Inductor for Critical Applications
ST598PTA COILCRAFT-ST598PTA Datasheet
354Kb / 2P
   Power Inductors for Critical Applications
logo
List of Unclassifed Man...
LP-10-250 ETC-LP-10-250 Datasheet
181Kb / 1P
   For Low Power and Critical Height Applications
logo
Bel Fuse Inc.
LP-10-250 BEL-LP-10-250 Datasheet
175Kb / 2P
   For Low Power and Critical Height Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com