Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST515PMM101MLZ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # ST515PMM101MLZ
Description  Power Inductor for Critical Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ST515PMM101MLZ Datasheet(HTML) 1 Page - Coilcraft lnc.

  ST515PMM101MLZ Datasheet HTML 1Page - Coilcraft lnc. ST515PMM101MLZ Datasheet HTML 2Page - Coilcraft lnc. ST515PMM101MLZ Datasheet HTML 3Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
®
© Coilcraft, Inc. 2012
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
7530 POWER INDUCTORS
Document ST366-1 Revised 03/07/11
Dual Conductor
Leads connected in parallel
Leads connected in series
L±20%2 DCR ±5%3 SRF typ4 Isat5
Irms6
L±20%2 DCR max3 SRF typ4
Isat5 Irms6
Part number1
(µH)
(mOhms)
(GHz)
(A)
(A)
(µH)
(mOhms)
(GHz)
(A)
(A)
ST515PMN500MLZ
0.050
0.209
3.75
50
38
0.188
1.00
1.50
21
17
ST515PMN640MLZ
0.064
0.209
3.65
32
38
0.272
1.00
1.30
14
17
ST515PMN820MLZ
0.082
0.209
3.75
22
38
0.350
1.00
1.20
11
17
ST515PMN101MLZ
0.100
0.209
3.75
20
38
0.400
1.00
0.950
8
17
Single Conductor
L±20%2 DCR ±5%3 SRF typ4 Isat5
Irms6
Part number1
(µH)
(mOhms)
(GHz)
(A)
(A)
ST515PMM500MLZ
0.050
0.123
3.80
50
40
ST515PMM640MLZ
0.064
0.123
3.65
32
40
ST515PMM820MLZ
0.082
0.123
3.75
22
40
ST515PMM101MLZ
0.100
0.123
3.75
20
40
PowerInductorforCriticalApplications
Designed for high-speed switch mode applications
Can be used as a 1:1 transformer or in SEPIC applications
Core material Ferrite
Terminations Matte tin over nickel over copper. Other terminations
available at additional cost.
Weight 0.44 – 0.47 g
Ambient temperature –40°C to +85°C with Irms current, +85°C to
+125°C with derated current
Storage temperature Component: –55°C to +125°C.
Packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Packaging 500/7
″ reel; 1700/13″ reel; Plastic tape: 16 mm wide,
0.33 mm thick, 12 mm pocket spacing, 3.12 mm pocket depth
1. When ordering, specify
conductors, termination and testing codes:
ST515PMM101KLZ
Conductors: M= Single conductor; N = dual conductor
Termination: L = Matte tin over nickel over copper
Special order:
T = RoHS tin-silver-copper
(95.5/4/0.5) or
S = non-RoHS tin-lead (63/37).
Testing:
Z = COTS
H = Screening per Coilcraft CP-SA-10001
2. Inductance tested at 100 kHz, 0.1 Vrms using an Agilent/HP 4263B
LCR meter or equivalent.
3. DCR is measured on a micro-ohmmeter at points indicated in the
diagram.
4. SRF measured using an Agilent/HP 8753ES network analyzer and a
Coilcraft SMD-D fixture.
5. DC current at which the inductance drops 20% (typ) from its value
without current.
6. Current that causes a 40°C rise from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount Components” before soldering.
ST515PMM
ST515PMN
Points used for measuring DCR


Similar Part No. - ST515PMM101MLZ

ManufacturerPart #DatasheetDescription
logo
BCM Advanced Research.
ST515-MX310H BCM-ST515-MX310H Datasheet
450Kb / 1P
   SySTIUM® Model 515 Chassis Power Supply BCM MX310H Mini-ITX Motherboard for Certified Solution
2021/08/18
logo
Sangdest Microelectroni...
ST5150 SMC-ST5150 Datasheet
152Kb / 7P
   SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
ST5150 SMCDIODE-ST5150 Datasheet
447Kb / 7P
   SCHOTTKY RECTIFIER
Rev. A
ST5150S SMCDIODE-ST5150S Datasheet
488Kb / 4P
   SCHOTTKY RECTIFIER
Rev. A
logo
Sangdest Microelectroni...
ST5150SAX SMC-ST5150SAX Datasheet
299Kb / 5P
   Guard Ring Die Construction for Transient Protection
More results

Similar Description - ST515PMM101MLZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ST312PHA COILCRAFT-ST312PHA Datasheet
462Kb / 2P
   Power Inductor for Critical Applications
ST358PWA COILCRAFT-ST358PWA Datasheet
258Kb / 2P
   Power Inductor for Critical Applications
ST336PHA COILCRAFT-ST336PHA Datasheet
465Kb / 2P
   Power Inductor for Critical Applications
ST432PNA COILCRAFT-ST432PNA Datasheet
322Kb / 2P
   Power Inductor for Critical Applications
ST413PHA COILCRAFT-ST413PHA Datasheet
455Kb / 2P
   Power Inductor for Critical Applications
ST511PNA COILCRAFT-ST511PNA Datasheet
638Kb / 2P
   Power Inductor for Critical Applications
ST573RAS COILCRAFT-ST573RAS Datasheet
431Kb / 2P
   Air Core Inductor for Critical Applications
ST598PTA COILCRAFT-ST598PTA Datasheet
354Kb / 2P
   Power Inductors for Critical Applications
logo
List of Unclassifed Man...
LP-10-250 ETC-LP-10-250 Datasheet
181Kb / 1P
   For Low Power and Critical Height Applications
logo
Bel Fuse Inc.
LP-10-250 BEL-LP-10-250 Datasheet
175Kb / 2P
   For Low Power and Critical Height Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com