Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN2R5-60PL Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PSMN2R5-60PL
Description  N-channel 60 V, 2.6 m廓 logic level MOSFET in SOT78
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN2R5-60PL Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PSMN2R5-60PL Datasheet HTML 5Page - NXP Semiconductors PSMN2R5-60PL Datasheet HTML 6Page - NXP Semiconductors PSMN2R5-60PL Datasheet HTML 7Page - NXP Semiconductors PSMN2R5-60PL Datasheet HTML 8Page - NXP Semiconductors PSMN2R5-60PL Datasheet HTML 9Page - NXP Semiconductors PSMN2R5-60PL Datasheet HTML 10Page - NXP Semiconductors PSMN2R5-60PL Datasheet HTML 11Page - NXP Semiconductors PSMN2R5-60PL Datasheet HTML 12Page - NXP Semiconductors PSMN2R5-60PL Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
NXP Semiconductors
PSMN2R5-60PL
N-channel 60 V, 2.6 mΩ logic level MOSFET in SOT78
PSMN2R5-60PL
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved
Product data sheet
7 February 2013
9 / 13
003aag354
0
60
120
180
240
300
0
0.5
1
1.5
VSD (V)
IS
(A)
Tj = 25 °C
Tj = 175 °C
VGS = 0 V
Fig. 16. Source (diode forward) current as a function of source-drain (diode forward) voltage; typical values


Similar Part No. - PSMN2R5-60PL

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
PSMN2R5-60PL ISC-PSMN2R5-60PL Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
PSMN2R5-60PL NEXPERIA-PSMN2R5-60PL Datasheet
731Kb / 13P
   N-channel 60 V, 2.6 mΩ logic level MOSFET in SOT78
27 February 2013
logo
NXP Semiconductors
PSMN2R5-60PL PHILIPS-PSMN2R5-60PL_15 Datasheet
261Kb / 13P
   N-channel 60 V, 2.6 m廓 logic level MOSFET in SOT78
27 February 2013
More results

Similar Description - PSMN2R5-60PL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN2R5-60PL PHILIPS-PSMN2R5-60PL_15 Datasheet
261Kb / 13P
   N-channel 60 V, 2.6 m廓 logic level MOSFET in SOT78
27 February 2013
PSMN2R6-60PS NXP-PSMN2R6-60PS Datasheet
261Kb / 13P
   N-channel 60 V, 2.6 m廓 standard level MOSFET in SOT78
5 February 2013
PSMN2R6-60PS PHILIPS-PSMN2R6-60PS_15 Datasheet
261Kb / 13P
   N-channel 60 V, 2.6 m廓 standard level MOSFET in SOT78
5 February 2013
logo
Nexperia B.V. All right...
PSMN2R5-60PL NEXPERIA-PSMN2R5-60PL Datasheet
731Kb / 13P
   N-channel 60 V, 2.6 mΩ logic level MOSFET in SOT78
27 February 2013
logo
NXP Semiconductors
PSMN3R3-60PL NXP-PSMN3R3-60PL Datasheet
263Kb / 13P
   N-channel 60 V, 3.4 m廓 logic level MOSFET in SOT78
7 February 2013
PSMN4R2-60PL NXP-PSMN4R2-60PL Datasheet
262Kb / 13P
   N-channel 60 V, 3.9 m廓 logic level MOSFET in SOT78
5 February 2013
logo
Nexperia B.V. All right...
PSMN2R6-60PS NEXPERIA-PSMN2R6-60PS Datasheet
731Kb / 13P
   N-channel 60 V, 2.6 mΩ standard level MOSFET in SOT78
5 February 2013
logo
NXP Semiconductors
PSMN1R9-40PL PHILIPS-PSMN1R9-40PL_15 Datasheet
263Kb / 13P
   N-channel 40 V, 1.7 m廓 logic level MOSFET in SOT78
1 February 2013
logo
Nexperia B.V. All right...
PSMN1R9-40PL NEXPERIA-PSMN1R9-40PL Datasheet
735Kb / 13P
   N-channel 40 V, 1.7 m廓 logic level MOSFET in SOT78
logo
NXP Semiconductors
PSMN2R1-40PL NXP-PSMN2R1-40PL Datasheet
263Kb / 13P
   N-channel 40 V, 2.2 m廓 logic level MOSFET in SOT78
1 February 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com