Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST312RAG43N_LZ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # ST312RAG43N_LZ
Description  Chip Inductors for Critical Applications
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

ST312RAG43N_LZ Datasheet(HTML) 1 Page - Coilcraft lnc.

  ST312RAG43N_LZ Datasheet HTML 1Page - Coilcraft lnc. ST312RAG43N_LZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
© Coilcraft, Inc. 2012
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
ChipInductorsforCriticalApplicationsST312RAG
0603 CHIP INDUCTORS
Higher Q and lower DCR than other 0603 inductors
Highest SRF values – as high as 16 GHz
Excellent current handling capability – up to 1500 mA
43 inductance values from 1.8 to 150 nH
Core material Ceramic
Terminations Silver-palladium-platinum-glass frit. Other termina-
tions available at additional cost.
Ambient temperature –40°C to +125°C with Irms current, +125°C
to +140°C with derated current
Storage temperature Component: –55°C to +125°C.
Tape and reel packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Temperature Coefficient of Inductance (TCL) +25 to +125 ppm/°C
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Packaging 2000 per 7
″ reel Paper tape: 8 mm wide, 1 mm thick,
4 mm pocket spacing
Typical Q vs Frequency
Typical L vs Frequency
A
B
C
max
min – max max
D
E
F
G
H
I
J
0.069 0.034 – 0.043 0.034 0.015 0.029 0.013 0.038 0.040 0.027 0.028 inches
1,75 0,86 – 1,09 0,86 0,38 0,74 0,33 0,96 1,02 0,69 0,71 mm
Current Derating
Note: Dimensions are before optional solder application. For maximum
overall dimensions including solder, add 0.0025 in / 0,064 mm to
B
and 0.006 in / 0,15 mm to
A and C.
A
B
overall
C
D
I
I
J
F
F
G
H
E
terminal
Terminal wraparound:
approx 0.01/0,24 both ends
Suggested
Land Pattern
-40
-55
-20
020406080
100
160
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
1
10
100
1000
10
100
10000
1000
Frequency (MHz)
10 nH
150 nH
24 nH
51 nH
82 nH
0
20
40
60
80
100
120
140
160
10
100
10000
1000
Frequency (MHz)
10 nH
150 nH
24 nH
51 nH
82 nH
Document ST537-1 Revised 11/06/12


Similar Part No. - ST312RAG43N_LZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ST312RAA COILCRAFT-ST312RAA Datasheet
185Kb / 2P
   Chip Inductors for Critical Applications
ST312RAA10N_LZ COILCRAFT-ST312RAA10N_LZ Datasheet
185Kb / 2P
   Chip Inductors for Critical Applications
ST312RAA11N_LZ COILCRAFT-ST312RAA11N_LZ Datasheet
185Kb / 2P
   Chip Inductors for Critical Applications
ST312RAA12N_LZ COILCRAFT-ST312RAA12N_LZ Datasheet
185Kb / 2P
   Chip Inductors for Critical Applications
ST312RAA15N_LZ COILCRAFT-ST312RAA15N_LZ Datasheet
185Kb / 2P
   Chip Inductors for Critical Applications
More results

Similar Description - ST312RAG43N_LZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
ST413RAE COILCRAFT-ST413RAE Datasheet
186Kb / 2P
   Chip Inductors for Critical Applications
ST413RAA COILCRAFT-ST413RAA Datasheet
229Kb / 2P
   Chip Inductors for Critical Applications
ST413RAD COILCRAFT-ST413RAD Datasheet
176Kb / 2P
   Chip Inductors for Critical Applications
ST413RAM COILCRAFT-ST413RAM Datasheet
187Kb / 2P
   Chip Inductors for Critical Applications
ST450RAB COILCRAFT-ST450RAB Datasheet
178Kb / 2P
   Chip Inductors for Critical Applications
ST312RAM COILCRAFT-ST312RAM Datasheet
201Kb / 2P
   Chip Inductors for Critical Applications
ST336RAM COILCRAFT-ST336RAM Datasheet
203Kb / 2P
   Chip Inductors for Critical Applications
ST235RAA COILCRAFT-ST235RAA Datasheet
183Kb / 2P
   Chip Inductors for Critical Applications
ST235RAG COILCRAFT-ST235RAG Datasheet
176Kb / 2P
   Chip Inductors for Critical Applications
ST319RAD COILCRAFT-ST319RAD Datasheet
170Kb / 2P
   Chip Inductors for Critical Applications
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com