Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN2R1-40PL Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PSMN2R1-40PL
Description  N-channel 40 V, 2.2 m廓 logic level MOSFET in SOT78
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN2R1-40PL Datasheet(HTML) 1 Page - NXP Semiconductors

  PSMN2R1-40PL Datasheet HTML 1Page - NXP Semiconductors PSMN2R1-40PL Datasheet HTML 2Page - NXP Semiconductors PSMN2R1-40PL Datasheet HTML 3Page - NXP Semiconductors PSMN2R1-40PL Datasheet HTML 4Page - NXP Semiconductors PSMN2R1-40PL Datasheet HTML 5Page - NXP Semiconductors PSMN2R1-40PL Datasheet HTML 6Page - NXP Semiconductors PSMN2R1-40PL Datasheet HTML 7Page - NXP Semiconductors PSMN2R1-40PL Datasheet HTML 8Page - NXP Semiconductors PSMN2R1-40PL Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PSMN2R1-40PL
N-channel 40 V, 2.2 mΩ logic level MOSFET in SOT78
1 February 2013
Product data sheet
Scan or click this QR code to view the latest information for this product
1. General description
Logic level N-channel MOSFET in SOT78 using TrenchMOS technology. Product design
and manufacture has been optimized for use in battery operated power tools.
2. Features and benefits
High efficiency due to low switching & conduction losses
Robust construction for demanding applications
Logic level gate
3. Applications
Battery-powered tools
Load switching
Motor control
Uninterruptible power supplies
4. Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 175 °C
-
-
40
V
ID
drain current
VGS = 10 V; Tmb = 25 °C; Fig. 1
[1]
-
-
150
A
Ptot
total power dissipation Tmb = 25 °C; Fig. 2
-
-
293
W
Static characteristics
RDSon
drain-source on-state
resistance
VGS = 10 V; ID = 25 A; Tj = 25 °C;
Fig. 11
-
1.8
2.2
Dynamic characteristics
QG(tot)
total gate charge
-
168.9 -
nC
QGD
gate-drain charge
VGS = 10 V; ID = 25 A; VDS = 32 V;
Fig. 13; Fig. 14
-
29.6
-
nC
Avalanche ruggedness
EDS(AL)S
non-repetitive drain-
source avalanche
energy
ID = 150 A; Vsup ≤ 40 V; RGS = 50 Ω;
VGS = 10 V; Tj(init) = 25 °C; unclamped;
Fig. 3
-
-
490.3 mJ
[1] Continuous current is limited by package.


Similar Part No. - PSMN2R1-40PL

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
PSMN2R1-40PL ISC-PSMN2R1-40PL Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
PSMN2R1-40PL NEXPERIA-PSMN2R1-40PL Datasheet
733Kb / 13P
   N-channel 40 V, 2.2 mΩ logic level MOSFET in SOT78
1 February 2013
logo
NXP Semiconductors
PSMN2R1-40PL PHILIPS-PSMN2R1-40PL_15 Datasheet
263Kb / 13P
   N-channel 40 V, 2.2 m廓 logic level MOSFET in SOT78
1 February 2013
More results

Similar Description - PSMN2R1-40PL

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN2R1-40PL PHILIPS-PSMN2R1-40PL_15 Datasheet
263Kb / 13P
   N-channel 40 V, 2.2 m廓 logic level MOSFET in SOT78
1 February 2013
PSMN1R9-40PL PHILIPS-PSMN1R9-40PL_15 Datasheet
263Kb / 13P
   N-channel 40 V, 1.7 m廓 logic level MOSFET in SOT78
1 February 2013
logo
Nexperia B.V. All right...
PSMN1R9-40PL NEXPERIA-PSMN1R9-40PL Datasheet
735Kb / 13P
   N-channel 40 V, 1.7 m廓 logic level MOSFET in SOT78
PSMN2R1-40PL NEXPERIA-PSMN2R1-40PL Datasheet
733Kb / 13P
   N-channel 40 V, 2.2 mΩ logic level MOSFET in SOT78
1 February 2013
logo
NXP Semiconductors
PSMN2R5-60PL NXP-PSMN2R5-60PL Datasheet
261Kb / 13P
   N-channel 60 V, 2.6 m廓 logic level MOSFET in SOT78
7 February 2013
PSMN2R5-60PL PHILIPS-PSMN2R5-60PL_15 Datasheet
261Kb / 13P
   N-channel 60 V, 2.6 m廓 logic level MOSFET in SOT78
27 February 2013
PSMN3R3-60PL NXP-PSMN3R3-60PL Datasheet
263Kb / 13P
   N-channel 60 V, 3.4 m廓 logic level MOSFET in SOT78
7 February 2013
PSMN4R2-60PL NXP-PSMN4R2-60PL Datasheet
262Kb / 13P
   N-channel 60 V, 3.9 m廓 logic level MOSFET in SOT78
5 February 2013
BUK9Y12-40E NXP-BUK9Y12-40E Datasheet
326Kb / 13P
   N-channel 40 V, 12 m廓 logic level MOSFET in LFPAK56
14 February 2013
logo
Nexperia B.V. All right...
BUK9M52-40E NEXPERIA-BUK9M52-40E Datasheet
725Kb / 13P
   N-channel 40 V, 52 m廓 logic level MOSFET in LFPAK33
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com