Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJF6668 Datasheet(PDF) 4 Page - Motorola, Inc

Part # MJF6668
Description  COMPLEMENTARY SILICON POWER DARLINGTONS 10 AMPERES 100 VOLTS 40 WATTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJF6668 Datasheet(HTML) 4 Page - Motorola, Inc

  MJF6668 Datasheet HTML 1Page - Motorola, Inc MJF6668 Datasheet HTML 2Page - Motorola, Inc MJF6668 Datasheet HTML 3Page - Motorola, Inc MJF6668 Datasheet HTML 4Page - Motorola, Inc MJF6668 Datasheet HTML 5Page - Motorola, Inc MJF6668 Datasheet HTML 6Page - Motorola, Inc MJF6668 Datasheet HTML 7Page - Motorola, Inc MJF6668 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MJF6388 MJF6668
4
Motorola Bipolar Power Transistor Device Data
t, TIME (ms)
0.01
0.01
0.05
1
2
5
10
20
50
500
100K
0.1
0.5
0.2
1
0.2
0.1
0.05
R
θJC(t) = r(t) RθJC
R
θJC = °C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) R
θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
SINGLE PULSE
Figure 5. Thermal Response
0.5
D = 0.5
0.3
0.03
0.02
0.02
100 200
3
30
0.3
300
1K
2K
5K
10K 20K
50K
3K
30K
0.2
0.1
0.05
TC, CASE TEMPERATURE (°C)
0
40
120
160
0.6
SECOND BREAKDOWN
DERATING
1
0.8
0.4
0.2
60
100
140
80
THERMAL
DERATING
20
Figure 6. Maximum Power Derating
There are two limitations on the power handling ability of a
transistor: average junction temperature and second break-
down. Safe operating area curves indicate IC – VCE limits of
the transistor that must be observed for reliable operation;
i.e., the transistor must not be subjected to greater dissipa-
tion than the curves indicate.
The data of Figure 4 is based on TJ(pk) = l50_C; TC is
variable depending on conditions. Secondary breakdown
pulse limits are valid for duty cycles to 10% provided TJ(pk)
< 150
_C. TJ(pk) may be calculated from the data in Figure 5.
At high case temperatures, thermal limitations will reduce the
power that can be handled to values less than the limitations
imposed by secondary breakdown.
Figure 7. Typical Small–Signal Current Gain
f, FREQUENCY (kHz)
TC = 25°C
VCE = 4 Vdc
IC = 3 Adc
10,000
200
100
1000
500
300
10
30
2000
3000
5000
1
1000
50
10
5
100
500
2
20
200
20
50
f, FREQUENCY (kHz)
10,000
200
100
1000
500
10
2000
5000
1
1000
50
10
5
100
500
2
20
200
20
50
NPN
MJF6388
PNP
MJF6668
TC = 25°C
VCE = 4 VOLTS
IC = 3 AMPS
3
30
300
70
7


Similar Part No. - MJF6668

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJF6668 ONSEMI-MJF6668 Datasheet
338Kb / 8P
   COMPLEMENTARY SILICON POWER DARLINGTONS
REV 3
MJF6668 ONSEMI-MJF6668 Datasheet
159Kb / 8P
   COMPLEMENTARY SILICON POWER DARLINGTONS 10 AMPERES 100 VOLTS, 40 WATTS
April, 2006 ??Rev. 8
MJF6668 ONSEMI-MJF6668 Datasheet
158Kb / 8P
   Complementary Power Darlingtons
September, 2008 ??Rev. 10
MJF6668 ONSEMI-MJF6668 Datasheet
196Kb / 8P
   Complementary Power Darlingtons
September, 2013 ??Rev. 11
MJF6668G ONSEMI-MJF6668G Datasheet
159Kb / 8P
   COMPLEMENTARY SILICON POWER DARLINGTONS 10 AMPERES 100 VOLTS, 40 WATTS
April, 2006 ??Rev. 8
More results

Similar Description - MJF6668

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJF6388 ONSEMI-MJF6388_06 Datasheet
159Kb / 8P
   COMPLEMENTARY SILICON POWER DARLINGTONS 10 AMPERES 100 VOLTS, 40 WATTS
April, 2006 ??Rev. 8
BDV65B ONSEMI-BDV65B Datasheet
105Kb / 6P
   DARLINGTONS 10 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 8
logo
Motorola, Inc
MJF3055 MOTOROLA-MJF3055 Datasheet
156Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS 10 AMPERES 90 VOLTS 30 WATTS
MJW21192 MOTOROLA-MJW21192 Datasheet
150Kb / 8P
   8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 150 VOLTS 100 WATTS
BUH100 MOTOROLA-BUH100 Datasheet
474Kb / 10P
   POWER TRANSISTOR 10 AMPERES 700 VOLTS 100 WATTS
logo
ON Semiconductor
BUH100 ONSEMI-BUH100 Datasheet
474Kb / 10P
   POWER TRANSISTOR 10 AMPERES 700 VOLTS 100 WATTS
logo
Rectron Semiconductor
D44H RECTRON-D44H Datasheet
189Kb / 4P
   10 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 60,80 VOLTS
logo
ON Semiconductor
MJW3281A ONSEMI-MJW3281A_06 Datasheet
74Kb / 6P
   15 AMPERES COMPLEMENTARY SILICON POWER TRANSISTORS 230 VOLTS 200 WATTS
January, 2006 ??Rev. 3
MJE15034 ONSEMI-MJE15034 Datasheet
64Kb / 6P
   4.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 350 VOLTS 50 WATTS
November, 2003 ??Rev. 2
MJE15032 ONSEMI-MJE15032_05 Datasheet
75Kb / 6P
   8.0 AMPERES POWER TRANSISTORS COMPLEMENTARY SILICON 250 VOLTS, 50 WATTS
June, 2005 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com