Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AON7422E Datasheet(PDF) 1 Page - Alpha & Omega Semiconductors

Part # AON7422E
Description  30V N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AON7422E Datasheet(HTML) 1 Page - Alpha & Omega Semiconductors

  AON7422E Datasheet HTML 1Page - Alpha & Omega Semiconductors AON7422E Datasheet HTML 2Page - Alpha & Omega Semiconductors AON7422E Datasheet HTML 3Page - Alpha & Omega Semiconductors AON7422E Datasheet HTML 4Page - Alpha & Omega Semiconductors AON7422E Datasheet HTML 5Page - Alpha & Omega Semiconductors AON7422E Datasheet HTML 6Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AON7422E
30V N-Channel MOSFET
General Description
Product Summary
VDS
ID (at VGS=10V)
40A
RDS(ON) (at VGS=10V)
< 4.3m
RDS(ON) (at VGS=4.5V)
< 6.0m
ESD protected
100% UIS Tested
100% Rg Tested
Symbol
VDS
VGS
IDM
IAS, IAR
EAS, EAR
TJ, TSTG
Symbol
t ≤ 10s
Steady-State
Steady-State
RθJC
TC=25°C
3.1
14
TC=100°C
mJ
Maximum Junction-to-Ambient
A
°C/W
RθJA
30
60
40
Parameter
Typ
Max
Units
Junction and Storage Temperature Range
-55 to 150
°C
Thermal Characteristics
The AON7422E combines advanced trench MOSFET
technology with a low resistance package to provide
extremely low RDS(ON). This device is ideal for load switch
and battery protection applications.
V
Maximum
Units
Parameter
Absolute Maximum Ratings TA=25°C unless otherwise noted
30V
A
45
Drain-Source Voltage
30
V
±20
Gate-Source Voltage
200
Pulsed Drain Current
C
Continuous Drain
Current
G
Avalanche Current
C
16
Continuous Drain
Current
101
20
Avalanche energy L=0.1mH
C
A
TA=25°C
IDSM
A
TA=70°C
ID
40
31
TC=25°C
TC=100°C
Power Dissipation
B
PD
W
Power Dissipation
A
PDSM
W
TA=70°C
36
2
TA=25°C
Maximum Junction-to-Case
°C/W
°C/W
Maximum Junction-to-Ambient
A D
2.8
75
3.4
G
D
S
Top View
1
2
3
4
8
7
6
5
DFN 3x3 EP
Top View
Bottom View
Pin 1
Rev 0: Feb. 2011
www.aosmd.com
Page 1 of 6


Similar Part No. - AON7422E

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AON7422 AOSMD-AON7422 Datasheet
256Kb / 6P
   N-Channel Enhancement Mode Field Effect Transistor
AON7422G AOSMD-AON7422G Datasheet
260Kb / 6P
   RoHS and Halogen-Free Compliant
logo
VBsemi Electronics Co.,...
AON7422L VBSEMI-AON7422L Datasheet
1Mb / 8P
   N-Channel 30 V (D-S) MOSFET
More results

Similar Description - AON7422E

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4304 AOSMD-AO4304 Datasheet
537Kb / 6P
   30V N-Channel MOSFET
AO4772 AOSMD-AO4772 Datasheet
294Kb / 6P
   30V N-Channel MOSFET
AO4476A AOSMD-AO4476A Datasheet
371Kb / 6P
   30V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com