Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS612PNB184KSZ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # MS612PNB184KSZ
Description  High-Reliability Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MS612PNB184KSZ Datasheet(HTML) 1 Page - Coilcraft lnc.

  MS612PNB184KSZ Datasheet HTML 1Page - Coilcraft lnc. MS612PNB184KSZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1102 Silver Lake Road
Cary IL 60013
Phone
Fax
800-981-0363
847-639-1508
E-mail
Web
cps@coilcraft.com
www.coilcraft-cps.com
®
© Coilcraft, Inc. 2011
Specifications subject to change without notice.
Please check our website for latest information.
1278 POWER INDUCTORS
Document MS598-1 Revised 08/02/11
High-Reliability Power Inductors MS612PNB
Core material Ferrite
Terminations Tin-lead (63/37) over tin over nickel over phos bronze.
Weight: 3.8 g – 4.6 g
Ambient temperature –55°C to +105°C with Irms current, +105°C
to +155°C with derated current
Storage temperature Component: –55C to +155°C.
Tape and reel packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Enhanced crush-resistant packaging 500/13
″ reel;
Plastic tape: 24 mm wide, 0.4 mm thick, 16 mm pocket spacing,
8.1 mm pocket depth
High current, low DCR shielded power inductors
High temperature materials allow operation in ambient
temperatures up to 155°C.
Tin-lead (Sn-Pb) terminations for the best possible board
adhesion
DCR3
SRF4
Isat (A)5
Irms (A)6
Inductance2
(mOhms)
(MHz)
10% 20% 30% 20°C 40°C
Part number1
(µH)
typ
max
min typ
drop drop drop rise rise
MS612PNB102NSZ
1.0 ±30%
6.3
7.0 80
115
31.84 35.04 36.84 7.1 10.1
MS612PNB142NSZ
1.4 ±30%
8.8
9.8 60
85
25.04 27.76 29.52 6.8
9.8
MS612PNB222NSZ
2.2 ±30%
9.4
10.5 42
60
22.56 24.80 25.96 6.3
9.2
MS612PNB272NSZ
2.7 ±30%
10.1
11.3 28
40
18.76 20.72 22.04 6.1
8.6
MS612PNB392NSZ
3.9 ±30%
11.7
13.0 25
35
16.52 18.24 19.20 5.7
7.7
MS612PNB472MSZ
4.7 ±20%
13.9
15.5 23
33
15.30 16.90 17.76 4.3
6.2
MS612PNB562MSZ
5.6 ±20%
15.7
17.5 21
30
13.38 14.86 15.74 4.3
6.2
MS612PNB682MSZ
6.8 ±20%
19.1
21.3 16
23
12.10 13.56 14.20 4.2
6.0
MS612PNB822MSZ
8.2 ±20%
20.3
22.6 14
20
11.38 12.60 13.28 4.1
5.9
MS612PNB103MSZ
10 ±20%
21.8
24.3 12
17
10.62 11.82 12.48 4.0
5.7
MS612PNB123MSZ
12 ±20%
23.2
25.8 11
15
8.90 9.88 10.44 3.7
5.2
MS612PNB153MSZ
15 ±20%
27.9
31.0
9.0 13
8.36 9.32 9.94 3.5
4.9
MS612PNB183MSZ
18 ±20%
30.8
34.3
8.4 12
8.00 8.88 9.36 3.0
4.5
MS612PNB223MSZ
22 ±20%
35.5
39.5
7.7 11
7.08 7.88 8.34 2.9
4.0
MS612PNB273MSZ
27 ±20%
45.0
50.0
7.0 10
6.32 7.08 7.54 2.6
3.6
MS612PNB333MSZ
33 ±20%
61.9
68.8
6.6
9.5
5.96 6.56 6.98 2.3
3.1
MS612PNB393MSZ
39 ±20%
69.1
76.8
6.0
8.5
5.38 5.94 6.28 2.1
3.0
MS612PNB473MSZ
47 ±20%
72.3
80.4
5.3
7.5
4.76 5.40 5.66 2.0
2.9
MS612PNB563MSZ
56 ±20%
80.2
89.2
4.9
7.0
4.40 4.98 5.30 1.9
2.7
MS612PNB683MSZ
68 ±20%
91.3 101.5
4.6
6.5
3.92 4.46 4.74 1.8
2.6
MS612PNB823MSZ
82 ±20%
125.9 139.9
3.5
5.0
3.66 4.08 4.38 1.6
2.3
MS612PNB104MSZ 100 ±20%
135.1 150.2
3.1
4.5
3.12 3.56 3.78 1.5
2.2
MS612PNB124KSZ 120 ±10%
182.3 202.6
3.0
4.3
3.02 3.36 3.58 1.4
1.9
MS612PNB154KSZ 150 ±10%
216.5 240.6
2.9
4.1
2.60 2.94 3.10 1.3
1.8
MS612PNB184KSZ 180 ±10%
229.0 254.5
2.8
4.0
2.36 2.68 2.84 1.2
1.7
MS612PNB224KSZ 220 ±10%
323.6 359.6
2.4
3.4
2.24 2.50 2.62 1.0
1.6
MS612PNB274KSZ 270 ±10%
415.6 461.8
2.2
3.1
1.94 2.18 2.34 0.90 1.2
MS612PNB334KSZ 330 ±10%
487.3 541.5
2.0
2.9
1.72 1.92 2.06 0.80 1.0
MS612PNB394KSZ 390 ±10%
533.6 592.9
1.9
2.7
1.62 1.82 1.92 0.75 1.0
MS612PNB474KSZ 470 ±10%
707.5 786.2
1.6
2.2
1.44 1.64 1.74 0.66 0.90
MS612PNB564KSZ 560 ±10%
777.4 863.8
1.4
2.0
1.40 1.54 1.66 0.60 0.80
MS612PNB684KSZ 680 ±10% 1045 1162
1.2
1.7
1.24 1.32 1.46 0.55 0.75
MS612PNB824KSZ 820 ±10% 1166 1296
1.0
1.4
1.14 1.28 1.42 0.50 0.70
MS612PNB105KSZ 1000 ±10% 1334 1482
0.90 1.3
0.982 1.08 1.18 0.48 0.68
1. When ordering, please specify
testing code:
MS612PNB105KSZ
Testing: Z = COTS
H = Screening per Coilcraft
CP-SA-10001
N = Screening per Coilcraft
CP-SA-10004
2. Inductance tested at 100 kHz, 0.1 Vrms,
0 Adc using an Agilent/HP 4263B LCR
meter or equivalent.
3. DCR measured on a micro-ohmmeter and a
Coilcraft CCF858 test fixture.
4. SRF measured using an Agilent/HP 8753D
network analyzer.
5. Typical DC current at which the inductance
drops the specified amount from its value
without current.
6. Typical current that causes the specified
temperature rise from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount
Components” before soldering.


Similar Part No. - MS612PNB184KSZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MS612PND COILCRAFT-MS612PND Datasheet
578Kb / 3P
   High Reliability Coupled Inductors
More results

Similar Description - MS612PNB184KSZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MS433PZA COILCRAFT-MS433PZA Datasheet
271Kb / 2P
   High Reliability Power Inductors
MS483PYA COILCRAFT-MS483PYA Datasheet
245Kb / 3P
   High Reliability Power Inductors
ML486PJB COILCRAFT-ML486PJB Datasheet
291Kb / 2P
   High-Reliability Power Inductors
ML512PYA COILCRAFT-ML512PYA Datasheet
292Kb / 3P
   High Reliability Power Inductors
MS512PJB COILCRAFT-MS512PJB Datasheet
324Kb / 2P
   High-Reliability Power Inductors
MS512PYA COILCRAFT-MS512PYA Datasheet
287Kb / 3P
   High Reliability Power Inductors
MS515PYA COILCRAFT-MS515PYA Datasheet
296Kb / 4P
   High-Reliability Power Inductors
MS558PTA COILCRAFT-MS558PTA Datasheet
270Kb / 2P
   High-Reliability Power Inductors
MS566PNB COILCRAFT-MS566PNB Datasheet
373Kb / 2P
   High-Reliability Power Inductors
ML563PKA COILCRAFT-ML563PKA Datasheet
699Kb / 2P
   High-Reliability Power Inductors
ML598PTA COILCRAFT-ML598PTA Datasheet
341Kb / 2P
   High-Reliability Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com