Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS566PNB105KSZ Datasheet(PDF) 1 Page - Coilcraft lnc.

Part # MS566PNB105KSZ
Description  High-Reliability Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COILCRAFT [Coilcraft lnc.]
Direct Link  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

MS566PNB105KSZ Datasheet(HTML) 1 Page - Coilcraft lnc.

  MS566PNB105KSZ Datasheet HTML 1Page - Coilcraft lnc. MS566PNB105KSZ Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
© Coilcraft, Inc. 2012
1102 Silver Lake Road
Cary, IL 60013
Phone 800-981-0363
Fax 847-639-1508
Email cps@coilcraft.com
www.coilcraft-cps.com
This product may not be used in medical or high
risk applications without prior Coilcraft approval.
Specifications subject to change without notice.
Please check our web site for latest information.
1246 POWER INDUCTORS
Document MS540-1 Revised 12/05/12
DCR3
SRF
Isat (A)5
Irms (A)6
Inductance2
(mOhms)
(MHz)4
10% 20% 30% 20°C 40°C
Part number1
(µH)
typ
max
min typ
drop drop drop rise rise
MS566PNB102MSZ
1.0 ±20%
5.6
6.3 70.0 100
18.14 20.64 22.24 6.00 8.00
MS566PNB152MSZ
1.5 ±20%
8.7
9.7 60.0 85.0 14.06 15.90 17.08 5.80 7.80
MS566PNB272MSZ
2.7 ±20%
10.3
11.5 49.0 70.0 11.66 13.16 14.16 5.00 6.80
MS566PNB332MSZ
3.3 ±20%
15.1
16.8 46.0 65.0
9.74 11.08 11.98 4.50 6.30
MS566PNB472MSZ
4.7 ±20%
19.1
21.3 30.0 42.0
8.62 9.70 10.42 4.40 6.00
MS566PNB562MSZ
5.6 ±20%
22.1
24.6 26.0 37.0
7.62 8.74 9.44 3.95 5.75
MS566PNB682MSZ
6.8 ±20%
24.9
27.7 23.0 33.0
7.38 8.36 9.00 3.70 5.20
MS566PNB822MSZ
8.2 ±20%
27.4
30.5 22.0 31.0
6.84 7.70 8.32 3.35 4.67
MS566PNB103MSZ
10 ±20%
36.8
40.9 19.0 27.0
5.88 6.66 7.18 2.85 3.90
MS566PNB123MSZ
12 ±20%
38.9
43.3 17.0 24.0
5.34 6.04 6.52 2.69 3.65
MS566PNB153MSZ
15 ±20%
48.6
54.1 15.0 22.0
4.68 5.36 5.78 2.50 3.40
MS566PNB183MSZ
18 ±20%
51.0
56.7 13.0 19.0
4.32 4.92 5.32 2.41 3.19
MS566PNB223MSZ
22 ±20%
60.3
67.0 12.6 18.0
3.84 4.34 4.75 2.30 3.14
MS566PNB273MSZ
27 ±20%
67.5
75.0 11.2 16.0
3.54 4.02 4.32 2.06 2.86
MS566PNB333MSZ
33 ±20%
81.7
90.8 10.5 15.0
3.24 3.66 3.96 1.90 2.60
MS566PNB393MSZ
39 ±20%
95.2 105.8
9.3 13.3
3.04 3.46 3.72 1.73 2.39
MS566PNB473MSZ
47 ±20%
120.6 134.0
8.4 12.0
2.70 3.08 3.34 1.50 2.10
MS566PNB563MSZ
56 ±20%
133.8 148.7
7.4 10.6
2.46 2.80 3.02 1.44 2.01
MS566PNB683MSZ
68 ±20%
167.3 185.9
6.8
9.7
2.26 2.54 2.74 1.30 1.80
MS566PNB823MSZ
82 ±20%
188.5 209.5
6.2
8.8
1.98 2.26 2.46 1.24 1.72
MS566PNB104MSZ 100 ±20%
216.8 240.9
5.6
8.0
1.84 2.08 2.24 1.19 1.65
MS566PNB124KSZ 120 ±10%
287.2 319.2
5.0
7.2
1.62 1.86 2.04 1.03 1.42
MS566PNB154KSZ 150 ±10%
326.7 363.0
4.6
6.6
1.48 1.70 1.82 0.95 1.30
MS566PNB184KSZ 180 ±10%
379.5 421.7
4.1
5.9
1.36 1.56 1.68 0.89 1.21
MS566PNB224KSZ 220 ±10%
488.2 542.5
3.7
5.3
1.22 1.38 1.50 0.76 1.00
MS566PNB274KSZ 270 ±10%
560.1 622.4
3.3
4.7
1.12 1.26 1.36 0.72 0.95
MS566PNB334KSZ 330 ±10%
731.4 812.7
2.9
4.1
1.00 1.10 1.20 0.65 0.87
MS566PNB394KSZ 390 ±10%
813.7 904.2
2.7
3.8
0.946 1.00 1.10 0.59 0.79
MS566PNB474KSZ 470 ±10%
935.1 1039
2.5
3.5
0.864 0.978 1.00 0.56 0.76
MS566PNB564KSZ 560 ±10% 1193 1326
2.1
3.0
0.776 0.884 0.956 0.50 0.67
MS566PNB684KSZ 680 ±10% 1370 1523
2.0
2.8
0.720 0.818 0.882 0.46 0.62
MS566PNB824KSZ 820 ±10% 1590 1767
1.8
2.6
0.634 0.728 0.792 0.43 0.58
MS566PNB105KSZ 1000 ±10% 2090 2323
1.7
2.4
0.594 0.676 0.728 0.36 0.50
High-Reliability Power Inductors MS566PNB
Core material Ferrite
Terminations Tin-lead (63/37) over tin over nickel over phos bronze.
Weight: 2.3 g – 2.5 g
Ambient temperature –55°C to +105°C with Irms current, +105°C
to +155°C with derated current
Storage temperature Component: –55°C to +155°C.
Packaging: –55°C to +80°C
Resistance to soldering heat Max three 40 second reflows at
+260°C, parts cooled to room temperature between cycles
Moisture Sensitivity Level (MSL) 1 (unlimited floor life at <30°C /
85% relative humidity)
Enhanced crush-resistant packaging 200/7
″ reel
Plastic tape: 24 mm wide, 0.35 mm thick, 16 mm pocket spacing,
4.7mm pocket depth
High current, low DCR shielded power inductors
High temperature materials allow operation in ambient
temperatures up to 155°C.
Tin-lead (Sn-Pb) terminations for the best possible board
adhesion
1. When ordering, please specify
testing code:
MS566PNB105KSZ
Testing: Z = COTS
H = Screening per Coilcraft
CP-SA-10001
N = Screening per Coilcraft
CP-SA-10004
2. Inductance measured at 100 kHz, 0.1
Vrms, 0 Adc using a Coilcraft SMD-A
fixture in an Agilent/HP 4263B LCR meter
or equivalent.
3. DCR measured on a micro-ohmmeter and
a Coilcraft CCF858 test fixture.
4. SRF measured using an Agilent/HP 8753D
network analyzer.
5. DC current at which the inductance drops
the specified amount from its value without
current.
6. Current that causes the specified tempera-
ture rise from 25°C ambient.
7. Electrical specifications at 25°C.
Refer to Doc 362 “Soldering Surface Mount
Components” before soldering.


Similar Part No. - MS566PNB105KSZ

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
MS5607-02BA03 TEC-MS5607-02BA03 Datasheet
472Kb / 20P
   Barometric Pressure Sensor, with stainless steel cap
MS5611-01BA03 TEC-MS5611-01BA03 Datasheet
572Kb / 22P
   Barometric Pressure Sensor, with stainless steel cap
logo
Coilcraft lnc.
MS561RAU COILCRAFT-MS561RAU Datasheet
593Kb / 3P
   High-Reliability Air Core Inductors
MS561RAU111MSZ COILCRAFT-MS561RAU111MSZ Datasheet
593Kb / 3P
   High-Reliability Air Core Inductors
MS561RAU141MSZ COILCRAFT-MS561RAU141MSZ Datasheet
593Kb / 3P
   High-Reliability Air Core Inductors
More results

Similar Description - MS566PNB105KSZ

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MS433PZA COILCRAFT-MS433PZA Datasheet
271Kb / 2P
   High Reliability Power Inductors
MS483PYA COILCRAFT-MS483PYA Datasheet
245Kb / 3P
   High Reliability Power Inductors
ML486PJB COILCRAFT-ML486PJB Datasheet
291Kb / 2P
   High-Reliability Power Inductors
ML512PYA COILCRAFT-ML512PYA Datasheet
292Kb / 3P
   High Reliability Power Inductors
MS512PJB COILCRAFT-MS512PJB Datasheet
324Kb / 2P
   High-Reliability Power Inductors
MS512PYA COILCRAFT-MS512PYA Datasheet
287Kb / 3P
   High Reliability Power Inductors
MS515PYA COILCRAFT-MS515PYA Datasheet
296Kb / 4P
   High-Reliability Power Inductors
MS558PTA COILCRAFT-MS558PTA Datasheet
270Kb / 2P
   High-Reliability Power Inductors
ML563PKA COILCRAFT-ML563PKA Datasheet
699Kb / 2P
   High-Reliability Power Inductors
ML598PTA COILCRAFT-ML598PTA Datasheet
341Kb / 2P
   High-Reliability Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com